Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TL499ACPSR Fiches technique(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No de pièce TL499ACPSR
Description  Wide-Range Power-Supply Controllers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TL499ACPSR Fiches technique(HTML) 5 Page - Texas Instruments

  TL499ACPSR Datasheet HTML 1Page - Texas Instruments TL499ACPSR Datasheet HTML 2Page - Texas Instruments TL499ACPSR Datasheet HTML 3Page - Texas Instruments TL499ACPSR Datasheet HTML 4Page - Texas Instruments TL499ACPSR Datasheet HTML 5Page - Texas Instruments TL499ACPSR Datasheet HTML 6Page - Texas Instruments TL499ACPSR Datasheet HTML 7Page - Texas Instruments TL499ACPSR Datasheet HTML 8Page - Texas Instruments TL499ACPSR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
0.700
0.750
0.800
0.850
0.900
0.950
1.000
1.050
1.100
1.150
1.200
±20
±5
10
25
40
55
70
85
Temperature (C)
I = 0.5 A
I = 1.0 A
C001
0.310
0.320
0.330
0.340
0.350
0.360
0.370
0.380
±20
±5
10
25
40
55
70
85
Temperature (C)
SW IN = 1.1 V
SW IN = 3.0 V
C001
TL499A
www.ti.com
SLVS029H – JANUARY 1984 – REVISED NOVEMBER 2015
6.6 Typical Characteristics
Figure 1. Switch Saturation Voltage vs Temperature
Figure 2. Diode Forward Voltage vs Temperature
Copyright © 1984–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TL499A


Numéro de pièce similaire - TL499ACPSR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TL499ACPSR TI-TL499ACPSR Datasheet
195Kb / 10P
[Old version datasheet]   WIDE-RANGE POWER-SUPPLY CONTROLLERS
TL499ACPSRE4 TI-TL499ACPSRE4 Datasheet
195Kb / 10P
[Old version datasheet]   WIDE-RANGE POWER-SUPPLY CONTROLLERS
More results

Description similaire - TL499ACPSR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TL499A TI-TL499A Datasheet
114Kb / 8P
[Old version datasheet]   WIDE-RANGE POWER-SUPPLY CONTROLLERS
TL499A TI-TL499A_15 Datasheet
544Kb / 13P
[Old version datasheet]   WIDE-RANGE POWER-SUPPLY CONTROLLERS
TL499A TI-TL499A_06 Datasheet
195Kb / 10P
[Old version datasheet]   WIDE-RANGE POWER-SUPPLY CONTROLLERS
logo
SHANGHAI BELLING CO., L...
BL1532TQFN BELLING-BL1532TQFN Datasheet
276Kb / 12P
   Wide Power Supply Range
BL1554 BELLING-BL1554 Datasheet
312Kb / 6P
   Wide Power Supply Range
logo
Rohm
BD28620MUV ROHM-BD28620MUV Datasheet
1Mb / 49P
   Wide power supply voltage range
logo
STMicroelectronics
AN1842 STMICROELECTRONICS-AN1842 Datasheet
823Kb / 17P
   60W WIDE-RANGE POWER SUPPLY
logo
Maxim Integrated Produc...
MAX1739 MAXIM-MAX1739 Datasheet
444Kb / 26P
   Wide Brightness Range CCFL Backlight Controllers
Rev 1; 3/01
logo
Advanced Monolithic Sys...
AMS393 AMS-AMS393 Datasheet
395Kb / 6P
   Wide supply voltage range
logo
Micross Components
AS2111 MICROSS-AS2111 Datasheet
319Kb / 7P
   Wide operating supply range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com