Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TLP598GA Fiches technique(PDF) 2 Page - Toshiba Semiconductor

No de pièce TLP598GA
Description  Telecommunication Data Acquisition Measurement Instrumentation
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP598GA Fiches technique(HTML) 2 Page - Toshiba Semiconductor

  TLP598GA_14 Datasheet HTML 1Page - Toshiba Semiconductor TLP598GA_14 Datasheet HTML 2Page - Toshiba Semiconductor TLP598GA_14 Datasheet HTML 3Page - Toshiba Semiconductor TLP598GA_14 Datasheet HTML 4Page - Toshiba Semiconductor TLP598GA_14 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TLP598GA
2014-09-22
2
Absolute Maximum Ratings (Ta = 25°C)
Characteristic
Symbol
Rating
Unit
Forward current
IF
30
mA
Forward current derating (Ta ≥ 25°C)
∆IF / °C
−0.3
mA / °C
Peak forward current (100 μs pulse, 100 pps)
IFP
1
A
Reverse voltage
VR
5
V
Junction temperature
Tj
125
°C
Off
−state output terminal voltage
VOFF
400
V
On
−state RMS current
A connection
ION
150
mA
B connection
200
C connection
300
On
−state current derating (Ta ≥ 25°C)
A connection
∆ION / °C
−1.5
mA / °C
B connection
−2.0
C connection
−3.0
Junction temperature
Tj
125
°C
Storage temperature range
Tstg
−55 to 125
°C
Operating temperature range
Topr
−40 to 85
°C
Lead soldering temperature (10 s)
Tsol
260
°C
Isolation voltage (AC, 1 minute, R.H. ≤ 60%)
(Note 2)
BVS
2500
Vrms
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if
the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
(Note 2): Device considered a two
−terminal device: Pins 1, 2 and 3 shorted together, and pins 4, 5 and 6 shorted
together.
Recommended Operating Conditions
Characteristic
Symbol
Min
Typ.
Max
Unit
Supply voltage
VDD
320
V
Forward current
IF
5
7.5
20
mA
On
−state current (A connection)
ION
150
mA
Operating temperature
Topr
−20
80
°C
Note: Recommended operating conditions are given as a design guideline to obtain expected performance of the
device. Additionally, each item is an independent guideline respectively. In developing designs using this
product, please confirm specified characteristics shown in this document.
Circuit Connections
A connection
B connection
C connection
1
2
3
6
5
4
LOAD
AC
DC
or
1
2
3
6
5
4
LOAD
DC
1
2
3
6
5
4
LOAD
DC


Numéro de pièce similaire - TLP598GA_14

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TLP598GA TOSHIBA-TLP598GA Datasheet
155Kb / 5P
   Measurement Instrumentation
More results

Description similaire - TLP598GA_14

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TLP599B TOSHIBA-TLP599B Datasheet
183Kb / 5P
   Telecommunication Data Acquisition Measurement Instrumentation
TLP798GA TOSHIBA-TLP798GA_14 Datasheet
181Kb / 5P
   Telecommunication Data Acquisition Measurement Instrumentation
TLP597A TOSHIBA-TLP597A Datasheet
134Kb / 6P
   TELECOMMUNICATION DATA ACQUISITION MEASUREMENT INSTRUMENTATION
TLP599A TOSHIBA-TLP599A Datasheet
143Kb / 5P
   Telecommunication Data Acquisit Measurement Instrumentation
TLP4206G TOSHIBA-TLP4206G Datasheet
151Kb / 6P
   PBX Telecommunication Modem짰AX Cards, Modems In PC Measurement Instrumentation
logo
Analog Devices
AD522 AD-AD522_02 Datasheet
451Kb / 4P
   High Accuracy Data Acquisition Instrumentation Amplifier
REV. A
AD522 AD-AD522_17 Datasheet
483Kb / 5P
   High Accuracy Data Acquisition Instrumentation Amplifier
logo
Toshiba Semiconductor
TLP4597G TOSHIBA-TLP4597G Datasheet
184Kb / 6P
   PBX Telecommunication Modem FAX Cards, Modems In PC Measurement Instrumentation
logo
Analog Devices
AD522 AD-AD522 Datasheet
292Kb / 4P
   High Accuracy Data Acquisition Instrumentation Amplifier
AD522 AD-AD522_15 Datasheet
455Kb / 4P
   HIGH ACCURACY DATA ACQUISITION INSTRUMENTATION AMPLIFIER
REV. A
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com