Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TLP597GA Fiches technique(PDF) 3 Page - Toshiba Semiconductor

No de pièce TLP597GA
Description  Cordless Telephone PBX Modem
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP597GA Fiches technique(HTML) 3 Page - Toshiba Semiconductor

  TLP597GA_14 Datasheet HTML 1Page - Toshiba Semiconductor TLP597GA_14 Datasheet HTML 2Page - Toshiba Semiconductor TLP597GA_14 Datasheet HTML 3Page - Toshiba Semiconductor TLP597GA_14 Datasheet HTML 4Page - Toshiba Semiconductor TLP597GA_14 Datasheet HTML 5Page - Toshiba Semiconductor TLP597GA_14 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TLP597GA
2014-09-01
3
Individual Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
LED
Forward voltage
VF
IF = 10 mA
1.0
1.15
1.3
V
Reverse current
IR
VR = 5 V
10
μA
Capacitance
CT
V = 0, f = 1 MHz
30
pF
Detector
Off-state current
IOFF
VOFF = 400 V
1
μA
Capacitance
COFF
V = 0, f = 1 MHz
70
pF
Coupled Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Trigger LED current
IFT
ION = 120 mA
1
3
mA
Return LED current
IFC
IOFF = 100 μA
0.1
mA
On-state
resistance
A connection
RON
ION = 120 mA, IF = 5 mA
17
35
ION = 20 to 120 mA, IF = 5 mA
20
40
B connection
ION = 120 mA, IF = 5 mA
11
20
C connection
ION = 240 mA, IF = 5 mA
6
Isolation Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Capacitance input to output
CS
VS = 0 V, f = 1 MHz
0.8
pF
Isolation resistance
RS
VS = 500 V, R.H. ≤ 60%
5 × 10
10
10
14
Isolation voltage
BVS
AC, 1 minute
2500
Vrms
AC, 1 second (in oil)
5000
DC, 1 minute (in oil)
5000
Vdc
Switching Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Turn-on time
tON
RL = 200 Ω
(Note 2)
VDD = 20 V, IF = 5 mA
0.3
1
ms
Turn-off time
tOFF
0.1
1
ms
Note 2: Switching time test circuit
VOUT
IF
tON
tOFF
90%
10%
VDD
RL
2
1
IF
4
6
VOUT


Numéro de pièce similaire - TLP597GA_14

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TLP597GA TOSHIBA-TLP597GA Datasheet
164Kb / 6P
   Photo Relay
More results

Description similaire - TLP597GA_14

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TLP797GA TOSHIBA-TLP797GA_14 Datasheet
136Kb / 5P
   Cordless Telephone PBX MODEM
TLP597G TOSHIBA-TLP597G_14 Datasheet
210Kb / 6P
   Cordless Telephone PBX Modem
TLP227A TOSHIBA-TLP227A Datasheet
133Kb / 6P
   CORDLESS TELEPHONE PBX MODEM
TLP227G TOSHIBA-TLP227G Datasheet
74Kb / 4P
   CORDLESS TELEPHONE PBX MODEM
TLP222G TOSHIBA-TLP222G Datasheet
138Kb / 6P
   Cordless Telephones PBX Modems
TLP222G TOSHIBA-TLP222G_14 Datasheet
255Kb / 6P
   Cordless Telephones PBX Modems
TLP797GA TOSHIBA-TLP797GA_07 Datasheet
130Kb / 5P
   Cordless Telephone
TLP597G TOSHIBA-TLP597G_07 Datasheet
183Kb / 6P
   Cordless Telephone
logo
OKI electronic componet...
MSM7557 OKI-MSM7557 Datasheet
153Kb / 25P
   Single Chip MSK Modem with Compandor for Cordless Telephone
MSM7532 OKI-MSM7532 Datasheet
154Kb / 21P
   Single Chip MSK Modem with Compandor for Cordless Telephone
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com