Moteur de recherche de fiches techniques de composants électroniques |
|
TLP220G Fiches technique(PDF) 2 Page - Toshiba Semiconductor |
|
TLP220G Fiches technique(HTML) 2 Page - Toshiba Semiconductor |
2 / 8 page TLP220G 2 5. 5. 5. 5. Internal Circuit Internal Circuit Internal Circuit Internal Circuit Fig. Fig. Fig. Fig. 5.1 5.1 5.1 5.1 Internal Circuit Internal Circuit Internal Circuit Internal Circuit 6. 6. 6. 6. Mechanical Parameters Mechanical Parameters Mechanical Parameters Mechanical Parameters Characteristics Creepage distances Clearance distances Internal isolation thickness 7.62-mm Pitch TLP220G 7.0 (min) 7.0 (min) 0.4 (min) 10.16-mm Pitch TLP220GF 8.0 (min) 8.0 (min) 0.4 (min) Unit mm 7. 7. 7. 7. Absolute Maximum Ratings (Note) (Unless otherwise specified, T Absolute Maximum Ratings (Note) (Unless otherwise specified, T Absolute Maximum Ratings (Note) (Unless otherwise specified, T Absolute Maximum Ratings (Note) (Unless otherwise specified, Taaaa = 25 = 25 = 25 = 25 )))) LED Detector Common Characteristics Input forward current Input forward current derating Input forward current (pulsed) Input reverse voltage Input power dissipation Junction temperature OFF-state output terminal voltage ON-state current ON-state current derating ON-state current (pulsed) Output power dissipation Junction temperature Storage temperature Operating temperature Lead soldering temperature Isolation voltage (Ta ≥ 25) (100 µs pulse, 100 pps) (Ta ≥ 25) (t = 100 ms, Duty = 1/10) (10 s) AC, 1 min, R.H. ≤ 60% Symbol IF ∆IF/∆Ta IFP VR PD Tj VOFF ION ∆ION/∆Ta IONP PO Tj Tstg Topr Tsol BVS Note (Note 1) Rating 30 -0.3 1 5 50 125 350 100 -1.0 300 500 125 -55 to 125 -40 to 85 260 5000 Unit mA mA/ A V mW V mA mA/ mA mW Vrms Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum ratings. Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook ("Handling Precautions"/"Derating Concept and Methods") and individual reliability data (i.e. reliability test report and estimated failure rate, etc). Note 1: This device is considered as a two-terminal device: Pins 1 and 2 are shorted together, and pins 3 and 4 are shorted together. 2013-02-04 Rev.4.0 |
Numéro de pièce similaire - TLP220G |
|
Description similaire - TLP220G |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |