Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TLP4227G Fiches technique(PDF) 5 Page - Toshiba Semiconductor

No de pièce TLP4227G
Description  PBX Telecommunication Modem節쩎AX Cards, Modems In PC Measurement Instrumentation
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP4227G Fiches technique(HTML) 5 Page - Toshiba Semiconductor

  TLP4227G_14 Datasheet HTML 1Page - Toshiba Semiconductor TLP4227G_14 Datasheet HTML 2Page - Toshiba Semiconductor TLP4227G_14 Datasheet HTML 3Page - Toshiba Semiconductor TLP4227G_14 Datasheet HTML 4Page - Toshiba Semiconductor TLP4227G_14 Datasheet HTML 5Page - Toshiba Semiconductor TLP4227G_14 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
TLP4227G,TLP4227G-2
2014-09-22
5
Input current IF (mA)
tON, tOFF – IF
Ambient temperature Ta (°C)
IOFF – Ta
Ambient temperature Ta (°C)
tON, tOFF – Ta
VDD = 20 V, RL = 200 Ω
IF = 5 mA
0
−40
1200
100
80
60
40
20
0
−20
800
600
400
200
tON
tOFF
1000
30
1
2000
100
Ta
= 25°C
VDD = 20 V, RL = 200 Ω
tON
tOFF
1000
300
500
100
50
30
50
10
3
5
VOFF = 350 V
IF = 5 mA
0
20
60
100
40
1000
100
10
1
80


Numéro de pièce similaire - TLP4227G_14

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TLP4227G-2 TOSHIBA-TLP4227G-2 Datasheet
186Kb / 6P
   TOSHIBA Photocoupler Photorelay, PBX Telecommunication Modem짰AX Cards, Modems In PC Measurement Instrumentation
More results

Description similaire - TLP4227G_14

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TLP4597G TOSHIBA-TLP4597G Datasheet
184Kb / 6P
   PBX Telecommunication Modem FAX Cards, Modems In PC Measurement Instrumentation
TLP4176G TOSHIBA-TLP4176G Datasheet
178Kb / 6P
   PBX Telecommunication Modem FAX Cards, Modems In PC Measurement Instrumentation
TLP4197G TOSHIBA-TLP4197G_07 Datasheet
183Kb / 6P
   PBX Telecommunication Modem FAX Cards, Modems In PC Measurement Instrumentation
TLP4206G TOSHIBA-TLP4206G_07 Datasheet
179Kb / 6P
   PBX Telecommunication Modem FAX Cards, Modems In PC Measurement Instrumentation
TLP4206G TOSHIBA-TLP4206G Datasheet
151Kb / 6P
   PBX Telecommunication Modem짰AX Cards, Modems In PC Measurement Instrumentation
TLP4227G TOSHIBA-TLP4227G Datasheet
186Kb / 6P
   TOSHIBA Photocoupler Photorelay, PBX Telecommunication Modem짰AX Cards, Modems In PC Measurement Instrumentation
TLP170J TOSHIBA-TLP170J Datasheet
225Kb / 6P
   Modem - Fax Cards, Modems in PC
TLP176G TOSHIBA-TLP176G_14 Datasheet
217Kb / 7P
   Modems In PC Modem?묯ax Cards Telecommunications
TLP202G TOSHIBA-TLP202G_14 Datasheet
237Kb / 6P
   PC Card Modems PBX STB (Set Top Boxes) Measurement Equipment
TLP599B TOSHIBA-TLP599B Datasheet
183Kb / 5P
   Telecommunication Data Acquisition Measurement Instrumentation
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com