Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TLP202G Fiches technique(PDF) 3 Page - Toshiba Semiconductor

No de pièce TLP202G
Description  PC Card Modems PBX STB (Set Top Boxes) Measurement Equipment
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP202G Fiches technique(HTML) 3 Page - Toshiba Semiconductor

  TLP202G_14 Datasheet HTML 1Page - Toshiba Semiconductor TLP202G_14 Datasheet HTML 2Page - Toshiba Semiconductor TLP202G_14 Datasheet HTML 3Page - Toshiba Semiconductor TLP202G_14 Datasheet HTML 4Page - Toshiba Semiconductor TLP202G_14 Datasheet HTML 5Page - Toshiba Semiconductor TLP202G_14 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TLP202G
2014-09-01
3
Coupled Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Trigger LED current
IFT
ION = 110 mA
1
3
mA
Return LED current
IFC
IOFF = 100 μA
0.1
mA
On-state resistance
RON
ION = 110 mA, IF = 5 mA, t < 1 s
25
35
Ω
ION = 110 mA, IF = 5 mA
35
50
Isolation Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Capacitance input to output
CS
VS = 0 V, f = 1 MHz
0.8
pF
Isolation resistance
RS
VS = 500 V, R.H. <= 60%
5
× 10
10
10
14
Ω
Isolation voltage
BVS
AC, 1 minute
1500
Vrms
AC, 1 second, in oil
3000
DC, 1 minute, in oil
3000
Vdc
Switching Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Turn-on time
tON
RL = 200 Ω
VDD = 20 V, IF = 5 mA
(Note 2)
0.3
1
ms
Turn-off time
tOFF
0.1
1
Note 2: Switching time test circuit
8
tOFF
tON
10%
90%
VOUT
IF
1
VDD
VOUT
RL
7
2
IF


Numéro de pièce similaire - TLP202G_14

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TLP202G TOSHIBA-TLP202G_07 Datasheet
177Kb / 6P
   Measurement Equipment
More results

Description similaire - TLP202G_14

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TLP192G TOSHIBA-TLP192G Datasheet
139Kb / 6P
   Photocoupler Photorelay PC Card Modems PBX STB (Set Top Boxes) Measurement Equipment
logo
Pulse A Technitrol Comp...
CX6020NL PULSE-CX6020NL Datasheet
337Kb / 2P
   DIPLEXERS FOR CABLE MODEMS, SET TOP BOXES & HFC EQUIPMENT
logo
FSP TECHNOLOGY INC.
FSP036-RBCN2 FSP-FSP036-RBCN2 Datasheet
142Kb / 1P
   IPC systems, Set top boxes, Modems
logo
Toshiba Semiconductor
TLP4206G TOSHIBA-TLP4206G Datasheet
151Kb / 6P
   PBX Telecommunication Modem짰AX Cards, Modems In PC Measurement Instrumentation
TLP4176G TOSHIBA-TLP4176G Datasheet
178Kb / 6P
   PBX Telecommunication Modem FAX Cards, Modems In PC Measurement Instrumentation
logo
Pulse A Technitrol Comp...
C6026 PULSE-C6026 Datasheet
139Kb / 5P
   DIPLEXERS FOR CABLE MODEMS, SET TOP BOXES AND GATEWAYS
logo
Toshiba Semiconductor
TLP4597G TOSHIBA-TLP4597G Datasheet
184Kb / 6P
   PBX Telecommunication Modem FAX Cards, Modems In PC Measurement Instrumentation
TLP4197G TOSHIBA-TLP4197G_07 Datasheet
183Kb / 6P
   PBX Telecommunication Modem FAX Cards, Modems In PC Measurement Instrumentation
TLP4206G TOSHIBA-TLP4206G_07 Datasheet
179Kb / 6P
   PBX Telecommunication Modem FAX Cards, Modems In PC Measurement Instrumentation
TLP4227G TOSHIBA-TLP4227G_14 Datasheet
253Kb / 6P
   PBX Telecommunication Modem節쩎AX Cards, Modems In PC Measurement Instrumentation
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com