Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM3262 Fiches technique(PDF) 7 Page - Texas Instruments

No de pièce LM3262
Description  Adjustable, Step-Down DC-DC Converter With Auto Bypass
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LM3262 Fiches technique(HTML) 7 Page - Texas Instruments

Back Button LM3262_16 Datasheet HTML 3Page - Texas Instruments LM3262_16 Datasheet HTML 4Page - Texas Instruments LM3262_16 Datasheet HTML 5Page - Texas Instruments LM3262_16 Datasheet HTML 6Page - Texas Instruments LM3262_16 Datasheet HTML 7Page - Texas Instruments LM3262_16 Datasheet HTML 8Page - Texas Instruments LM3262_16 Datasheet HTML 9Page - Texas Instruments LM3262_16 Datasheet HTML 10Page - Texas Instruments LM3262_16 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 41 page
background image
SUPPLY VOLTAGE (V)
2.006
2.004
2.002
2.000
1.998
1.996
1.994
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
TA = +85°C
TA = +25°C
TA = -30°C
2.5
3.0
3.5
4.0
4.5
5.0
5.5
400
500
600
700
800
900
SUPPLY VOLTAGE (V)
VIN = 25°C
VIN = -40°C
VIN = 95°C
0.5
1.0
1.5
2.0
2.5
3.0
3.5
50
60
70
80
90
100
OUTPUT VOLTAGE (V)
VIN = 3.0V
VIN = 3.6V
VIN = 4.2V
-35
-15
5
25
45
65
85
105
20
21
22
23
24
25
26
27
AMBIENT TEMPERATURE (°C)
VIN = 3.0V
VIN = 3.6V
VIN = 4.2V
LM3262
www.ti.com
SNVS875O – AUGUST 2012 – REVISED DECEMBER 2015
6.8 Typical Characteristics
VIN = EN = 3.6 V, L = 0.5 µH, CIN = 10 µF, COUT = 4.7 µF and TA = 25°C, unless otherwise noted.
SW = VCON = EN = BPEN = 0V
VCON < 80 mV
EN = VIN
BPEN = 0
Figure 1. Shutdown Current vs Temperature
Figure 2. Sleep Mode Current vs Temperature
No Switching
FB = 1 V
VCON = 0.13 V
Closed Loop
Switching
No load
Figure 3. Quiescent Current vs Supply Voltage
Figure 4. ECO Mode Supply Current vs Output Voltage
VOUT = 2 V
RLOAD = 10 Ω
VOUT = 2 V
IOUT = 200 mA
Figure 6. Output Voltage vs Supply Voltage
Figure 5. Switching Frequency vs Temperature
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM3262


Numéro de pièce similaire - LM3262_16

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM3262 TI-LM3262_15 Datasheet
3Mb / 27P
[Old version datasheet]   LM3262 6MHz, 800 mA Miniature, Adjustable, Step-Down DC-DC Converter with Auto Bypass for RF Power Amplifiers
More results

Description similaire - LM3262_16

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM3242 TI1-LM3242_14 Datasheet
4Mb / 28P
[Old version datasheet]   6MHz, 750mA Miniature, Adjustable, Step-Down DC-DC Converter with Auto Bypass for RF Power Amplifiers
REVISED MARCH 2013
LM3262 TI-LM3262_15 Datasheet
3Mb / 27P
[Old version datasheet]   LM3262 6MHz, 800 mA Miniature, Adjustable, Step-Down DC-DC Converter with Auto Bypass for RF Power Amplifiers
logo
National Semiconductor ...
LM3200 NSC-LM3200_05 Datasheet
882Kb / 15P
   Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
logo
Texas Instruments
LM3204 TI1-LM3204 Datasheet
959Kb / 25P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
logo
National Semiconductor ...
LM3200 NSC-LM3200 Datasheet
885Kb / 15P
   Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
LM3204 NSC-LM3204 Datasheet
878Kb / 16P
   Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
logo
Texas Instruments
LM3204 TI1-LM3204_16 Datasheet
950Kb / 24P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
LM3200 TI1-LM3200 Datasheet
982Kb / 24P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
LM3262 TI1-LM3262 Datasheet
2Mb / 41P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
LM3205 TI1-LM3205_16 Datasheet
1Mb / 28P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com