Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M02097G-21 Fiches technique(PDF) 9 Page - M/A-COM Technology Solutions, Inc.

No de pièce M02097G-21
Description  3.3/5V LED Driver / Limiting Amplifier for Operation to 500 Mbps
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MA-COM [M/A-COM Technology Solutions, Inc.]
Site Internet  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M02097G-21 Fiches technique(HTML) 9 Page - M/A-COM Technology Solutions, Inc.

Back Button M02097G-21 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. M02097G-21 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. M02097G-21 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. M02097G-21 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. M02097G-21 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. M02097G-21 Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc. M02097G-21 Datasheet HTML 11Page - M/A-COM Technology Solutions, Inc. M02097G-21 Datasheet HTML 12Page - M/A-COM Technology Solutions, Inc. M02097G-21 Datasheet HTML 13Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
Product Specification
02097-DSH-001-C
Mindspeed Technologies
®
7
Preliiminary Information/Mindspeed Proprietary and Confidential
Table 1-8.
Circuit Response to Single-Point Fault Conditions on Driver Pins
Pin Name
Circuit Response to Over-voltage Condition or Short to
VCC
Circuit Response to Under-Voltage Condition or Short
to Ground
Config1-4
Does not affect output power (some conditions can selectively
enable/disable driver output).
Does not affect output power (some conditions can selectively
enable/disable driver output).
VCC
Outputs are disabled if VCC exceeds the VCC_okay (high level)
threshold. If so, FAIL will be asserted. (1)
Outputs are disabled if VCC voltage is below the VCC_okay (low
level) threshold. If so, FAIL will be asserted. (1)
VCC3T
Outputs are disabled if VCC3 exceeds the VCC3_okay (high level)
threshold. If so, FAIL will be asserted. (1)
Outputs are disabled if VCC3 voltage is below the VCC3_okay
(low level) threshold. If so, FAIL will be asserted. (1)
DINp, DINm
LED would remain in an optical one or zero condition.
LED would remain in an optical one or zero condition.
CPB
Pre-bias current is turned off. Does not affect LED operation.
A fault state occurs.(2)
FAIL
Does not affect LED operation.
Does not affect LED operation.
DIS
Bias and modulation outputs are disabled and SVCC is opened.
Does not affect LED operation (normal condition for circuit
operation).
MODSET
No modulation current.
A fault state occurs. (2)
PBSET
Pre-bias current is turned off. Does not affect LED power.
A fault state occurs. (2)
TCSTART
Modulation current may increase depending on operating
temperature and TCSLOPE setting.
Modulation current may decrease depending on operating
temperature and TCSLOPE setting.
TCSLOPE
Modulation current may decrease depending on operating
temperature and TCSTART setting.
Modulation current may increase depending on operating
temperature and TCSTART setting.
PBOUT
The LED is turned off if connected to the LED cathode.
A fault state occurs. (2)
OUTP
LED modulation is prevented and a fault state occurs. (2)
A fault state occurs. (2)
OUTN
Does not affect LED operation.
Does not affect LED operation.
GNDO
LED modulation is prevented and a fault state may occur. (2)
Does not affect LED operation.
SVCC
Does not affect LED operation.
The LED is turned off and a fault state occurs. (2)
NOTES:
1.
In this case a fault state will assert the FAIL output, but it is not latched. While the fault condition remains, the bias and modulation outputs are
disabled and the switch at SVCC is open. No fault occurs if in Safety Circuit Bypass (SCB).
2.
In this case a fault state will assert and latch the FAIL output, disable bias and modulation outputs and open the switch at SVCC. No fault occurs
if in Safety Circuit Bypass (SCB).


Numéro de pièce similaire - M02097G-21

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
M02097-11 ETC2-M02097-11 Datasheet
671Kb / 21P
   Temperature compensation for modulation current
M02097-12 ETC2-M02097-12 Datasheet
671Kb / 21P
   Temperature compensation for modulation current
More results

Description similaire - M02097G-21

FabricantNo de pièceFiches techniqueDescription
logo
M/A-COM Technology Solu...
M02044CG-31 MA-COM-M02044CG-31 Datasheet
478Kb / 22P
   3.3/5V Limiting Amplifier for Applications from 100 Mbps to 622 Mbps
M02046-15 MA-COM-M02046-15 Datasheet
467Kb / 27P
   3.3 5V Limiting Amplifier for Applications from 100 Mbps to 1.25 Gbps
logo
Texas Instruments
ONET3301PARGTT TI-ONET3301PARGTT Datasheet
914Kb / 18P
[Old version datasheet]   155-Mbps To 3.3-Gbps LIMITING AMPLIFIER
ONET3301PARGTTG4 TI-ONET3301PARGTTG4 Datasheet
914Kb / 18P
[Old version datasheet]   155-Mbps To 3.3-Gbps LIMITING AMPLIFIER
ONET3301PA TI-ONET3301PA Datasheet
253Kb / 12P
[Old version datasheet]   155-MBPS TO 3.3-GBPS LIMITING AMPLIFIER
logo
M/A-COM Technology Solu...
M02050-15 MA-COM-M02050-15 Datasheet
740Kb / 28P
   3.3/5V Limiting Amplifier for Applications to 2.5 Gbps
02046-DSH-003-F MA-COM-02046-DSH-003-F Datasheet
470Kb / 23P
   3.3/5V Limiting Amplifier for Applications to 1.25 Gbps
M02040-15 MA-COM-M02040-15 Datasheet
611Kb / 31P
   3.3 5V Limiting Amplifier for Applications to 2.125 Gbps
02050-DSH-002-F MA-COM-02050-DSH-002-F Datasheet
740Kb / 28P
   3.3/5V Limiting Amplifier for Applications to 2.5 Gbps
02040-DSH-002-H MA-COM-02040-DSH-002-H Datasheet
672Kb / 27P
   3.3/5V Limiting Amplifier for Applications to 2.125 Gbps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com