Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M02094-EVM Fiches technique(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

No de pièce M02094-EVM
Description  3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 2 Gbps
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MA-COM [M/A-COM Technology Solutions, Inc.]
Site Internet  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M02094-EVM Fiches technique(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  M02094-EVM Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. M02094-EVM Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. M02094-EVM Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. M02094-EVM Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. M02094-EVM Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. M02094-EVM Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. M02094-EVM Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. M02094-EVM Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. M02094-EVM Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
02094-DSH-001-C
Mindspeed Technologies™
3
Mindspeed Proprietary and Confidential
1.0 Product Specification
1.1
Absolute Maximum Ratings
These are the absolute maximum ratings at or beyond which the IC can be expected to fail or be damaged. Reli-
able operation at these extremes for any length of time is not implied.
Table 1-1.
Absolute Maximum Ratings
Symbol
Parameter
Rating
Units
VCC
Power supply voltage
-0.4 to +6.0
V
VCC3
3.3V power supply voltage
-0.4 to +4.0
V
TSTG
Storage temperature
-65 to +150
°C
IBIASOUTCA (MAX)
Maximum bias output current for common anode
laser
75
mA
IBIASOUTCC (MAX)
Maximum bias output current for common cathode
laser
30
mA
IMODCA (MAX)
Maximum modulation current for common anode
laser
70
mA
IMODCC (MAX)
Maximum modulation current for common cathode
laser
30
mA
DIN+/-
Data inputs
-0.4 to VCC3 + 0.4
V
DIS
Disable input
-0.4 to VCC + 0.4
V
BIASMON, MODMON
Bias and modulation output current mirror
compliance voltage
-0.4 to VCC3 + 0.4
V
IPIN
Photodiode anode voltage
-0.4 to VCC3 + 0.4
V
IPIN
Sink or Source Current
2.0
mA
FAIL
Status flag
-0.4 to VCC + 0.4
V
APCSET, MODSET
Set inputs
-0.4 to VCC3 + 0.4
V
TCSLOPE
Temperature compensation slope
-0.4 to VCC3 + 0.4
V
OUT+, OUT-
Output
-0.4 to VCC3 + 0.4
V


Numéro de pièce similaire - M02094-EVM

FabricantNo de pièceFiches techniqueDescription
logo
M/A-COM Technology Solu...
M02094-EVM MA-COM-M02094-EVM Datasheet
681Kb / 46P
   EPON FTTH modules
More results

Description similaire - M02094-EVM

FabricantNo de pièceFiches techniqueDescription
logo
M/A-COM Technology Solu...
M02069 MA-COM-M02069_17 Datasheet
653Kb / 45P
   3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 4.3 Gbps
M02069 MA-COM-M02069 Datasheet
751Kb / 44P
   3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 4.3 Gbps
02069-DSH-001-D MA-COM-02069-DSH-001-D Datasheet
751Kb / 44P
   3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 4.3 Gbps
M02066 MA-COM-M02066_17 Datasheet
681Kb / 20P
   3.3 Volt Laser Driver IC for Applications to 3 Gbps
02066-DSH-001-D MA-COM-02066-DSH-001-D Datasheet
681Kb / 20P
   3.3 Volt Laser Driver IC for Applications to 3 Gbps Data Sheet
M02066 MA-COM-M02066 Datasheet
681Kb / 20P
   3.3 Volt Laser Driver IC for Applications to 3 Gbps Data Sheet
M02061 MA-COM-M02061 Datasheet
600Kb / 37P
   3.3 or 5 Volt Laser Driver
02061-DSH-001-G MA-COM-02061-DSH-001-G Datasheet
600Kb / 37P
   3.3 or 5 Volt Laser Driver
M02061 MA-COM-M02061_17 Datasheet
699Kb / 45P
   3.3 or 5 Volt Laser Driver
M02067 MA-COM-M02067_17 Datasheet
414Kb / 20P
   3.3 Volt Laser Driver IC for GbE and Fibre Channel to 2.1 Gbps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com