Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M02050-15EVM Fiches technique(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

No de pièce M02050-15EVM
Description  3.3/5V Limiting Amplifier for Applications to 2.5 Gbps
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MA-COM [M/A-COM Technology Solutions, Inc.]
Site Internet  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M02050-15EVM Fiches technique(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  M02050-15EVM Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. M02050-15EVM Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. M02050-15EVM Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. M02050-15EVM Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. M02050-15EVM Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. M02050-15EVM Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. M02050-15EVM Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. M02050-15EVM Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. M02050-15EVM Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
02050-DSH-002-F
Mindspeed Technologies™
August 2005
Mindspeed Proprietary and Confidential
M02050-15
3.3/5V Limiting Amplifier for Applications to 2.5 Gbps
Applications
• 2.5 Gbps STM-16/OC-48 SDH/SONET
• 1.06, 2.12 and 4.24 Gbps Fibre Channel
• 1.25 Gbps Ethernet
• 1.25 Gbps SDH/SONET
• 2.67 Gbps SDH/SONET with FEC
The M02050-15 is an integrated high-gain limiting amplifier. The M02050-15 features PECL outputs and is intended
for use in applications to 2.5 Gbps. Full output swing is achieved even at minimum input sensitivity. The M02050-15
can operate with a 3.3V or 5V supply.
Rate select is supported for SFP applications and/or to achieve optimum sensitivity at data rates
≤ 1.25 Gbps.
When rate select is high, optimum sensitivity is achieved at 2.5 Gbps.
The M02050-15 also includes two analog RSSI outputs proportional to either the average or peak to peak input sig-
nal and a programmable signal-level detector allowing the user to set thresholds at which the logic outputs are
enabled.
Other available solutions: M02049-15 3.3/5V Limiting Amplifier for Applications to 4.3 Gbps (CML outputs)
M02040-15 3.3/5V Limiting Amplifier for Applications to 2.125 Gbps (PECL outputs)
M02043-15 3.3/5V Limiting Amplifier for Applications to 4.3 Gbps (CML outputs)
1.25 Gbps and 4.25 Gbps SFP reference designs available on Mindspeed.com
Typical Applications Diagram
optional
Level
Detect
Limiting
Amplifier
Comparator
Level
Shift
RSSIPP
PECLN
PECLP
Offset cancel
Threshold
Setting
Circuit
Regulator
V
CC
ST
SET
V
CC3
Biasing
IREF
Jam
LOS
R
ST
12.1 k
Ω
VTT
T I A
Photodiode
+3.3 V
DINN
RxAVGIN
RSSI
AVG
DINP
AC-Coupled
to TIA
R
EXT
MON
M02013
Output
Buffer
AC or DC Coupled
(as described in
Applications Information)
Clock Data
Recovery
Unit
RATE SEL
RATE
SELControl
Features
• Operates with a 3.3V or 5V supply
• 3.5 mV typical input sensitivity at 2.5 Gbps
• PECL outputs
• Rate Selection for
≤ 1.25 Gbps operation
• Average Receive power monitor output (RSSIAVG)
• Peak-to-peak Receive power monitor output (RSSIPP)
• On-chip DC offset cancellation circuit
• Low power (< 180 mW at 3.3V)
• Output Jam Function
• 16 pin 3x3 QFN package


Numéro de pièce similaire - M02050-15EVM

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
M02050-15EVM ETC2-M02050-15EVM Datasheet
740Kb / 28P
   On-chip DC offset cancellation circuit
More results

Description similaire - M02050-15EVM

FabricantNo de pièceFiches techniqueDescription
logo
M/A-COM Technology Solu...
02050-DSH-002-F MA-COM-02050-DSH-002-F Datasheet
740Kb / 28P
   3.3/5V Limiting Amplifier for Applications to 2.5 Gbps
M02050 MA-COM-M02050_17 Datasheet
740Kb / 28P
   3.3/5V Limiting Amplifier for Applications to 2.5 Gbps
02046-DSH-003-F MA-COM-02046-DSH-003-F Datasheet
470Kb / 23P
   3.3/5V Limiting Amplifier for Applications to 1.25 Gbps
M02040-15 MA-COM-M02040-15 Datasheet
611Kb / 31P
   3.3 5V Limiting Amplifier for Applications to 2.125 Gbps
02040-DSH-002-H MA-COM-02040-DSH-002-H Datasheet
672Kb / 27P
   3.3/5V Limiting Amplifier for Applications to 2.125 Gbps
M02050 MA-COM-M02050 Datasheet
110Kb / 2P
   Limiting Amplifier for Applications up to 2.5 Gbps
02050-BRF-001-A MA-COM-02050-BRF-001-A Datasheet
110Kb / 2P
   Limiting Amplifier for Applications up to 2.5 Gbps
M02046-15 MA-COM-M02046-15 Datasheet
467Kb / 27P
   3.3 5V Limiting Amplifier for Applications from 100 Mbps to 1.25 Gbps
M02140 MA-COM-M02140 Datasheet
506Kb / 2P
   Low Power 3.3 Volt Limiting Amplifier for Applications up to 12.5 Gbps
logo
Texas Instruments
ONET3301PARGTT TI-ONET3301PARGTT Datasheet
914Kb / 18P
[Old version datasheet]   155-Mbps To 3.3-Gbps LIMITING AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com