Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M02013 Fiches technique(PDF) 8 Page - M/A-COM Technology Solutions, Inc.

No de pièce M02013
Description  CMOS Transimpedance Amplifier with AGC for Fiber-optic Networks up to 3.2 Gbps
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MA-COM [M/A-COM Technology Solutions, Inc.]
Site Internet  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M02013 Fiches technique(HTML) 8 Page - M/A-COM Technology Solutions, Inc.

Back Button M02013_15 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. M02013_15 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. M02013_15 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. M02013_15 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. M02013_15 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. M02013_15 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. M02013_15 Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc. M02013_15 Datasheet HTML 11Page - M/A-COM Technology Solutions, Inc. M02013_15 Datasheet HTML 12Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
M02013
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
http://www.macom.com/support
8
CMOS Transimpedance Amplifier with AGC
for Fiber-optic Networks up to 3.2 Gbps
Rev V8
Vcc = 3.3V, Temperature = 25 °C, Lin = 1 nH, unless otherwise stated, TIA gain is differential.
Figure 1-4.
Typical Performance Diagrams 3 of 3
Deterministic Jitter vs Iin
0
5
10
15
20
0.001
0.01
0.1
1
10
Input Current (mA)
Icc vs. Temperature
40
41
42
43
44
-40
10
60
110
Junction Te mperature (ºC)
Vcc = 3.6V
Vcc = 3.3V
Vcc = 3.0V
Typical Imon Error Range vs. Input Power with
AC Signal Applied (after Offset Calibration)
-3
-2
-1
0
1
2
3
-23
-18
-13
-8
-3
1.5
Average Input Power (dBm)


Numéro de pièce similaire - M02013_15

FabricantNo de pièceFiches techniqueDescription
logo
M/A-COM Technology Solu...
M02013 MA-COM-M02013 Datasheet
151Kb / 2P
   3.2 Gbps Transimpedance Amplifier with AGC
More results

Description similaire - M02013_15

FabricantNo de pièceFiches techniqueDescription
logo
M/A-COM Technology Solu...
02013-DSH-001-G MA-COM-02013-DSH-001-G Datasheet
288Kb / 20P
   CMOS Transimpedance Amplifier with AGC for Fiber-optic Networks up to 3.2 Gbps
M02016 MA-COM-M02016 Datasheet
360Kb / 20P
   CMOS Transimpedance Amplifier with AGC for Fiber Optic Networks up to 1.25 Gbps
M02014 MA-COM-M02014 Datasheet
343Kb / 19P
   CMOS Transimpedance Amplifier with AGC for Fiber Optic Networks up to 2.5 Gbps
02016-DSH-001-G MA-COM-02016-DSH-001-G Datasheet
323Kb / 19P
   CMOS Transimpedance Amplifier with AGC for Fiber Optic Networks up to 1.25 Gbps
M02011 MA-COM-M02011 Datasheet
286Kb / 22P
   CMOS Transimpedance Amplifier with AGC for Fiber Optic Networks up to 622 Mbps
02011-DSH-001-C MA-COM-02011-DSH-001-C Datasheet
306Kb / 21P
   CMOS Transimpedance Amplifier with AGC for Fiber Optic Networks up to 622 Mbps
02013-BRF-001-A MA-COM-02013-BRF-001-A Datasheet
151Kb / 2P
   3.2 Gbps Transimpedance Amplifier with AGC
M02013 MA-COM-M02013 Datasheet
151Kb / 2P
   3.2 Gbps Transimpedance Amplifier with AGC
02014-BRF-001-A MA-COM-02014-BRF-001-A Datasheet
115Kb / 2P
   2.5 Gbps Transimpedance Amplifier with AGC
02015-BRF-001-A MA-COM-02015-BRF-001-A Datasheet
116Kb / 2P
   2.5 Gbps Transimpedance Amplifier with AGC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com