Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SMA74-2 Fiches technique(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

No de pièce SMA74-2
Description  Cascadable Amplifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MA-COM [M/A-COM Technology Solutions, Inc.]
Site Internet  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

SMA74-2 Fiches technique(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  SMA74-2 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. SMA74-2 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. SMA74-2 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Cascadable Amplifier
5 to 500 MHz
Rev. V2
A74-2 / SMA74-2
1
1
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
1
Electrical Specifications: Z0 = 50, VCC = +5 VDC
Parameter
Units
Typical
Guaranteed
25ºC
0º to 50ºC -54º to +85ºC*
Frequency
MHz
1-550
5-500
5-500
Small Signal Gain (min)
dB
26.0
25.0
24.0
Gain Flatness (max)
dB
±0.8
±1.0
±1.2
Reverse Isolation
dB
36
Noise Figure (max)
dB
3.8
4.3
4.8
Power Output
@ 1 dB comp. (min)
dBm
-1.0
-2.0
-2.0
IP3
dBm
+10
IP2
dBm
+16
Second Order Harmonic IP
dBm
+20
VSWR Input / Output (max)
1.5:1 / 1.5:1
1.9:1 / 1.9:1
2.0:1 / 2.0:1
DC Current @ 5 Volts (max)
mA
13
16
18
Features
 AVAILABLE IN SURFACE MOUNT
 HIGH GAIN - TWO STAGES: 26 dB (TYP.)
 LOW POWER DRAIN 65 m W AT 5 VOLTS
Description
The A74-2 RF amplifier is a discrete hybrid design, which uses
thin film manufacturing processes for consistent performance
and high reliability.
This 2 stage bipolar transistor feedback amplifier design
displays impressive performance over a broadband
frequency range. An active DC biasing network insures
temperature-stable performance.
Both TO-8 and Surface Mount packages are hermetically
sealed, and MIL-STD-883 environmental screening is available
Product Image
Ordering Information
Part Number
Package
A74-2
TO-8
SMA74-2
Surface Mount
MAAM-008729-0CA742
SMA Connectorized **
Absolute Maximum Ratings
Parameter
Absolute
Maximum
Storage Temperature
-62ºC to +125ºC
Case Temperature
125ºC
DC Voltage
+7 V
Continuous Input Power
+6 dBm
Short Term Input power
(1 minute max.)
50 mW
Peak Power (3 µsec max.)
0.5 W
“S” Series Burn-In
Temperature (case)
125ºC
Thermal Data: VCC = +5 VDC
Parameter
Rating
Thermal Resistance θjc
45ºC/W
Transistor Power Dissipation Pd
0.023 W
Junction Temperature Rise
Above Case Tjc
1ºC
* Over temperature performance limits for part number CA74-2, guaranteed from 0oC to +50oC only.
** The connectorized version is not RoHs compliant.


Numéro de pièce similaire - SMA74-2

FabricantNo de pièceFiches techniqueDescription
logo
Tyco Electronics
SMA74-2 MACOM-SMA74-2 Datasheet
351Kb / 2P
   Cascadable Amplifier 5 to 500 MHz
More results

Description similaire - SMA74-2

FabricantNo de pièceFiches techniqueDescription
logo
M/A-COM Technology Solu...
A87-2 MA-COM-A87-2 Datasheet
1Mb / 2P
   Cascadable Amplifier Cascadable Amplifier
A75-2 MA-COM-A75-2 Datasheet
1Mb / 2P
   Cascadable Amplifier Cascadable Amplifier
EA53-2 MA-COM-EA53-2 Datasheet
129Kb / 2P
   Cascadable Amplifier
A70-3-SMA70-3 MA-COM-A70-3-SMA70-3 Datasheet
1Mb / 2P
   Cascadable Amplifier
MAAM-008198-00A162 MA-COM-MAAM-008198-00A162 Datasheet
1Mb / 2P
   Cascadable Amplifier
A18-1-SMA18-1 MA-COM-A18-1-SMA18-1 Datasheet
1Mb / 2P
   Cascadable Amplifier
A26-SMA26 MA-COM-A26-SMA26 Datasheet
205Kb / 2P
   Cascadable Amplifier
A28-SMA28 MA-COM-A28-SMA28 Datasheet
1Mb / 2P
   Cascadable Amplifier
A59-SMA59 MA-COM-A59-SMA59 Datasheet
1Mb / 2P
   Cascadable Amplifier
A74-SMA74 MA-COM-A74-SMA74 Datasheet
1Mb / 2P
   Cascadable Amplifier
A77-1-SMA77-1 MA-COM-A77-1-SMA77-1 Datasheet
1Mb / 2P
   Cascadable Amplifier
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com