Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC2846M Fiches technique(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No de pièce UC2846M
Description  Current Mode PWM Controller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

UC2846M Fiches technique(HTML) 6 Page - Texas Instruments

Back Button UC2846M Datasheet HTML 2Page - Texas Instruments UC2846M Datasheet HTML 3Page - Texas Instruments UC2846M Datasheet HTML 4Page - Texas Instruments UC2846M Datasheet HTML 5Page - Texas Instruments UC2846M Datasheet HTML 6Page - Texas Instruments UC2846M Datasheet HTML 7Page - Texas Instruments UC2846M Datasheet HTML 8Page - Texas Instruments UC2846M Datasheet HTML 9Page - Texas Instruments UC2846M Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
UC1846, UC1847, UC2846
UC2847, UC3846, UC3847
SLUS352C – JANUARY 1997 – REVISED DECEMBER 2015
www.ti.com
Electrical Characteristics (continued)
TA=–55°C to +125°C for UC1846/7; –40°C to +85°C for the UC2846/7; and 0°C to +70°C for the UC3846/7; VIN=15 V,
RT=10k, CT=4.7 nF, TA=TJ (unless otherwise noted)
UC1846/7
UC3846/7
UC2846/7
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
Maximum Differential Input
Pin 1 Open (2); RL
1.1
1.2
1.1
1.2
V
Signal (VPIN 4-VPIN 3)
(Pin 7) = 15 kW
VPIN 1 = 0.5 V, Pin 7
Input Offset Voltage
5
25
5
25
mV
Open(2)
CMRR
VCM = 1 V to 12 V
60
83
60
83
dB
PSRR
VIN = 8 V to 40 V
60
84
60
84
dB
VPIN 1 = 0.5 V, Pin 7
Input Bias Current
–2.5
–10
–2.5
–10
µA
Open(2)
VPIN 1 = 0.5 V, Pin 7
Input Offset Current
0.08
1
0.08
1
µA
Open(2)
Input Common Mode Range
0
VIN-3
0
VIN-3
V
Delay to Outputs
TJ = 25°C
(1)
200
500
200
500
ns
CURRENT LIMIT ADJUST
VPIN 3 = 0 V, VPIN 4 =
Current Limit Offset
0.45
0.5
0.55
0.45
0.5
0.55
V
0 V, Pin 7 Open (2)
VPIN 5 = VREF, VPIN 6
Input Bias Current
–10
–30
–10
–30
µA
= 0 V
SHUTDOWN TERMINAL
Threshold Voltage
250
350
400
250
350
400
mV
Input Voltage Range
0
VIN
0
VIN
V
Minimum Latching Current
(4)3.0
1.5
3.0
1.5
mA
(IPIN1)
Maximum Latching Current
(5)1.5
0.8
1.5
0.8
mA
(IPIN1)
Delay to Outputs
TJ = 25°C
(1)
300
600
300
600
ns
OUTPUT
Collector-Emitter Voltage
40
40
V
Collector Leakage Current
VC = 40 V
(6)
200
200
µA
ISINK = 20 mA
0.1
0.4
0.1
0.4
Output Low Level
V
ISINK = 100 mA
0.4
2.1
0.4
2.1
ISOURCE = 20 mA
13
13.5
13
13.5
Output High Level
V
ISOURCE = 100 mA
12
13.5
12
13.5
CL = 1 nF, TJ = 25°C
Rise Time
50
300
50
300
ns
(1)
CL = 1 nF, TJ = 25°C
Fall Time
50
300
50
300
ns
(1)
UNDERVOLTAGE LOCKOUT
Start-Up Threshold
7.7
8.0
7.7
8.0
V
Threshold Hysteresis
0.75
0.75
V
TOTAL STANDBY CURRENT
Supply Current
17
21
17
21
mA
(4)
Current into Pin 1 ensured to latch circuit in shutdown state.
(5)
Current into Pin 1 ensured not to latch circuit in shutdown state.
(6)
Applies to UC1846/UC2846/UC3846 only due to polarity of outputs.
6
Submit Documentation Feedback
Copyright © 1997–2015, Texas Instruments Incorporated
Product Folder Links: UC1846 UC1847 UC2846 UC2847 UC3846 UC3847


Numéro de pièce similaire - UC2846M

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC2846 TI-UC2846 Datasheet
648Kb / 10P
[Old version datasheet]   Current Mode PWM Controller
UC2846 TI-UC2846 Datasheet
463Kb / 8P
[Old version datasheet]   Current Mode PWM Controller
UC2846 TI-UC2846 Datasheet
3Mb / 15P
[Old version datasheet]   Current Mode PWM Controller
UC2846 TI1-UC2846 Datasheet
3Mb / 13P
[Old version datasheet]   Current Mode PWM Controller
UC2846 TI-UC2846 Datasheet
3Mb / 13P
[Old version datasheet]   Current Mode PWM Controller
More results

Description similaire - UC2846M

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
   Current-mode PWM controller
August 31, 1994
logo
Daewoo Semiconductor
DBL3842 DAEWOO-DBL3842 Datasheet
467Kb / 8P
   CURRENT MODE PWM CONTROLLER
logo
BCD Semiconductor Manuf...
AP384XC BCDSEMI-AP384XC Datasheet
176Kb / 13P
   CURRENT MODE PWM CONTROLLER
logo
Cystech Electonics Corp...
MC7731N6 CYSTEKEC-MC7731N6 Datasheet
363Kb / 10P
   Current Mode PWM Controller
logo
BCD Semiconductor Manuf...
AP3842C BCDSEMI-AP3842C Datasheet
359Kb / 14P
   CURRENT MODE PWM CONTROLLER
logo
Texas Instruments
UC1846AJ TI-UC1846AJ Datasheet
3Mb / 13P
[Old version datasheet]   Current Mode PWM Controller
UC3844Q TI1-UC3844Q Datasheet
708Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC1843 TI-UC1843 Datasheet
937Kb / 3P
[Old version datasheet]   Current Mode PWM Controller
UC2846J TI-UC2846J Datasheet
463Kb / 8P
[Old version datasheet]   Current Mode PWM Controller
logo
List of Unclassifed Man...
AMC3842B ETC-AMC3842B Datasheet
365Kb / 10P
   CURRENT MODE PWM CONTROLLER
CM3842 ETC-CM3842 Datasheet
638Kb / 12P
   CURRENT MODE PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com