Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC2846M Fiches technique(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No de pièce UC2846M
Description  Current Mode PWM Controller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

UC2846M Fiches technique(HTML) 5 Page - Texas Instruments

  UC2846M Datasheet HTML 1Page - Texas Instruments UC2846M Datasheet HTML 2Page - Texas Instruments UC2846M Datasheet HTML 3Page - Texas Instruments UC2846M Datasheet HTML 4Page - Texas Instruments UC2846M Datasheet HTML 5Page - Texas Instruments UC2846M Datasheet HTML 6Page - Texas Instruments UC2846M Datasheet HTML 7Page - Texas Instruments UC2846M Datasheet HTML 8Page - Texas Instruments UC2846M Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
UC1846, UC1847, UC2846
UC2847, UC3846, UC3847
www.ti.com
SLUS352C – JANUARY 1997 – REVISED DECEMBER 2015
6.5 Electrical Characteristics
TA=–55°C to +125°C for UC1846/7; –40°C to +85°C for the UC2846/7; and 0°C to +70°C for the UC3846/7; VIN=15 V,
RT=10k, CT=4.7 nF, TA=TJ (unless otherwise noted)
UC1846/7
UC3846/7
UC2846/7
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
REFERENCE
Output Voltage
TJ = 25°C, IO = 1 mA
5.05
5.10
5.15
5.00
5.10
5.20
V
Line Regulation
VIN = 8 V to 40 V
5
20
5
20
mV
Load Regulation
IL = 1 mA to 10 mA
3
15
3
15
mV
Over Operating
Temperature Stability
0.4
0.4
mV/°C
Range, (1)
Line, Load, and
Total Output Variation
5.00
5.20
4.95
5.25
V
Temperature (1)
10 Hz
≤ f ≤10 kHz, TJ
Output Noise Voltage
100
100
µV
= 25°C(1)
TJ = 125°C, 1000
Long Term Stability
5
5
mV
Hrs(1)
Short Circuit Output Current
VREF = 0 V
–10
–45
–10
–45
mA
OSCILLATOR
Initial Accuracy
TJ = 25°C
39
43
47
39
43
47
kHz
Voltage Stability
VIN =8 V to 40 V
–1%
2%
–1%
2%
Over Operating
Temperature Stability
–1%
–1%
Range (1)
Sync Output High Level
3.9
4.35
3.9
4.35
V
Sync Output Low Level
2.3
2.5
2.3
2.5
V
Sync Input High Level
Pin 8 = 0 V
3.9
3.9
V
Sync Input Low Level
Pin 8 = 0 V
2.5
2.5
V
Sync Voltage = 3.9 V,
Sync Input Current
1.3
1.5
1.3
1.5
mA
Pin 8 = 0 V
ERROR AMPLIFIER
Input Offset Voltage
0.5
5
0.5
10
mV
Input Bias Current
–0.6
–1
–0.6
–2
µA
Input Offset Current
40
250
40
250
nA
Common Mode Range
VIN = 8 V to 40 V
0
VIN - 2 V
0
VIN - 2 V
V
ΔVO = 1.2 to 3 V, VCM
Open Loop Voltage Gain
80
105
80
105
dB
= 2 V
Unity Gain Bandwidth
TJ = 25°C
(1)
0.7
1.0
0.7
1.0
MHz
VCM = 0 V to 38 V,
CMRR
75
100
75
100
dB
VIN = 40 V
PSRR
VIN = 8 V to 40 V
80
105
80
105
dB
VID = –15 mV to -5 V,
Output Sink Current
2
6
2
6
mA
VPIN7 = 1.2 V
VID = 15 mV to -5 V,
Output Source Current
–0.4
–0.5
–0.4
–0.5
mA
VPIN7 = 2.5 V
High Level Output Voltage
RL = (Pin 7) 15 kΩ
4.3
4.6
4.3
4.6
V
Low Level Output Voltage
RL = (Pin 7) 15 kΩ
0.7
1
0.7
1
V
CURRENT SENSE AMPLIFIER
VPIN 3 = 0 V, Pin 1
Amplifier Gain
2.5
2.75
3.0
2.5
2.75
3.0
V
Open(2), (3)
(1)
These parameters, although ensured over the recommended operating conditions, are not 100% tested in production.
(2)
Parameter measured at trip point of latch with VPIN 5 = VREF, VPIN 6 = 0 V.
(3)
Amplifier gain defined as: G =
ΔVPIN7 / ΔVPIN4; VPIN4 = 0 to 1.0 V
Copyright © 1997–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: UC1846 UC1847 UC2846 UC2847 UC3846 UC3847


Numéro de pièce similaire - UC2846M

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC2846 TI-UC2846 Datasheet
648Kb / 10P
[Old version datasheet]   Current Mode PWM Controller
UC2846 TI-UC2846 Datasheet
463Kb / 8P
[Old version datasheet]   Current Mode PWM Controller
UC2846 TI-UC2846 Datasheet
3Mb / 15P
[Old version datasheet]   Current Mode PWM Controller
UC2846 TI1-UC2846 Datasheet
3Mb / 13P
[Old version datasheet]   Current Mode PWM Controller
UC2846 TI-UC2846 Datasheet
3Mb / 13P
[Old version datasheet]   Current Mode PWM Controller
More results

Description similaire - UC2846M

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
   Current-mode PWM controller
August 31, 1994
logo
Daewoo Semiconductor
DBL3842 DAEWOO-DBL3842 Datasheet
467Kb / 8P
   CURRENT MODE PWM CONTROLLER
logo
BCD Semiconductor Manuf...
AP384XC BCDSEMI-AP384XC Datasheet
176Kb / 13P
   CURRENT MODE PWM CONTROLLER
logo
Cystech Electonics Corp...
MC7731N6 CYSTEKEC-MC7731N6 Datasheet
363Kb / 10P
   Current Mode PWM Controller
logo
BCD Semiconductor Manuf...
AP3842C BCDSEMI-AP3842C Datasheet
359Kb / 14P
   CURRENT MODE PWM CONTROLLER
logo
Texas Instruments
UC1846AJ TI-UC1846AJ Datasheet
3Mb / 13P
[Old version datasheet]   Current Mode PWM Controller
UC3844Q TI1-UC3844Q Datasheet
708Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC1843 TI-UC1843 Datasheet
937Kb / 3P
[Old version datasheet]   Current Mode PWM Controller
UC2846J TI-UC2846J Datasheet
463Kb / 8P
[Old version datasheet]   Current Mode PWM Controller
logo
List of Unclassifed Man...
AMC3842B ETC-AMC3842B Datasheet
365Kb / 10P
   CURRENT MODE PWM CONTROLLER
CM3842 ETC-CM3842 Datasheet
638Kb / 12P
   CURRENT MODE PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com