Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC2847 Fiches technique(PDF) 1 Page - Texas Instruments

No de pièce UC2847
Description  Current Mode PWM Controller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

UC2847 Fiches technique(HTML) 1 Page - Texas Instruments

  UC2847 Datasheet HTML 1Page - Texas Instruments UC2847 Datasheet HTML 2Page - Texas Instruments UC2847 Datasheet HTML 3Page - Texas Instruments UC2847 Datasheet HTML 4Page - Texas Instruments UC2847 Datasheet HTML 5Page - Texas Instruments UC2847 Datasheet HTML 6Page - Texas Instruments UC2847 Datasheet HTML 7Page - Texas Instruments UC2847 Datasheet HTML 8Page - Texas Instruments UC2847 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
VREF
RT
CT
+E/A
-E/A
COMP
SH-DN
GND
VIN
VC
AOUT
C/S+
BOUT
C/S-
CS/SS
UCX846
VIN
100µF
2
9
8
5
6
7
16
12
1
3
14
4
11
13
15
.1µ
F
.005µF
.5k
3.2k
3.2k
68k
.0015
3.6k
1k
1.5k
VREF
2N4150
180Ÿ
2W
.05µF
68Ÿ
.05µF
68Ÿ
1k
1k
2N4150
.5Q
1N4245
1N4245
1N4245
UES1402
UES1402
200µH
300µF
VO
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
UC1846, UC1847, UC2846
UC2847, UC3846, UC3847
SLUS352C – JANUARY 1997 – REVISED DECEMBER 2015
UCx846/7 Current Mode PWM Controller
1 Features
3 Description
The UC1846/7 family of control devices provides all
1
Automatic Feedforward Compensation
of
the
necessary
features
to
implement
fixed-
Programmable Pulse-by-Pulse Current Limiting
frequency,
current-mode
control
schemes
while
Automatic Symmetry Correction in Push-Pull
maintaining a minimum external parts count. The
Configuration
superior performance of this technique can be
measured in improved line regulation, enhanced load
Enhanced Load Response Characteristics
response characteristics, and a simpler, easier-to-
Parallel Operation Capability for Modular Power
design control loop. Topological advantages include
Systems
inherent pulse-by-pulse current limiting capability,
Differential Current Sense Amplifier with Wide
automatic
symmetry
correction
for
push-pull
Common Mode Range
converters, and the ability to parallel power modules
while maintaining equal current sharing.
Double-Pulse Suppression
Protection circuitry includes built-in undervoltage
500-mA (Peak) Totem-pole Outputs
lockout and programmable current limit, in addition to
±1% Band Gap Reference
soft-start capability. A shutdown function is also
Undervoltage Lockout
available,
which
can
initiate
either
a
complete
Soft-Start Capability
shutdown with automatic restart or latch the supply
off.
Shutdown Terminal
500-kHz Operation
Other features include fully-latched operation, double-
pulse suppression, deadline adjust capability, and a
±1% trimmed band gap reference.
2 Applications
The UC1846 features low outputs in the OFF state,
Telecommunication Power Converters
while the UCx847 features high outputs in the OFF
Industrial Power Converters
state.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
LCCC (20)
8.89 mm × 8.89 mm
UC1846
CDIP (16)
6.92 mm × 19.56 mm
PLCC (20)
8.96 mm × 8.96 mm
UC2846, UC3846
SOIC (16)
7.5 mm × 10.3 mm
PDIP (16)
6.35 mm × 19.3 mm
SOIC (16)
7.5 mm × 10.3 mm
UC2847, UC3847
PDIP (16)
6.35 mm × 19.3 mm
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Block Diagram
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Numéro de pièce similaire - UC2847

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC2847 TI-UC2847 Datasheet
648Kb / 10P
[Old version datasheet]   Current Mode PWM Controller
UC2847 TI-UC2847 Datasheet
463Kb / 8P
[Old version datasheet]   Current Mode PWM Controller
UC2847 TI-UC2847 Datasheet
3Mb / 15P
[Old version datasheet]   Current Mode PWM Controller
UC2847 TI1-UC2847 Datasheet
3Mb / 13P
[Old version datasheet]   Current Mode PWM Controller
UC2847 TI-UC2847 Datasheet
3Mb / 13P
[Old version datasheet]   Current Mode PWM Controller
More results

Description similaire - UC2847

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
   Current-mode PWM controller
August 31, 1994
logo
Daewoo Semiconductor
DBL3842 DAEWOO-DBL3842 Datasheet
467Kb / 8P
   CURRENT MODE PWM CONTROLLER
logo
BCD Semiconductor Manuf...
AP384XC BCDSEMI-AP384XC Datasheet
176Kb / 13P
   CURRENT MODE PWM CONTROLLER
logo
Cystech Electonics Corp...
MC7731N6 CYSTEKEC-MC7731N6 Datasheet
363Kb / 10P
   Current Mode PWM Controller
logo
BCD Semiconductor Manuf...
AP3842C BCDSEMI-AP3842C Datasheet
359Kb / 14P
   CURRENT MODE PWM CONTROLLER
logo
Texas Instruments
UC1846AJ TI-UC1846AJ Datasheet
3Mb / 13P
[Old version datasheet]   Current Mode PWM Controller
UC3844Q TI1-UC3844Q Datasheet
708Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC1843 TI-UC1843 Datasheet
937Kb / 3P
[Old version datasheet]   Current Mode PWM Controller
UC2846J TI-UC2846J Datasheet
463Kb / 8P
[Old version datasheet]   Current Mode PWM Controller
logo
List of Unclassifed Man...
AMC3842B ETC-AMC3842B Datasheet
365Kb / 10P
   CURRENT MODE PWM CONTROLLER
CM3842 ETC-CM3842 Datasheet
638Kb / 12P
   CURRENT MODE PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com