Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC2847DW Fiches technique(PDF) 10 Page - Texas Instruments

No de pièce UC2847DW
Description  Current Mode PWM Controller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

UC2847DW Fiches technique(HTML) 10 Page - Texas Instruments

Back Button UC2847DW Datasheet HTML 6Page - Texas Instruments UC2847DW Datasheet HTML 7Page - Texas Instruments UC2847DW Datasheet HTML 8Page - Texas Instruments UC2847DW Datasheet HTML 9Page - Texas Instruments UC2847DW Datasheet HTML 10Page - Texas Instruments UC2847DW Datasheet HTML 11Page - Texas Instruments UC2847DW Datasheet HTML 12Page - Texas Instruments UC2847DW Datasheet HTML 13Page - Texas Instruments UC2847DW Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
UC1846, UC1847, UC2846
UC2847, UC3846, UC3847
SLUS352C – JANUARY 1997 – REVISED DECEMBER 2015
www.ti.com
7.4 Device Functional Modes
7.4.1 Current Limit
One of the most attractive features of a current-mode converter is the ability to limit peak-switch currents on a
pulse-by-pulse basis by simply limiting the error voltage to a maximum value.
7.4.2 Shutdown
The shutdown circuit was designed to provide a fast acting general purpose shutdown port for use in
implementing both protection circuitry and remote shutdown functions. The circuit may be divided into an input
section consisting of a comparator with a 350-mV temperature compensated offset, and an output section
consisting of a three transistor latch. Shutdown is accomplished by applying a signal greater than 350 mV to pin
16, causing the output latch to fire, and setting the PWM latch to provide an immediate signal to the outputs.
10
Submit Documentation Feedback
Copyright © 1997–2015, Texas Instruments Incorporated
Product Folder Links: UC1846 UC1847 UC2846 UC2847 UC3846 UC3847


Numéro de pièce similaire - UC2847DW

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC2847DW TI-UC2847DW Datasheet
648Kb / 10P
[Old version datasheet]   Current Mode PWM Controller
UC2847DW TI-UC2847DW Datasheet
3Mb / 15P
[Old version datasheet]   Current Mode PWM Controller
UC2847DW TI1-UC2847DW Datasheet
3Mb / 15P
[Old version datasheet]   Current Mode PWM Controller
UC2847DW TI1-UC2847DW Datasheet
3Mb / 13P
[Old version datasheet]   Current Mode PWM Controller
UC2847DW TI-UC2847DW Datasheet
3Mb / 13P
[Old version datasheet]   Current Mode PWM Controller
More results

Description similaire - UC2847DW

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
   Current-mode PWM controller
August 31, 1994
logo
Daewoo Semiconductor
DBL3842 DAEWOO-DBL3842 Datasheet
467Kb / 8P
   CURRENT MODE PWM CONTROLLER
logo
BCD Semiconductor Manuf...
AP384XC BCDSEMI-AP384XC Datasheet
176Kb / 13P
   CURRENT MODE PWM CONTROLLER
logo
Cystech Electonics Corp...
MC7731N6 CYSTEKEC-MC7731N6 Datasheet
363Kb / 10P
   Current Mode PWM Controller
logo
BCD Semiconductor Manuf...
AP3842C BCDSEMI-AP3842C Datasheet
359Kb / 14P
   CURRENT MODE PWM CONTROLLER
logo
Texas Instruments
UC1846AJ TI-UC1846AJ Datasheet
3Mb / 13P
[Old version datasheet]   Current Mode PWM Controller
UC3844Q TI1-UC3844Q Datasheet
708Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC1843 TI-UC1843 Datasheet
937Kb / 3P
[Old version datasheet]   Current Mode PWM Controller
UC2846J TI-UC2846J Datasheet
463Kb / 8P
[Old version datasheet]   Current Mode PWM Controller
logo
List of Unclassifed Man...
AMC3842B ETC-AMC3842B Datasheet
365Kb / 10P
   CURRENT MODE PWM CONTROLLER
CM3842 ETC-CM3842 Datasheet
638Kb / 12P
   CURRENT MODE PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com