Moteur de recherche de fiches techniques de composants électroniques |
|
UC2846DWTR Fiches technique(PDF) 4 Page - Texas Instruments |
|
|
UC2846DWTR Fiches technique(HTML) 4 Page - Texas Instruments |
4 / 24 page UC1846, UC1847, UC2846 UC2847, UC3846, UC3847 SLUS352C – JANUARY 1997 – REVISED DECEMBER 2015 www.ti.com 6 Specifications 6.1 Absolute Maximum Ratings over operating free-air temperature range (unless otherwise noted) (1) MIN MAX UNIT Supply Voltage (Pin 15) 40 V Collector Supply Voltage (Pin 13) 40 V Output Current, Source or Sink (Pins 11, 14) 500 mA Analog Inputs (Pins 3, 4, 5, 6, 16) –0.3 +VIN V Reference Output Current (Pin 2) –30 mA Sync Output Current (Pin 10) –5 mA Error Amplifier Output Current (Pin 7) –5 mA Soft Start Sink Current (Pin 1) 50 mA Oscillator Charging Current (Pin 9) 5 mA Power Dissipation at TA = 25°C 1000 mW Power Dissipation at TC = 25°C 2000 mW Storage temperature, Tstg –65 150 °C (1) Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. 6.2 ESD Ratings VALUE UNIT Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1) ±2500 V(ESD) Electrostatic discharge V Charged-device model (CDM), per JEDEC specification JESD22- ±1500 C101(2) (1) JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process. (2) JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process. 6.3 Recommended Operating Conditions over operating free-air temperature range (unless otherwise noted) MIN NOM MAX UNIT VREF terminal external capacitance 1 2.2 µF 6.4 Thermal Information UCx846/7 N or DW (PDIP or J or DW (CDIP or THERMAL METRIC(1) UNIT SOIC) SOIC) 16 PINS 16 PINS RθJA Junction-to-ambient thermal resistance 41.8 73.1 °C/W RθJC(top) Junction-to-case (top) thermal resistance 28.5 34.2 °C/W RθJB Junction-to-board thermal resistance 21.8 38.0 °C/W ψJT Junction-to-top characterization parameter 13.0 7.7 °C/W ψJB Junction-to-board characterization parameter 21.7 37.4 °C/W RθJC(bot) Junction-to-case (bottom) thermal resistance N/A N/A °C/W (1) For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application report, SPRA953. 4 Submit Documentation Feedback Copyright © 1997–2015, Texas Instruments Incorporated Product Folder Links: UC1846 UC1847 UC2846 UC2847 UC3846 UC3847 |
Numéro de pièce similaire - UC2846DWTR |
|
Description similaire - UC2846DWTR |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |