Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC2846DWG4 Fiches technique(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No de pièce UC2846DWG4
Description  Current Mode PWM Controller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

UC2846DWG4 Fiches technique(HTML) 3 Page - Texas Instruments

  UC2846DWG4 Datasheet HTML 1Page - Texas Instruments UC2846DWG4 Datasheet HTML 2Page - Texas Instruments UC2846DWG4 Datasheet HTML 3Page - Texas Instruments UC2846DWG4 Datasheet HTML 4Page - Texas Instruments UC2846DWG4 Datasheet HTML 5Page - Texas Instruments UC2846DWG4 Datasheet HTML 6Page - Texas Instruments UC2846DWG4 Datasheet HTML 7Page - Texas Instruments UC2846DWG4 Datasheet HTML 8Page - Texas Instruments UC2846DWG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
UC1846, UC1847, UC2846
UC2847, UC3846, UC3847
www.ti.com
SLUS352C – JANUARY 1997 – REVISED DECEMBER 2015
5 Pin Configuration and Functions
J or N, DW Packages
16-Pin CDIP or PDIP, SOIC
Top View
FN or FK Packages
20-Pin PLCC or LCCC
Top View
Pin Functions
PIN
I/O
DESCRIPTION
PLCC, LCC
DIL, SOIC NO.
NAME
NO.
1
2
C/S SS
I
Current limit/soft-start programming
2
3
VREF
O
5.1-V reference voltage output
3
4
C/S –
I
Current sense comparator inverting input
4
5
C/S +
I
Current sense comparator non-inverting input
5
7
E/A +
I
Error amplifier inverting input
6
8
E/A –
I
Error amplifier inverting input
7
9
COMP
I/O
Error amplifier output and input to the PWM comparator
8
10
CT
I
Oscillator frequency programming capacitor pin
9
12
CR
I
Oscillator frequency programming resistor pin
10
13
Sync
I/O
Synchronization out from master controller or input of slave controller
11
14
A Out
O
PWM drive signal output A, Pin11 and P14 are complementary
12
15
GND
G
All signals are referenced to this node
13
17
VC
I
Bias supply input for output stage
14
18
B Out
O
PWM drive signal output B, Pin11 and P14 are complementary
15
19
VIN
I
Bias supply input
16
20
Shutdown
I
External shutdown signal input
1, 6, 11, 16
N/C
Copyright © 1997–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: UC1846 UC1847 UC2846 UC2847 UC3846 UC3847


Numéro de pièce similaire - UC2846DWG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC2846DWG4 TI-UC2846DWG4 Datasheet
3Mb / 15P
[Old version datasheet]   Current Mode PWM Controller
UC2846DWG4 TI1-UC2846DWG4 Datasheet
3Mb / 15P
[Old version datasheet]   Current Mode PWM Controller
UC2846DWG4 TI1-UC2846DWG4 Datasheet
3Mb / 13P
[Old version datasheet]   Current Mode PWM Controller
UC2846DWG4 TI-UC2846DWG4 Datasheet
3Mb / 13P
[Old version datasheet]   Current Mode PWM Controller
More results

Description similaire - UC2846DWG4

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
   Current-mode PWM controller
August 31, 1994
logo
Daewoo Semiconductor
DBL3842 DAEWOO-DBL3842 Datasheet
467Kb / 8P
   CURRENT MODE PWM CONTROLLER
logo
BCD Semiconductor Manuf...
AP384XC BCDSEMI-AP384XC Datasheet
176Kb / 13P
   CURRENT MODE PWM CONTROLLER
logo
Cystech Electonics Corp...
MC7731N6 CYSTEKEC-MC7731N6 Datasheet
363Kb / 10P
   Current Mode PWM Controller
logo
BCD Semiconductor Manuf...
AP3842C BCDSEMI-AP3842C Datasheet
359Kb / 14P
   CURRENT MODE PWM CONTROLLER
logo
Texas Instruments
UC1846AJ TI-UC1846AJ Datasheet
3Mb / 13P
[Old version datasheet]   Current Mode PWM Controller
UC3844Q TI1-UC3844Q Datasheet
708Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC1843 TI-UC1843 Datasheet
937Kb / 3P
[Old version datasheet]   Current Mode PWM Controller
UC2846J TI-UC2846J Datasheet
463Kb / 8P
[Old version datasheet]   Current Mode PWM Controller
logo
List of Unclassifed Man...
AMC3842B ETC-AMC3842B Datasheet
365Kb / 10P
   CURRENT MODE PWM CONTROLLER
CM3842 ETC-CM3842 Datasheet
638Kb / 12P
   CURRENT MODE PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com