Moteur de recherche de fiches techniques de composants électroniques |
|
M02040-15 Fiches technique(PDF) 4 Page - M/A-COM Technology Solutions, Inc. |
|
M02040-15 Fiches technique(HTML) 4 Page - M/A-COM Technology Solutions, Inc. |
4 / 31 page M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. Visit www.macom.com for additional data sheets and product information. For further information and support please visit: http://www.macom.com/support M02040-15 4 3.3/5V Limiting Amplifier for Applications to 2.125 Gbps Rev V4 1.0 Product Specification 1.1 Absolute Maximum Ratings These are the absolute maximum ratings at or beyond which the IC can be expected to fail or be damaged. Reli- able operation at these extremes for any length of time is not implied. NOTE: The package bottom should be adequately grounded to ensure correct thermal performance, and it is recommended that vias are inserted through to a lower ground plane. Table 1-1. Absolute Maximum Ratings Symbol Parameter Rating Units VCC Power supply voltage (VCC-GND) -0.5 to +5.75 V TSTG Storage temperature -65 to +150 °C PECLP, PECLN PECL Output pins voltage VCC - 2 to VCC + 0.4 V I(PECLP), I(PECLN) PECL Output pins maximum continuous current (delivered to load) 30 mA |DINP - DINN| Data input pins differential voltage 0.80 V DINP, DINN Data input pins voltage meeting |DINP - DINN| requirement GND to VCC3 + 0.4 V STSET Signal detect threshold setting pin voltage GND to VCC3 + 0.4 V JAM Output enable pin voltage GND to VCC + 0.4 V LOS Status Output pins voltage GND to VCC + 0.4 V DC_Servo DC_Servo disable input pin voltage GND to VCC + 0.4 V IREF Current into Reference input +0 to -120 µA I(RSSIAVG) Current into RSSIavg input +0 to -3 mA RSSIPP RSSIPP pin voltage GND to VCC3 + 0.4 V I(LOS) Current into Loss of Signal pin +3000 to -100 µA |
Numéro de pièce similaire - M02040-15 |
|
Description similaire - M02040-15 |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |