Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M02040-15 Fiches technique(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

No de pièce M02040-15
Description  3.3 5V Limiting Amplifier for Applications to 2.125 Gbps
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MA-COM [M/A-COM Technology Solutions, Inc.]
Site Internet  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M02040-15 Fiches technique(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  M02040-15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. M02040-15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. M02040-15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. M02040-15 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. M02040-15 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. M02040-15 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. M02040-15 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. M02040-15 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. M02040-15 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
M02040-15
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
http://www.macom.com/support
2
3.3/5V Limiting Amplifier for Applications to 2.125 Gbps
Rev V4
Ordering Information
Part Number
Package
Operating Temperature
M02040-15
M02040-15 in QFN16 package
–40 °C to 85 °C
M02040-15EVM
Evaluation board with M02040-15
–40 °C to 85 °C
Revision History
Revision
Level
Date
Description
V4
Release
May 2015
Updated logos and page layout. No content changes.
H (V3)
Release
December 2005
Clarify comments on the use of the DC_Servo pin in the applications information.
G (V2)
Release
August 2005
Correct Jam connection in block diagram and typical applications figures. Correct IREF figure
(reference current generation).
F (V1)
Release
June 2005
In the DC specifications, update RINDIFF and RSSIavg; added note 1; moved RSSIavg from ac
specifications. In the ac specifications update VIN(MIN), VLOS, DJ and tr/tf; add specifications for
LOS assert and deassert. Updated RST values and the typical LOS curve (Figure 4-3 -
Figure 4-5). Added typical hysteresis curve (Figure 4-6).
E
Preliminary
March 2005
Update the DC specification VOH. Update the ac specifications VIN(MIN), vn, TLOS_ON, and
TLOS_OFF. Corrected the EVM ordering number.
D
Preliminary
December 2004
Update the DC specifications RINDIFF and VIH. Update RST values, update RSSI information.
Remove peaking circuit applications information as this is not necessary for the -15 revision.


Numéro de pièce similaire - M02040-15

FabricantNo de pièceFiches techniqueDescription
logo
M/A-COM Technology Solu...
M02044CG-31 MA-COM-M02044CG-31 Datasheet
478Kb / 22P
   3.3/5V Limiting Amplifier for Applications from 100 Mbps to 622 Mbps
M02044CG-31EVM MA-COM-M02044CG-31EVM Datasheet
478Kb / 22P
   3.3/5V Limiting Amplifier for Applications from 100 Mbps to 622 Mbps
M02046-15 MA-COM-M02046-15 Datasheet
467Kb / 27P
   3.3 5V Limiting Amplifier for Applications from 100 Mbps to 1.25 Gbps
M02046-15EVM MA-COM-M02046-15EVM Datasheet
467Kb / 27P
   3.3 5V Limiting Amplifier for Applications from 100 Mbps to 1.25 Gbps
M02046-25 MA-COM-M02046-25 Datasheet
467Kb / 27P
   3.3 5V Limiting Amplifier for Applications from 100 Mbps to 1.25 Gbps
More results

Description similaire - M02040-15

FabricantNo de pièceFiches techniqueDescription
logo
M/A-COM Technology Solu...
02040-DSH-002-H MA-COM-02040-DSH-002-H Datasheet
672Kb / 27P
   3.3/5V Limiting Amplifier for Applications to 2.125 Gbps
M02050-15 MA-COM-M02050-15 Datasheet
740Kb / 28P
   3.3/5V Limiting Amplifier for Applications to 2.5 Gbps
02046-DSH-003-F MA-COM-02046-DSH-003-F Datasheet
470Kb / 23P
   3.3/5V Limiting Amplifier for Applications to 1.25 Gbps
02050-DSH-002-F MA-COM-02050-DSH-002-F Datasheet
740Kb / 28P
   3.3/5V Limiting Amplifier for Applications to 2.5 Gbps
M02050 MA-COM-M02050_17 Datasheet
740Kb / 28P
   3.3/5V Limiting Amplifier for Applications to 2.5 Gbps
M02046-15 MA-COM-M02046-15 Datasheet
467Kb / 27P
   3.3 5V Limiting Amplifier for Applications from 100 Mbps to 1.25 Gbps
M02140 MA-COM-M02140 Datasheet
506Kb / 2P
   Low Power 3.3 Volt Limiting Amplifier for Applications up to 12.5 Gbps
logo
Texas Instruments
ONET3301PARGTT TI-ONET3301PARGTT Datasheet
914Kb / 18P
[Old version datasheet]   155-Mbps To 3.3-Gbps LIMITING AMPLIFIER
ONET3301PARGTTG4 TI-ONET3301PARGTTG4 Datasheet
914Kb / 18P
[Old version datasheet]   155-Mbps To 3.3-Gbps LIMITING AMPLIFIER
logo
M/A-COM Technology Solu...
M02044CG-31 MA-COM-M02044CG-31 Datasheet
478Kb / 22P
   3.3/5V Limiting Amplifier for Applications from 100 Mbps to 622 Mbps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com