Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CX02068B24 Fiches technique(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

No de pièce CX02068B24
Description  3.3 Volt Laser Driver IC for 155/622 Mbps
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MA-COM [M/A-COM Technology Solutions, Inc.]
Site Internet  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

CX02068B24 Fiches technique(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  CX02068B24 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. CX02068B24 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. CX02068B24 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. CX02068B24 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. CX02068B24 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. CX02068B24 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. CX02068B24 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. CX02068B24 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. CX02068B24 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
02068-DSH-001-C
Mindspeed Technologies
®
ii
Mindspeed Proprietary and Confidential
Ordering Information
Part Number
Package
CX02068B24
BCC+24L
CX02068TQ32
TQFP32
CX02068G-09-T*
BCC+24L, RoHS
CX02068G-TQ32*
TQFP32, RoHS
CX02068DIEWP
Waffle pack
CX02068WAFER
Whole 8” wafer on a 10” grip ring
CX02068EVM
Evaluation board with a CX02068B24
* The letter “G” designator after the part number indicates that the device is RoHS-compliant. Refer to www.mindspeed.com for additional
information.
Revision History
Revision
Level
Date
ASIC Revision
Description
C
Preliminary
April 2006
x
Added RoHS package information, updated format, no specification
changes.
B
Preliminary
May 2005
x
Updated to new data sheet format.
A
Advance
October 2003
x
Advance.
BCC+24L Top View
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
24
23
22
21
20
1
ENA
DIS
FAIL
OCA
GND
PD
GND
CMPC
TCSLOPE
TCSTART
MODSET
OCASET
4mm
BIASMON
4mm
MODMON
2068
TQFP32 Top View
1
2
7
6
5
4
3
8
24
23
18
19
20
21
22
17
N/C
N/C
N/C
PD
OUT-
OUT+
BIAS
V CC
D IN
D IN
V CC
V CC
V CC
V CC
GND
A
GND
A
5mm
5mm


Numéro de pièce similaire - CX02068B24

FabricantNo de pièceFiches techniqueDescription
logo
Synaptics Incorporated.
CX02066 CONEXANT-CX02066 Datasheet
267Kb / 1P
   3 GBPS INTERMEDIATE REACH LASER DRIVER
logo
M/A-COM Technology Solu...
CX02066 MA-COM-CX02066 Datasheet
105Kb / 2P
   3.3 Volt Highly Integrated, Programmable Laser Driver IC for SONET/SDH Applications
More results

Description similaire - CX02068B24

FabricantNo de pièceFiches techniqueDescription
logo
M/A-COM Technology Solu...
M02068 MA-COM-M02068_17 Datasheet
632Kb / 18P
   3.3 Volt Laser Driver IC for 155/622 Mbps
02068-DSH-001-C MA-COM-02068-DSH-001-C Datasheet
632Kb / 18P
   3.3 Volt Laser Driver IC for 155/622 Mbps
M02066 MA-COM-M02066_17 Datasheet
681Kb / 20P
   3.3 Volt Laser Driver IC for Applications to 3 Gbps
logo
Texas Instruments
ONET4201LD TI-ONET4201LD Datasheet
1Mb / 26P
[Old version datasheet]   155-Mbps to 4.25-Gbps LASER DRIVER
ONET4211LD TI-ONET4211LD Datasheet
1Mb / 26P
[Old version datasheet]   155 Mbps to 4.25 Gbps LASER DRIVER
logo
M/A-COM Technology Solu...
CX02066 MA-COM-CX02066 Datasheet
105Kb / 2P
   3.3 Volt Highly Integrated, Programmable Laser Driver IC for SONET/SDH Applications
M02061 MA-COM-M02061 Datasheet
600Kb / 37P
   3.3 or 5 Volt Laser Driver
02061-DSH-001-G MA-COM-02061-DSH-001-G Datasheet
600Kb / 37P
   3.3 or 5 Volt Laser Driver
02066-DSH-001-D MA-COM-02066-DSH-001-D Datasheet
681Kb / 20P
   3.3 Volt Laser Driver IC for Applications to 3 Gbps Data Sheet
M02066 MA-COM-M02066 Datasheet
681Kb / 20P
   3.3 Volt Laser Driver IC for Applications to 3 Gbps Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com