Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GSW-4876 Fiches technique(PDF) 4 Page - Level One

No de pièce GSW-4876
Description  50-Port Web Smart Gigabit Ethernet Switch, 2 x SFP
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LVL1 [Level One]
Site Internet  http://www.level1.com/
Logo LVL1 - Level One

GSW-4876 Fiches technique(HTML) 4 Page - Level One

  GSW-4876_16 Datasheet HTML 1Page - Level One GSW-4876_16 Datasheet HTML 2Page - Level One GSW-4876_16 Datasheet HTML 3Page - Level One GSW-4876_16 Datasheet HTML 4Page - Level One GSW-4876_16 Datasheet HTML 5Page - Level One  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
- IPv6 neighbor discovery
- IPv6 stateless auto config/manual config
- IPv6 Telnet/SNMP/HTTP/DHCP
Performance
Backplane (Gbps):
100Gbps
MAC Address Table:
8K
Data Transfer Rate:
10/100/1000Mbps
Packet Forwarding Rate:
1000Mbps port - 1,488,000pps
100Mbps port - 148,000pps
10Mbps port - 14,880pps
Environment
Power Saving:
LED power reduction
Temperature (°C):
Operating: 0 ~ 50°C
Storage: -40 ~ 70°C
Humidity (Non-condensing):
Operating: 10 ~ 90%
Storage: 5 ~ 90%
Deployment:
19-inch rack-mountable
Physical Specifications
Dimensions (W x D x H mm):
440 x 250 x 44 mm
Weight (g):
2980 g
Others
Approval and Compliance:
CE, RoHS, FCC Part 15 Class A
www.level1.com
Page 4 of 5


Numéro de pièce similaire - GSW-4876_16

FabricantNo de pièceFiches techniqueDescription
logo
Level One
GSW-4876 LVL1-GSW-4876 Datasheet
485Kb / 6P
   48 Gigabit Ethernet ports and 2 Gigabit SFP slots MLD, Telnet, SNMP V1, V2c & V3, RMON, Web Browser, and TFTP Management
More results

Description similaire - GSW-4876_16

FabricantNo de pièceFiches techniqueDescription
logo
Level One
GES-1651 LVL1-GES-1651_16 Datasheet
387Kb / 4P
   16-Port Web Smart Gigabit Ethernet Switch, 2 x SFP/RJ45 Combo
GEL-2461 LVL1-GEL-2461 Datasheet
200Kb / 4P
   24-Port Web Smart Gigabit Switch, 16 x SFP
GES-2451 LVL1-GES-2451 Datasheet
392Kb / 4P
   24-Port Web Smart Gigabit Switch, 4 x SFP/RJ45 Combo
GEU-2429 LVL1-GEU-2429 Datasheet
345Kb / 3P
   26-Port Gigabit Ethernet Switch, 2 x SFP
GEP-2650 LVL1-GEP-2650 Datasheet
94Kb / 3P
   26-Port Web Smart Gigabit PoE Switch, 802.3at PoEplus, 24 PoE Outputs, 370W, 2 x SFP
GEL-2670 LVL1-GEL-2670 Datasheet
421Kb / 5P
   26-Port L2 Managed Gigabit Ethernet Switch, 2 x SFP
logo
Advantech Co., Ltd.
EKI-5729FI-AE ADVANTECH-EKI-5729FI-AE Datasheet
392Kb / 2P
   8-Port2 SFP Gigabit Ethernet ProView Switch
EKI-5726FI-AE ADVANTECH-EKI-5726FI-AE Datasheet
495Kb / 2P
   16-port2 SFP Gigabit Ethernet ProView Switch
EKI-5729F-AE ADVANTECH-EKI-5729F-AE Datasheet
392Kb / 2P
   8-Port2 SFP Gigabit Ethernet ProView switch
EKI-5726F-AE ADVANTECH-EKI-5726F-AE Datasheet
495Kb / 2P
   16-port2 SFP Gigabit Ethernet ProView Switch
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com