Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GSW-2457 Fiches technique(PDF) 2 Page - Level One

No de pièce GSW-2457
Description  24-Port Gigabit Ethernet Switch
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LVL1 [Level One]
Site Internet  http://www.level1.com/
Logo LVL1 - Level One

GSW-2457 Fiches technique(HTML) 2 Page - Level One

  GSW-2457 Datasheet HTML 1Page - Level One GSW-2457 Datasheet HTML 2Page - Level One  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.level1.com
I one world_one brand_one level_
Ethernet Switches
3
Network Interface
24 x 10/100/1000Mbps RJ-45 Ports
LED Indicators
Power, Link / Act, 1000Mbps
Power Input
100-240V AC, 50-60 Hz, 0.6A Internal Power Supply
Power Consumption
18.6W
Dimensions (L x W x H)
440 x 180 x 44 mm
Weight
1.7kg
Temperature
Operating: 0°C ~ 45 °C
Storage: -40°C ~ 70°C
Humidity
Operating: 10% ~ 90% (Non-condensing)
Storage: 10% ~ 90% (Non-condensing)
Certifications
FCC, CE
Technical Specifications
Product Diagram
GSW-2457
Standards
IEEE 802.1p class of service, priority protocols
IEEE 802.3 10-BASE-T (Ethernet)
IEEE 802.3u 100-BASE-TX (Fast Ethernet)
IEEE 802.3ab 1000BASE-T (Gigabit Ethernet)
IEEE 802.3X Flow Control (full-duplex flow control)
Features
MAC Address: 8K
Buffer Memory: 512KB
Transmission Method: Store-and-Forward
Backplane: 48Gbps
Jumbo Frame: 10KB
Filtering/Forwarding Rates
1000Mbps port-1488,000pps
100Mbps port-148,000pps
10Mbps port-14,880pps
Transmission Media
10Base T Cat. 3, 4, 5 UTP/STP
100Base TX Cat. 5 UTP/STP
1000Base TX Cat. 5e/6/7 UTP/STP
Internet
Server
Order Information
GSW-2457: 24-Port Gigabit Ethernet Switch
Package Contents
GSW-2457
Rackmount kit
Power Cord
Quick Installation Guide
V3.0
All mentioned brand names are registered trademarks and property of their owners. Technical specifications are subject to change without notice.
© Copyright Digital Data Communications GmbH. All Rights Reserved.
Broadband Router
PC
PC
PC
Server
Server


Numéro de pièce similaire - GSW-2457

FabricantNo de pièceFiches techniqueDescription
logo
Level One
GSW-0504 LVL1-GSW-0504 Datasheet
117Kb / 2P
   8-port 10/100Mbps Fast Etherent Switch w/ Internal Power
GSW-0507 LVL1-GSW-0507 Datasheet
664Kb / 3P
   5-Port Gigabit Ethernet Switch
GSW-0807 LVL1-GSW-0807 Datasheet
290Kb / 4P
   8 Gigabit Ethernet ports 1000Mbps-Full-duplex
GSW-0807 LVL1-GSW-0807_16 Datasheet
733Kb / 3P
   8-Port Gigabit Ethernet Switch
GSW-0809 LVL1-GSW-0809 Datasheet
698Kb / 3P
   8-Port Gigabit Ethernet Switch
More results

Description similaire - GSW-2457

FabricantNo de pièceFiches techniqueDescription
logo
Broadcom Corporation.
BCM56500B2KEBG BOARDCOM-BCM56500B2KEBG Datasheet
128Kb / 2P
   24-PORT GIGABIT ETHERNET MULTILAYER SWITCH
BCM56300 BOARDCOM-BCM56300 Datasheet
192Kb / 2P
   24-PORT GIGABIT ETHERNET MULTILAYER SWITCH
BCM56510 BOARDCOM-BCM56510 Datasheet
160Kb / 2P
   24-PORT GIGABIT ETHERNET MULTILAYER SWITCH
BCM56500 BOARDCOM-BCM56500 Datasheet
111Kb / 2P
   24-PORT GIGABIT ETHERNET MULTILAYER SWITCH
logo
ORing Industrial Networ...
IGS-9168GP ORING-IGS-9168GP Datasheet
2Mb / 5P
   Industrial 24-port managed Gigabit Ethernet switch
logo
List of Unclassifed Man...
ATCA-3150 ETC2-ATCA-3150 Datasheet
454Kb / 2P
   24-port Gigabit Ethernet Base Interface switch
logo
ORing Industrial Networ...
TGPS-9168GT-M12 ORING-TGPS-9168GT-M12 Datasheet
4Mb / 6P
   24-port managed Gigabit PoE Ethernet switch
logo
Broadcom Corporation.
BCM56100 BOARDCOM-BCM56100 Datasheet
427Kb / 2P
   24-PORT FAST ETHERNET AND 2-PORT GIGABIT ETHERNET MULTILAYER SWITCH
BCM56101 BOARDCOM-BCM56101 Datasheet
639Kb / 2P
   24-PORT FAST ETHERNET AND 2-PORT GIGABIT ETHERNET MULTILAYER SWITCH WITH ONE 10-GIGABIT ETHERNET/HIGIG PORT
BCM56302 BOARDCOM-BCM56302 Datasheet
198Kb / 2P
   24-PORT GIGABIT ETHERNET MULTILAYER SWITCH WITH TWO 10-GIGABIT ETHERNET/HIGIGPORTS
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com