Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M02046-25EVM Fiches technique(PDF) 5 Page - M/A-COM Technology Solutions, Inc.

No de pièce M02046-25EVM
Description  3.3 5V Limiting Amplifier for Applications from 100 Mbps to 1.25 Gbps
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MA-COM [M/A-COM Technology Solutions, Inc.]
Site Internet  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M02046-25EVM Fiches technique(HTML) 5 Page - M/A-COM Technology Solutions, Inc.

  M02046-25EVM Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. M02046-25EVM Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. M02046-25EVM Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. M02046-25EVM Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. M02046-25EVM Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. M02046-25EVM Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. M02046-25EVM Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. M02046-25EVM Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. M02046-25EVM Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
M02046-15
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
http://www.macom.com/support
5
3.3/5V Limiting Amplifier for Applications from 100 Mbps to 1.25 Gbps
Rev V4
1.3
DC Characteristics
VCC = +3.3V ± 7.5% or +5V ± 7.5%, TA = -40°C to +85°C, unless otherwise noted.
Typical specifications are for VCC = 3.3V, TA = 25°C, unless otherwise noted.
Table 1-3.
DC Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Units
ICC
Supply Current
PECL outputs un-loaded
26
38
mA
VOUTHpecl
PECL Output High Voltage (1)
(PECLP, PECLN)
Single ended; 50
Ω load to VCC - 2V
VCC-1.025
VCC-0.952
VCC-0.88
V
VOUTLpecl
PECL Output Low Voltage (1)
(PECLP, PECLN)
Single ended; 50
Ω load to VCC - 2V
VCC-1.81
VCC-1.71
VCC-1.62
V
RINDIFF
Differential Input Resistance
Measured between DINP and DINN
90
110
130
Ω
VOH_CMOS
CMOS ST (2), LOS (2, 3) Output
High Voltage
External 4.7-10 k
Ω pull up to VCC
2.75
VCC
–V
VOL_CMOS
CMOS ST (2), LOS (2, 3) Output
Low Voltage
External 4.7-10 k
Ω pull up to VCC
0–
0.4
V
IOL_CMOS
CMOS ST (2), LOS (2, 3) Output
Low Current (into device)
VOL determined by external pull up to VCC
––
2.0
mA
VOH_PECL
PECL ST Output High
Voltage (1, 3, 4)
ST terminated 50
Ω to VCC - 2V
VCC-1.115
VCC-1.042
VCC-0.97
V
VOL_PECL
PECL ST Output Low
Voltage (1, 3, 4)
ST terminated 50
Ω to VCC - 2V
VCC-1.88
VCC-1.78
VCC-1.69
V
VIH
JAM Input High Voltage
2.7
VCC
V
VIL
JAM Input Low Voltage
0.8
V
Notes:
1. Limits apply between 0°C to +85°C. Below 0°C the minimum decreases by up to 40 mV.
2. M02046-15
3. M02046-25
4. When ST is terminated with a 510
Ω resistor to ground, the ST output voltages are approximately the same as for VOUTHpecl and VOUTLpecl


Numéro de pièce similaire - M02046-25EVM

FabricantNo de pièceFiches techniqueDescription
logo
M/A-COM Technology Solu...
M02040-15 MA-COM-M02040-15 Datasheet
611Kb / 31P
   3.3 5V Limiting Amplifier for Applications to 2.125 Gbps
M02040-15EVM MA-COM-M02040-15EVM Datasheet
611Kb / 31P
   3.3 5V Limiting Amplifier for Applications to 2.125 Gbps
M02044CG-31 MA-COM-M02044CG-31 Datasheet
478Kb / 22P
   3.3/5V Limiting Amplifier for Applications from 100 Mbps to 622 Mbps
M02044CG-31EVM MA-COM-M02044CG-31EVM Datasheet
478Kb / 22P
   3.3/5V Limiting Amplifier for Applications from 100 Mbps to 622 Mbps
More results

Description similaire - M02046-25EVM

FabricantNo de pièceFiches techniqueDescription
logo
M/A-COM Technology Solu...
02046-DSH-003-F MA-COM-02046-DSH-003-F Datasheet
470Kb / 23P
   3.3/5V Limiting Amplifier for Applications to 1.25 Gbps
M02044CG-31 MA-COM-M02044CG-31 Datasheet
478Kb / 22P
   3.3/5V Limiting Amplifier for Applications from 100 Mbps to 622 Mbps
M02050-15 MA-COM-M02050-15 Datasheet
740Kb / 28P
   3.3/5V Limiting Amplifier for Applications to 2.5 Gbps
M02040-15 MA-COM-M02040-15 Datasheet
611Kb / 31P
   3.3 5V Limiting Amplifier for Applications to 2.125 Gbps
02050-DSH-002-F MA-COM-02050-DSH-002-F Datasheet
740Kb / 28P
   3.3/5V Limiting Amplifier for Applications to 2.5 Gbps
02040-DSH-002-H MA-COM-02040-DSH-002-H Datasheet
672Kb / 27P
   3.3/5V Limiting Amplifier for Applications to 2.125 Gbps
M02050 MA-COM-M02050_17 Datasheet
740Kb / 28P
   3.3/5V Limiting Amplifier for Applications to 2.5 Gbps
logo
Texas Instruments
ONET3301PARGTT TI-ONET3301PARGTT Datasheet
914Kb / 18P
[Old version datasheet]   155-Mbps To 3.3-Gbps LIMITING AMPLIFIER
ONET3301PARGTTG4 TI-ONET3301PARGTTG4 Datasheet
914Kb / 18P
[Old version datasheet]   155-Mbps To 3.3-Gbps LIMITING AMPLIFIER
ONET3301PA TI-ONET3301PA Datasheet
253Kb / 12P
[Old version datasheet]   155-MBPS TO 3.3-GBPS LIMITING AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com