Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

5-1462000-3 Fiches technique(PDF) 2 Page - Tyco Electronics

No de pièce 5-1462000-3
Description  2 pole telecom/signal relay Through Hole Type (THT) Non-polarized. non-latching 1 coil
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MACOM [Tyco Electronics]
Site Internet  http://www.macom.com
Logo MACOM - Tyco Electronics

5-1462000-3 Fiches technique(HTML) 2 Page - Tyco Electronics

  5-1462000-3 Datasheet HTML 1Page - Tyco Electronics 5-1462000-3 Datasheet HTML 2Page - Tyco Electronics 5-1462000-3 Datasheet HTML 3Page - Tyco Electronics 5-1462000-3 Datasheet HTML 4Page - Tyco Electronics 5-1462000-3 Datasheet HTML 5Page - Tyco Electronics 5-1462000-3 Datasheet HTML 6Page - Tyco Electronics 5-1462000-3 Datasheet HTML 7Page - Tyco Electronics 5-1462000-3 Datasheet HTML 8Page - Tyco Electronics 5-1462000-3 Datasheet HTML 9Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2 pole telecom/signal relay
Through Hole Type (THT)
Non-polarized. non-latching 1 coil
Features
– Telecom/signal relay (dry circuit, test access, ringing)
– Slim line 20 x 10 mm, 0.795 x 0.393 inch
– Switching current 2 A
– 2 changeover contacts (2 form C / DPDT)
– Bifurcated contacts
– Meets FCC Part 68 and ITU-T K20
Typical applications
– Communications equipment
Linecard application – analog, ISDN, xDSL
PABX
Voice over IP
– Office and business equipment
– Measurement and control equipment
– Consumer electronics
– Set top boxes, HiFi
– Medical equipment
- Automotive Equipment
MT2 Relay
UL 508
File No. E 111441
IEC 61811-52:02
(QC160504)
Page 2 (9)
108-98006 Rev. C
European Directive conformance:
MT2 relay product conformance according to:
-
Directive 2000/53/EC: ELV (End of Life of Vehicles)
-
Directive 2002/95/EC: ROHS (Restrictions of the
use of certain hazardous substances in electrical and
electronic equipment)
Compliance is evidenced by written declaration from all raw
material suppliers.
Tyco Electronics AXICOM only has responsibility for the proper
processing of these materials.
Confirmation is valid for date codes ≥ 0416


Numéro de pièce similaire - 5-1462000-3

FabricantNo de pièceFiches techniqueDescription
logo
Tyco Electronics
5-1462000-3 MACOM-5-1462000-3 Datasheet
488Kb / 9P
   MT2 Relay
5-1462000-3 MACOM-5-1462000-3 Datasheet
488Kb / 9P
   The Best Relaytion
More results

Description similaire - 5-1462000-3

FabricantNo de pièceFiches techniqueDescription
logo
Tyco Electronics
MT2RELAY MACOM-MT2RELAY Datasheet
274Kb / 9P
   2 POLE TELECOM SIGNAL RELAY THROUGH HOLE TYPE(THT) NON-POLARIZED NON-LATCHING 1 COIL
MT2-C93403 MACOM-MT2-C93403 Datasheet
488Kb / 9P
   2 pole telecom/signal relay Through Hole Type (THT) Non-polarized. non-latching 1 coil
V23101-D0101-A201 MACOM-V23101-D0101-A201 Datasheet
1Mb / 13P
   1 pole PCB relay, non-polarized
logo
Fujitsu Component Limit...
JSL FUJITSU-JSL Datasheet
974Kb / 6P
   POWER RELAY 1 POLE - 8A Polarized Latching Type
JSL-21161 FUJITSU-JSL-21161 Datasheet
203Kb / 8P
   POWER RELAY 1 POLE - 8A Polarized Latching Type
JSL FUJITSU-JSL_11 Datasheet
387Kb / 6P
   POWER RELAY 1 POLE - 8A Polarized Latching Type
logo
Tyco Electronics
FCA-150 MACOM-FCA-150 Datasheet
374Kb / 6P
   Non-latching relay
logo
Panasonic Battery Group
LF-G PANASONICBATTERY-LF-G Datasheet
157Kb / 1P
   Non-Polarized Power Relay
logo
Nais(Matsushita Electri...
HX2-1.5V NAIS-HX2-1.5V Datasheet
60Kb / 3P
   Compact & Slim 2 Form C Non-polarized Relay
logo
DB Lectro Inc
CN1A100KC DBLECTRO-CN1A100KC Datasheet
526Kb / 13P
   CHIP TYPE, NON-POLARIZED
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com