Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SAV-551 Fiches technique(PDF) 5 Page - Mini-Circuits

No de pièce SAV-551
Description  E-PHEMT 0.45-6GHz
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MINI [Mini-Circuits]
Site Internet  http://www.minicircuits.com
Logo MINI - Mini-Circuits

SAV-551 Fiches technique(HTML) 5 Page - Mini-Circuits

  SAV-551 Datasheet HTML 1Page - Mini-Circuits SAV-551 Datasheet HTML 2Page - Mini-Circuits SAV-551 Datasheet HTML 3Page - Mini-Circuits SAV-551 Datasheet HTML 4Page - Mini-Circuits SAV-551 Datasheet HTML 5Page - Mini-Circuits SAV-551 Datasheet HTML 6Page - Mini-Circuits SAV-551 Datasheet HTML 7Page - Mini-Circuits SAV-551 Datasheet HTML 8Page - Mini-Circuits SAV-551 Datasheet HTML 9Page - Mini-Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
E-PHEMT
SAV-551+
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 5 of 13
(1) Includes test board loss, set-up and conditions per Figure 1.
(2) Measured using HP4155B semiconductor parameter analyzer.
(3) F Min is minimum Noise Figure.
(4) Drain current was allowed to increase during compression measurement.
GAIN vs IDS @ 0.9 GHz (1)
19.0
19.5
20.0
20.5
21.0
21.5
22.0
22.5
23.0
23.5
24.0
24.5
25.0
10
15
20
25
30
35
40
45
50
55
60
IDS (mA)
VDS=3V
VDS=4V
P1dB vs IDS @ 2 GHz (1,4)
15
16
17
18
19
20
21
22
23
24
25
10
15
20
25
30
35
40
45
50
55
60
IDS (mA)
VDS=3V
VDS=4V
P1dB vs IDS @ 0.9 GHz (1,4)
15
16
17
18
19
20
21
22
23
24
25
10
15
20
25
30
35
40
45
50
55
60
IDS (mA)
VDS=3V
VDS=4V
NF vs FREQUENCY & TEMPERATURE (1)
@ VDS=3V, IDS=15mA
0.0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
3.0
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0
FREQUENCY (GHz)
-40°C
+25°C
+85°C
OIP3 vs IDS @ 0.9 GHz (1)
15
20
25
30
35
40
45
10
15
20
25
30
35
40
45
50
55
60
IDS (mA)
VDS=3V
VDS=4V
OIP3 vs IDS @ 2GHz (1)
15
20
25
30
35
40
45
10
15
20
25
30
35
40
45
50
55
60
IDS (mA)
VDS=3V
VDS=4V


Numéro de pièce similaire - SAV-551

FabricantNo de pièceFiches techniqueDescription
logo
Mini-Circuits
SAV-541 MINI-SAV-541 Datasheet
586Kb / 13P
   E-PHEMT 0.45-6GHz
SAV-541-D MINI-SAV-541-D Datasheet
321Kb / 5P
   E-PHEMT Die
SAV-541-D++ MINI-SAV-541-D+ Datasheet
321Kb / 5P
   E-PHEMT Die
SAV-581 MINI-SAV-581 Datasheet
542Kb / 11P
   E-PHEMT 0.45-6GHz
More results

Description similaire - SAV-551

FabricantNo de pièceFiches techniqueDescription
logo
Mini-Circuits
TAV-551 MINI-TAV-551 Datasheet
590Kb / 13P
   E-PHEMT 0.45-6GHz
SAV-541 MINI-SAV-541 Datasheet
586Kb / 13P
   E-PHEMT 0.45-6GHz
SAV-581 MINI-SAV-581 Datasheet
542Kb / 11P
   E-PHEMT 0.45-6GHz
TAV-581 MINI-TAV-581 Datasheet
570Kb / 11P
   E-PHEMT 0.45-6GHz
TAV-541 MINI-TAV-541 Datasheet
596Kb / 13P
   E-PHEMT 0.45-6GHz
logo
AVAGO TECHNOLOGIES LIMI...
VMMK-2103 AVAGO-VMMK-2103 Datasheet
222Kb / 2P
   E-pHEMT Amplifier in a Wafer Scale Package (0.5 - 6GHz)
logo
RFHIC
AE663 RFHIC-AE663 Datasheet
630Kb / 8P
   E-pHEMT
AE308 RFHIC-AE308 Datasheet
308Kb / 3P
   E-pHEMT
AE608 RFHIC-AE608 Datasheet
447Kb / 8P
   E-pHEMT
AE616 RFHIC-AE616 Datasheet
352Kb / 8P
   E-pHEMT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com