Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

5-1462000-5 Fiches technique(PDF) 5 Page - Tyco Electronics

No de pièce 5-1462000-5
Description  2 pole telecom/signal relay Through Hole Type (THT) Non-polarized. non-latching 1 coil
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MACOM [Tyco Electronics]
Site Internet  http://www.macom.com
Logo MACOM - Tyco Electronics

5-1462000-5 Fiches technique(HTML) 5 Page - Tyco Electronics

  5-1462000-5 Datasheet HTML 1Page - Tyco Electronics 5-1462000-5 Datasheet HTML 2Page - Tyco Electronics 5-1462000-5 Datasheet HTML 3Page - Tyco Electronics 5-1462000-5 Datasheet HTML 4Page - Tyco Electronics 5-1462000-5 Datasheet HTML 5Page - Tyco Electronics 5-1462000-5 Datasheet HTML 6Page - Tyco Electronics 5-1462000-5 Datasheet HTML 7Page - Tyco Electronics 5-1462000-5 Datasheet HTML 8Page - Tyco Electronics 5-1462000-5 Datasheet HTML 9Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
MT2 Relay
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
3.2
-60 -50 -40 -30 -20 -10 0
10 20 30 40 50 60 70 80 90 100 110 120
150 mW coil
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
3
-60 -50 -40 -30 -20 -10 0
10 20 30 40 50 60 70 80 90 100 110 120
200 mW coil
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
-60 -50 -40 -30 -20 -10 0
10 20 30 40 50 60 70 80 90 100 110 120
300 mW coil
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
-60 -50 -40 -30 -20 -10 0
10 20 30 40 50 60 70 80 90 100 110 120
400 mW coil
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
-60 -50 -40 -30 -20 -10 0
10 20 30 40 50 60 70 80 90 100 110 120
550 mW coil
U
nom =
Nominal coil voltage
U
max. =
Upper limit of the operative range of
the coil voltage (limiting voltage) when coils are
continously energized
U
op. min. =
Lower limit of the operative range of
the coil voltage (reliable operate voltage)
U
rel. min. =
Lower limit of the operative range of
the coil voltage (reliable release voltage)
Coil operating range
Page 5 (9)
108-98006 Rev. C
Umax. at 0 A
Umax. at 2 x 2 A
Umax. at 2 x 1 A
Unom. nominal coil voltage
Uop. min.
Urel. min.
Ambient Temperature [°C]
Umax. at 0 A
Umax. at 2 x 2 A
Umax. at 2 x 1 A
Uop. min.
Urel. min.
Ambient Temperature [°C]
Umax. at 0 A
Umax. at 2 x 2 A
Umax. at 2 x 1 A
Unom. nominal coil voltage
Uop. min.
Urel. min.
Umax. at 0 A
Umax. at 2 x 2 A
Umax. at 2 x 1 A
Unom. nominal coil voltage
Uop. min.
Urel. min.
Umax. at 0 A
Umax. at 2 x 2 A
Umax. at 2 x 1 A
Unom. nominal coil voltage
Uop. min.
Urel. min.
Ambient Temperature [°C]
Ambient Temperature [°C]
Ambient Temperature [°C]
150 mW
200 mW
300 mW
400 mW
550 mW
Unom. nominal coil voltage


Numéro de pièce similaire - 5-1462000-5

FabricantNo de pièceFiches techniqueDescription
logo
Tyco Electronics
5-1462000-5 MACOM-5-1462000-5 Datasheet
488Kb / 9P
   MT2 Relay
5-1462000-5 MACOM-5-1462000-5 Datasheet
488Kb / 9P
   The Best Relaytion
More results

Description similaire - 5-1462000-5

FabricantNo de pièceFiches techniqueDescription
logo
Tyco Electronics
MT2RELAY MACOM-MT2RELAY Datasheet
274Kb / 9P
   2 POLE TELECOM SIGNAL RELAY THROUGH HOLE TYPE(THT) NON-POLARIZED NON-LATCHING 1 COIL
MT2-C93403 MACOM-MT2-C93403 Datasheet
488Kb / 9P
   2 pole telecom/signal relay Through Hole Type (THT) Non-polarized. non-latching 1 coil
V23101-D0101-A201 MACOM-V23101-D0101-A201 Datasheet
1Mb / 13P
   1 pole PCB relay, non-polarized
logo
Fujitsu Component Limit...
JSL FUJITSU-JSL Datasheet
974Kb / 6P
   POWER RELAY 1 POLE - 8A Polarized Latching Type
JSL-21161 FUJITSU-JSL-21161 Datasheet
203Kb / 8P
   POWER RELAY 1 POLE - 8A Polarized Latching Type
JSL FUJITSU-JSL_11 Datasheet
387Kb / 6P
   POWER RELAY 1 POLE - 8A Polarized Latching Type
logo
Tyco Electronics
FCA-150 MACOM-FCA-150 Datasheet
374Kb / 6P
   Non-latching relay
logo
Panasonic Battery Group
LF-G PANASONICBATTERY-LF-G Datasheet
157Kb / 1P
   Non-Polarized Power Relay
logo
Nais(Matsushita Electri...
HX2-1.5V NAIS-HX2-1.5V Datasheet
60Kb / 3P
   Compact & Slim 2 Form C Non-polarized Relay
logo
DB Lectro Inc
CN1A100KC DBLECTRO-CN1A100KC Datasheet
526Kb / 13P
   CHIP TYPE, NON-POLARIZED
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com