Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ES278 Fiches technique(PDF) 6 Page - Cyrustek corporation

No de pièce ES278
Description  4000 Counts Manual DMM
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYRUSTEK [Cyrustek corporation]
Site Internet  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES278 Fiches technique(HTML) 6 Page - Cyrustek corporation

Back Button ES278 Datasheet HTML 2Page - Cyrustek corporation ES278 Datasheet HTML 3Page - Cyrustek corporation ES278 Datasheet HTML 4Page - Cyrustek corporation ES278 Datasheet HTML 5Page - Cyrustek corporation ES278 Datasheet HTML 6Page - Cyrustek corporation ES278 Datasheet HTML 7Page - Cyrustek corporation ES278 Datasheet HTML 8Page - Cyrustek corporation ES278 Datasheet HTML 9Page - Cyrustek corporation ES278 Datasheet HTML 10Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
V 1.5
6
2015/12/11
ES278
4000 Counts Manual DMM
Absolute Maximum Ratings
Characteristic
Rating
Supply Voltage (V- to AGND)
-4V
Analog Input Voltage
V- -0.6 to V+ +0.6
V+
V+
≥ (AGND/DGND+0.5V)
AGND/DGND
AGND/DGND
≥ (V- -0.5V)
Digital Input
V- -0.6 to DGND +0.6
Power Dissipation. Flat Package
500mW
Operating Temperature
-20℃ to 70℃
Storage Temperature
-45℃ to 125℃
Electrical Characteristics
TA=23
oC
Parameter
Symbol
Test Condition
Min.
Typ.
Max
Units
Power supply
V-
2.4
-3.0
3.3
V
Operating supply current In
DCV mode
IDD
Normal operation
1.8
2.2
mA
ISS
In sleep mode
10
µA
Voltage roll-over error
REV
10MΩ input resistor
±0.1
%F.S
1
Voltage nonlinearity
NLV
Best case straight line
CIL=MPR capacitor
±0.1
%F.S
1
Zero input reading
10MΩ input resistor
-000
000
+000
counts
Band-gap reference voltage
VREF
100KΩ resistor between
VRH and AGND
-1.30
-1.23
-1.16
V
Open circuit voltage for 40
measurement
V-=3V
-3.0
V
Open circuit voltage for other Ω
measurement
-1.19
-1.08
-0.97
V
Peak to peak backplane voltage
VLCD
-3.5V
≤ V- ≤-2.2V
3.0
3.1
3.2
V
Low battery flag voltage
V- to AGND (LBAT9
connected to GND)
-2.4
-2.3
-2.2
V
Internal pull-high to 0V current
Between V- pin and
HOLD, KEY,
FC1-FC6, MMX
1.2
µA
AC frequency response at
4.000V range
±1%
40-400
HZ
±5% (No compensated)
400-4000
Capacitance measurement
accuracy
4nF – 400uF
-2.5
2.5
%
-3
3
counts
Capacitance measurement
accuracy
4mF – 40mF
-3.5
3.5
%
5
5
counts
Reference voltage temperature
coefficient
TCRF
-20℃<TA<70℃
100
ppm/℃
Note:
1. Full Scale.


Numéro de pièce similaire - ES278

FabricantNo de pièceFiches techniqueDescription
logo
Amphenol Corporation
ES27484T22F21S AMPHENOL-ES27484T22F21S Datasheet
1Mb / 57P
   Amphenol JT/LJT Subminiature Cylindrical Connectors
logo
Cyrustek corporation
ES277 CYRUSTEK-ES277 Datasheet
463Kb / 25P
   4000 Counts DMM
V 1.1 2016/08/16
More results

Description similaire - ES278

FabricantNo de pièceFiches techniqueDescription
logo
Cyrustek corporation
ES277 CYRUSTEK-ES277 Datasheet
463Kb / 25P
   4000 Counts DMM
V 1.1 2016/08/16
ES233 CYRUSTEK-ES233 Datasheet
850Kb / 37P
   4000 Counts DMM
ES236 CYRUSTEK-ES236 Datasheet
800Kb / 36P
   4000 Counts DMM / Inrush
ES235 CYRUSTEK-ES235 Datasheet
849Kb / 37P
   4000 Counts DMM / Peak
ES218 CYRUSTEK-ES218 Datasheet
645Kb / 26P
   2000 Counts Manual DMM
ES289 CYRUSTEK-ES289 Datasheet
512Kb / 28P
   20000 Counts Manual DMM
ES252 CYRUSTEK-ES252 Datasheet
874Kb / 36P
   2000 Counts DMM
ES237 CYRUSTEK-ES237 Datasheet
1Mb / 37P
   6000 Counts DMM
ES251 CYRUSTEK-ES251 Datasheet
765Kb / 35P
   2000 Counts DMM
ES51927 CYRUSTEK-ES51927 Datasheet
342Kb / 22P
   6000 Counts Smart DMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com