Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ES236 Fiches technique(PDF) 11 Page - Cyrustek corporation

No de pièce ES236
Description  4000 Counts DMM / Inrush
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYRUSTEK [Cyrustek corporation]
Site Internet  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES236 Fiches technique(HTML) 11 Page - Cyrustek corporation

Back Button ES236 Datasheet HTML 7Page - Cyrustek corporation ES236 Datasheet HTML 8Page - Cyrustek corporation ES236 Datasheet HTML 9Page - Cyrustek corporation ES236 Datasheet HTML 10Page - Cyrustek corporation ES236 Datasheet HTML 11Page - Cyrustek corporation ES236 Datasheet HTML 12Page - Cyrustek corporation ES236 Datasheet HTML 13Page - Cyrustek corporation ES236 Datasheet HTML 14Page - Cyrustek corporation ES236 Datasheet HTML 15Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
V 2.2
11
2015/12/15
ES236
4000 Counts DMM / Inrush
1.6.
SCAN RSDC measurement
ES236 provide the smart auto check mode for the DUT type. It could scan the four types of device
Resistor / Shorted / Diode / Capacitor. Push KEY to change to individual function is available. It
could increase the measurement ranges.
The following table summarizes the detective range for the smart scan RSDC mode.
Mode
FC1~4
SLACDC
Available scanning range
Scan RSDC
1,1,1,0
0
R: ~ 4M
Ω (Parasitic capacitance < 100pF)
S: < 30
Ω buzzer ON
D: forward/reverse diode direction
C: ~ 400uF (Minimum 500pF)
1.7.
Resistance Measurement
A re-configurable divider automatically provides a suitable Full-Scale range in resistance
measurement mode.
The following table summarizes the full-scale ranges and the reference resistors in each
configuration.
Configuration
Full Scale Range
Relative Resistor
Equivalent value
OR0
40.00
OR1
100Ω
OR1
400.0
Ω
OR1
100Ω
OR2
4.000
VR5
1KΩ
OR3
40.00
VR4 || VR1
10KΩ
OR4
400.0
VR3 || VR1
100KΩ
OR5
4.000
VR2 || VR1
1MΩ
OR6
40.00
VR1
10MΩ


Numéro de pièce similaire - ES236

FabricantNo de pièceFiches techniqueDescription
logo
Power-One
ES2320-7R POWER-ONE-ES2320-7R Datasheet
147Kb / 4P
   100 Watt DC-DC Converters
logo
Cyrustek corporation
ES233 CYRUSTEK-ES233 Datasheet
850Kb / 37P
   4000 Counts DMM
ES235 CYRUSTEK-ES235 Datasheet
849Kb / 37P
   4000 Counts DMM / Peak
ES237 CYRUSTEK-ES237 Datasheet
1Mb / 37P
   6000 Counts DMM
ES238 CYRUSTEK-ES238 Datasheet
863Kb / 37P
   6000 Counts DMM / Peak
More results

Description similaire - ES236

FabricantNo de pièceFiches techniqueDescription
logo
Cyrustek corporation
ES277 CYRUSTEK-ES277 Datasheet
463Kb / 25P
   4000 Counts DMM
V 1.1 2016/08/16
ES233 CYRUSTEK-ES233 Datasheet
850Kb / 37P
   4000 Counts DMM
ES239 CYRUSTEK-ES239 Datasheet
827Kb / 36P
   6000 Counts DMM / Inrush
ES278 CYRUSTEK-ES278 Datasheet
637Kb / 25P
   4000 Counts Manual DMM
ES235 CYRUSTEK-ES235 Datasheet
849Kb / 37P
   4000 Counts DMM / Peak
ES252 CYRUSTEK-ES252 Datasheet
874Kb / 36P
   2000 Counts DMM
ES237 CYRUSTEK-ES237 Datasheet
1Mb / 37P
   6000 Counts DMM
ES251 CYRUSTEK-ES251 Datasheet
765Kb / 35P
   2000 Counts DMM
ES51927 CYRUSTEK-ES51927 Datasheet
342Kb / 22P
   6000 Counts Smart DMM
ES51916 CYRUSTEK-ES51916_11 Datasheet
786Kb / 29P
   11,000 Counts Auto DMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com