Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADXRS645HDYZ Fiches technique(PDF) 3 Page - Analog Devices

No de pièce ADXRS645HDYZ
Description  High Temperature, Vibration Rejecting plus,minus2000temperature/sec Gyroscope
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADXRS645HDYZ Fiches technique(HTML) 3 Page - Analog Devices

  ADXRS645HDYZ Datasheet HTML 1Page - Analog Devices ADXRS645HDYZ Datasheet HTML 2Page - Analog Devices ADXRS645HDYZ Datasheet HTML 3Page - Analog Devices ADXRS645HDYZ Datasheet HTML 4Page - Analog Devices ADXRS645HDYZ Datasheet HTML 5Page - Analog Devices ADXRS645HDYZ Datasheet HTML 6Page - Analog Devices ADXRS645HDYZ Datasheet HTML 7Page - Analog Devices ADXRS645HDYZ Datasheet HTML 8Page - Analog Devices ADXRS645HDYZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Data Sheet
ADXRS645
SPECIFICATIONS
All minimum and maximum specifications are guaranteed. Typical specifications are not guaranteed. TA = 25°C, VS = AVCC = VDD = 5 V,
VRATIO = AVCC, angular rate = 0°/sec, bandwidth = 80 Hz (COUT = 0.01 µF), and IOUT = 100 µA, unless otherwise noted.
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
SENSITIVITY1
Clockwise rotation is positive output
Measurement Range2, 3
±2000
°/sec
Initial
TA = 25°C
1
mV/°/sec
Temperature Drift
Uncompensated, −40°C to +150°C4
±5
%
Uncompensated, 150°C to 175°C
−35
%
Nonlinearity
Best fit straight line
0.1
% of FS
NULL1
Initial
TA = 25°C
2.4
2.5
2.6
V
Temperature Drift
Uncompensated, −40°C to +150°C4
±50
°/sec
Uncompensated, 150°C to 175°C
±150
°/sec
Linear Acceleration Effect
Any axis
0.1
°/sec/g
Vibration Rectification
25 g rms, 50 Hz to 5 kHz
0.0006
°/sec/g2
NOISE PERFORMANCE
Rate Noise Density
TA ≤ 25°C
0.25
°/sec/√Hz
Resolution Floor
TA = 25°C, 1 minute to 1 hour in-run
100
°/hr
TA = 150°C, 1 minute to 1 hour in-run
150
°/hr
FREQUENCY RESPONSE
Bandwidth (±3 dB)5
No external filter
2000
Hz
Sensor Resonant Frequency
15.5
17.5
20
kHz
SELF-TEST1
ST1 RATEOUT Response
ST1 pin from Logic 0 to Logic 1
−1300
°/sec
ST2 RATEOUT Response
ST2 pin from Logic 0 to Logic 1
1300
°/sec
ST1 to ST2 Mismatch6
±2
%
Logic 1 Input Voltage
3.3
V
Logic 0 Input Voltage
1.7
V
Input Impedance
To common
40
50
100
TEMPERATURE SENSOR1
VTEMP at 25°C
Load = 10 MΩ
2.3
2.4
2.5
V
Scale Factor7
25°C, VRATIO = 5 V
9
mV/°C
TURN-ON TIME8
Power on to ±2°/sec of final with CP5 = 100 nF
50
ms
OUTPUT DRIVE CAPABILITY
Current Drive
For rated specifications
200
µA
Capacitive Load Drive
1000
pF
POWER SUPPLY
Operating Voltage (VS)
4.75
5.00
5.25
V
Quiescent Supply Current
3.5
mA
TEMPERATURE RANGE
Specified Performance
−40
+175
°C
LIFESPAN
Usable Life Expectancy
TA = 175°C
1000
Hours
1
Parameter is linearly ratiometric with VRATIO.
2
Measurement range is the maximum range possible, including output swing range, initial offset, sensitivity, offset drift, and sensitivity drift at 5 V supplies.
3
Measurement range can be extended to as much as ±5000°/s by adding a single 120 kΩ resistor between the RATEOUT and SUMJ pins.
4
Maximum deviation from +25°C to −40°C or +25°C to +150°C, see the Typical Performance Characteristics section for typical behavior over temperature.
5
Adjusted by the external capacitor, COUT. Reducing bandwidth below 0.01 Hz does not result in further noise improvement.
6
Self-test mismatch is described as (ST2 + ST1)/((ST2 − ST1)/2).
7
Scale factor for a change in temperature from 25°C to 26°C. VTEMP is ratiometric to VRATIO.
8
Based on characterization.
Rev. A | Page 3 of 10


Numéro de pièce similaire - ADXRS645HDYZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADXRS642 AD-ADXRS642 Datasheet
200Kb / 10P
   Vibration Rejecting 짹250째/s Yaw Rate Gyro
Rev. Pr A
ADXRS646 AD-ADXRS646 Datasheet
199Kb / 12P
   High Stability, Low Noise Vibration Rejecting Yaw Rate Gyro
REV. 0
ADXRS646 AD-ADXRS646 Datasheet
379Kb / 12P
   High Stability, Low Noise Vibration Rejecting Yaw Rate Gyroscope
REV. 0
ADXRS646-EP AD-ADXRS646-EP Datasheet
364Kb / 13P
   High Stability, Low Noise Vibration Rejecting Yaw Rate Gyroscope
REV. 0
ADXRS646BBGZ AD-ADXRS646BBGZ Datasheet
199Kb / 12P
   High Stability, Low Noise Vibration Rejecting Yaw Rate Gyro
REV. 0
More results

Description similaire - ADXRS645HDYZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADXRS646-EP AD-ADXRS646-EP Datasheet
364Kb / 13P
   High Stability, Low Noise Vibration Rejecting Yaw Rate Gyroscope
REV. 0
ADXRS646 AD-ADXRS646 Datasheet
379Kb / 12P
   High Stability, Low Noise Vibration Rejecting Yaw Rate Gyroscope
REV. 0
ADXRS649BBGZ AD-ADXRS649BBGZ Datasheet
303Kb / 12P
   Fast Starting, ,-20,000/sec Vibration Rejecting Rate Gyro
REV. B
ADXRS649 AD-ADXRS649 Datasheet
261Kb / 12P
   Fast Starting, 짹20,000째/sec Vibration Rejecting Rate Gyro
REV. 0
ADXRS622 AD-ADXRS622 Datasheet
328Kb / 12P
   plus,minus250temperature/sec Yaw Rate Gyroscope
ADXRS623 AD-ADXRS623 Datasheet
393Kb / 12P
   짹150째/Sec Yaw Rate Gyroscope
REV. 0
ADXRS613 AD-ADXRS613 Datasheet
421Kb / 12P
   짹150째/sec Yaw Rate Gyroscope
REV. 0
ADXRS646 AD-ADXRS646 Datasheet
199Kb / 12P
   High Stability, Low Noise Vibration Rejecting Yaw Rate Gyro
REV. 0
ADXRS623 AD-ADXRS623_V01 Datasheet
328Kb / 12P
   짹150째/Sec Yaw Rate Gyroscope
Rev. A
ADXRS642 AD-ADXRS642 Datasheet
200Kb / 10P
   Vibration Rejecting 짹250째/s Yaw Rate Gyro
Rev. Pr A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com