Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADXRS290 Fiches technique(PDF) 8 Page - Analog Devices

No de pièce ADXRS290
Description  Ultralow Noise, Dual-Axis MEMS Gyroscope
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADXRS290 Fiches technique(HTML) 8 Page - Analog Devices

Back Button ADXRS290 Datasheet HTML 4Page - Analog Devices ADXRS290 Datasheet HTML 5Page - Analog Devices ADXRS290 Datasheet HTML 6Page - Analog Devices ADXRS290 Datasheet HTML 7Page - Analog Devices ADXRS290 Datasheet HTML 8Page - Analog Devices ADXRS290 Datasheet HTML 9Page - Analog Devices ADXRS290 Datasheet HTML 10Page - Analog Devices ADXRS290 Datasheet HTML 11Page - Analog Devices ADXRS290 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
ADXRS290
Data Sheet
200
–200
–150
–100
–50
0
50
100
150
0
100
80
60
40
20
90
70
50
30
10
TIME (ms)
X-AXIS
Y-AXIS
Figure 16. Start-Up Time (Standby to Measurement Mode)
1200
1000
800
600
400
200
0
–200
–400
–600
–50
100
75
50
25
0
–25
AMBIENT TEMPERATURE (°C)
Figure 17. Temperature Sensor Output vs. Ambient Temperature (N = 16)
3.0
0
0.5
1.0
1.5
2.0
2.5
0
50
40
30
20
10
INPUT FREQUENCY (Hz)
LPF = 80Hz
LPF = 160Hz
LPF = 320Hz
Figure 18. Low-Pass Filter Group Delay
0
–35
–30
–25
–20
–15
–10
–5
0
50
40
30
20
10
INPUT FREQUENCY (Hz)
LPF = 80Hz
LPF = 160Hz
LPF = 320Hz
Figure 19. Low-Pass Filter Phase Delay
0.5
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
–125
125
75
25
–25
–75
ANGULAR RATE (°/s)
Figure 20. Rate Output Nonlinearity (N = 15)
50
0
10
20
30
40
45
5
15
25
35
10
15
20
25
30
35
40
45
50
55
60
STANDBY MODE CURRENT (µA)
Figure 21. Standby Mode Current Consumption
Rev. A | Page 8 of 19


Numéro de pièce similaire - ADXRS290

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADXRS150 AD-ADXRS150 Datasheet
697Kb / 12P
   짹150째/s Single Chip Yaw Rate Gyro with Signal Conditioning
REV. A
ADXRS150ABG AD-ADXRS150ABG Datasheet
697Kb / 12P
   짹150째/s Single Chip Yaw Rate Gyro with Signal Conditioning
REV. A
ADXRS150ABG-REEL AD-ADXRS150ABG-REEL Datasheet
697Kb / 12P
   짹150째/s Single Chip Yaw Rate Gyro with Signal Conditioning
REV. A
ADXRS150EB AD-ADXRS150EB Datasheet
81Kb / 1P
   150/s Single Chip Rate Gyro Evaluation Board
REV. 0
ADXRS150 AD-ADXRS150_15 Datasheet
1Mb / 12P
   150/s Single Chip Yaw Rate Gyro with Signal Conditioning
More results

Description similaire - ADXRS290

FabricantNo de pièceFiches techniqueDescription
logo
TDK Electronics
MPU-6500 TDK-MPU-6500 Datasheet
2Mb / 48P
   Triple-axis MEMS gyroscope
ITG-3200 TDK-ITG-3200 Datasheet
893Kb / 39P
   Triple-axis MEMS gyroscope
ITG-3400 TDK-ITG-3400 Datasheet
1Mb / 41P
   Triple-axis MEMS gyroscope
MPU-9255 TDK-MPU-9255 Datasheet
474Kb / 42P
   Triple-axis MEMS gyroscope
IDG-2030U TDK-IDG-2030U Datasheet
293Kb / 1P
   Miniature Dual-Axis OIS Optimized MEMS Gyroscope
ICG-1020S TDK-ICG-1020S Datasheet
316Kb / 1P
   Thinnest Dual-Axis OIS Optimized MEMS Gyroscope
ICG-1020P TDK-ICG-1020P Datasheet
316Kb / 1P
   Thinnest and Highest Performance Dual-Axis OIS Optimized MEMS Gyroscope
logo
STMicroelectronics
L3G4200D STMICROELECTRONICS-L3G4200D Datasheet
810Kb / 24P
   MEMS motion sensor: three-axis digital output gyroscope
L3GD20 STMICROELECTRONICS-L3GD20 Datasheet
1Mb / 44P
   MEMS motion sensor: three-axis digital output gyroscope
A3G4250DTR STMICROELECTRONICS-A3G4250DTR Datasheet
1Mb / 44P
   MEMS motion sensor: 3-axis digital output gyroscope
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com