Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD6643-200EBZ Fiches technique(PDF) 1 Page - Analog Devices

No de pièce AD6643-200EBZ
Description  Dual IF Receiver
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD6643-200EBZ Fiches technique(HTML) 1 Page - Analog Devices

  AD6643-200EBZ Datasheet HTML 1Page - Analog Devices AD6643-200EBZ Datasheet HTML 2Page - Analog Devices AD6643-200EBZ Datasheet HTML 3Page - Analog Devices AD6643-200EBZ Datasheet HTML 4Page - Analog Devices AD6643-200EBZ Datasheet HTML 5Page - Analog Devices AD6643-200EBZ Datasheet HTML 6Page - Analog Devices AD6643-200EBZ Datasheet HTML 7Page - Analog Devices AD6643-200EBZ Datasheet HTML 8Page - Analog Devices AD6643-200EBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
Dual IF Receiver
Data Sheet
AD6643
Rev. C
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2011–2012 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
11-bit, 250 MSPS output data rate per channel
Performance with NSR enabled
SNR: 74.5 dBFS in a 55 MHz band to 90 MHz at 250 MSPS
SNR: 72.0 dBFS in a 82 MHz band to 90 MHz at 250 MSPS
Performance with NSR disabled
SNR: 66.2 dBFS up to 90 MHz at 250 MSPS
SFDR: 85 dBc up to 185 MHz at 250 MSPS
Total power consumption: 706 mW at 200 MSPS
1.8 V supply voltages
LVDS (ANSI-644 levels) outputs
Integer 1-to-8 input clock divider (625 MHz maximum input)
Internal ADC voltage reference
Flexible analog input range
1.4 V p-p to 2.0 V p-p (1.75 V p-p nominal)
Differential analog inputs with 400 MHz bandwidth
95 dB channel isolation/crosstalk
Serial port control
Energy saving power-down modes
APPLICATIONS
Communications
Diversity radio and smart antenna (MIMO) systems
Multimode digital receivers (3G)
WCDMA, LTE, CDMA2000
WiMAX, TD-SCDMA
I/Q demodulation systems
General-purpose software radios
GENERAL DESCRIPTION
The AD6643 is an 11-bit, 200 MSPS/250 MSPS, dual-channel
intermediate frequency (IF) receiver specifically designed to
support multi-antenna systems in telecommunication
applications where high dynamic range performance, low power,
and small size are desired.
The device consists of two high performance analog-to-digital
converters (ADCs) and noise shaping requantizer (NSR) digital
blocks. Each ADC consists of a multistage, differential pipelined
architecture with integrated output error correction logic, and
each ADC features a wide bandwidth switched capacitor sampling
network within the first stage of the differential pipeline. An
integrated voltage reference eases design considerations. A duty
cycle stabilizer (DCS) compensates for variations in the ADC
clock duty cycle, allowing the converters to maintain excellent
performance.
FUNCTIONAL BLOCK DIAGRAM
VIN+A
D0±
D10±
VIN–A
PIPELINE
ADC
NOISE SHAPING
REQUANTIZER
VIN+B
VIN–B
NOTES
1. THE D0± TO D10± PINS REPRESENT BOTH THE CHANNEL A
AND CHANNEL B LVDS OUTPUT DATA.
PIPELINE
ADC
SERIAL PORT
REFERENCE
14
11
NOISE SHAPING
REQUANTIZER
AD6643
14
11
CLOCK
DIVIDER
VCM
DCO±
OEB
SCLK
SDIO
CSB
CLK+
AVDD
AGND
DRVDD
CLK–
SYNC
PDWN
Figure 1.
Each ADC output is connected internally to an NSR block. The
integrated NSR circuitry allows for improved SNR performance in
a smaller frequency band within the Nyquist bandwidth. The
device supports two different output modes selectable via the SPI.
With the NSR feature enabled, the outputs of the ADCs are
processed such that the AD6643 supports enhanced SNR per-
formance within a limited portion of the Nyquist bandwidth
while maintaining an 11-bit output resolution.
The NSR block can be programmed to provide a bandwidth
of either 22% or 33% of the sample clock. For example, with a
sample clock rate of 185 MSPS, the AD6643 can achieve up to
75.5 dBFS SNR for a 40 MHz bandwidth in the 22% mode and
up to 73.7 dBFS SNR for a 60 MHz bandwidth in the 33% mode.
(continued on Page 3)


Numéro de pièce similaire - AD6643-200EBZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD6643-200EBZ AD-AD6643-200EBZ Datasheet
1Mb / 36P
   Dual IF Receiver 1.8 V supply voltages Internal ADC voltage reference
REV. 0
AD6643-200EBZ AD-AD6643-200EBZ Datasheet
1Mb / 41P
   Dual IF Receiver
More results

Description similaire - AD6643-200EBZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD6642 AD-AD6642_17 Datasheet
1Mb / 33P
   Dual IF Receiver
AD6643 AD-AD6643_17 Datasheet
1Mb / 41P
   Dual IF Receiver
AD6642 AD-AD6642 Datasheet
1Mb / 32P
   Dual IF Receiver
REV. 0
AD6659 AD-AD6659 Datasheet
1Mb / 40P
   Dual IF Receiver
REV. A
logo
Texas Instruments
ADS58C28 TI1-ADS58C28 Datasheet
2Mb / 67P
[Old version datasheet]   Dual Channel IF Receiver with SNRBoost3G
ADS58C28 TI-ADS58C28 Datasheet
2Mb / 67P
[Old version datasheet]   Dual Channel IF Receiver with SNRBoost3G
ADS58C28 TI1-ADS58C28_14 Datasheet
2Mb / 68P
[Old version datasheet]   Dual Channel IF Receiver with SNRBoost3G
logo
Analog Devices
AD6673 AD-AD6673_17 Datasheet
1Mb / 46P
   80 MHz Bandwidth, Dual IF Receiver
logo
Texas Instruments
ADS58C28IRGCR TI1-ADS58C28IRGCR Datasheet
2Mb / 67P
[Old version datasheet]   Dual Channel IF Receiver with SNRBoost3G
logo
Analog Devices
AD6673 AD-AD6673 Datasheet
1Mb / 45P
   80 MHz Bandwidth, Dual IF Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com