Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD6643BCPZRL7-200 Fiches technique(PDF) 4 Page - Analog Devices

No de pièce AD6643BCPZRL7-200
Description  Dual IF Receiver
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD6643BCPZRL7-200 Fiches technique(HTML) 4 Page - Analog Devices

  AD6643BCPZRL7-200 Datasheet HTML 1Page - Analog Devices AD6643BCPZRL7-200 Datasheet HTML 2Page - Analog Devices AD6643BCPZRL7-200 Datasheet HTML 3Page - Analog Devices AD6643BCPZRL7-200 Datasheet HTML 4Page - Analog Devices AD6643BCPZRL7-200 Datasheet HTML 5Page - Analog Devices AD6643BCPZRL7-200 Datasheet HTML 6Page - Analog Devices AD6643BCPZRL7-200 Datasheet HTML 7Page - Analog Devices AD6643BCPZRL7-200 Datasheet HTML 8Page - Analog Devices AD6643BCPZRL7-200 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
AD6643
Data Sheet
Rev. C | Page 4 of 40
SPECIFICATIONS
ADC DC SPECIFICATIONS
AVDD = 1.8 V, DRVDD = 1.8 V, maximum sample rate, VIN = −1.0 dBFS differential input, 1.75 V p-p full-scale input range, default SPI,
unless otherwise noted.
Table 1.
AD6643-200
AD6643-250
Parameter
Temperature
Min
Typ
Max
Min
Typ
Max
Unit
RESOLUTION
Full
11
11
Bits
ACCURACY
No Missing Codes
Full
Guaranteed
Guaranteed
Offset Error
Full
±10
±10
mV
Gain Error
Full
+2/−6
−5/+3
% FSR
Differential Nonlinearity (DNL)1
Full
±0.1
±0.25
±0.1
±0.4
LSB
Integral Nonlinearity (INL)1
Full
±0.2
±0.25
±0.2
±0.4
LSB
MATCHING CHARACTERISTIC
Offset Error
25°C
±13
±13
mV
Gain Error
25°C
−2/+3.5
−2.5/+3.5
% FSR
TEMPERATURE DRIFT
Offset Error
Full
±15
±15
ppm/°C
Gain Error
Full
±87
±87
ppm/°C
INPUT REFERRED NOISE
VREF = 1.75 V
25°C
0.614
0.614
LSB rms
ANALOG INPUT
Input Span
Full
1.75
1.75
V p-p
Input Capacitance2
Full
2.5
2.5
pF
Input Resistance3
Full
20
20
kΩ
Input Common-Mode Voltage
Full
0.9
0.9
V
POWER SUPPLIES
Supply Voltage
AVDD
Full
1.7
1.8
1.9
1.7
1.8
1.9
V
DRVDD
Full
1.7
1.8
1.9
1.7
1.8
1.9
V
Supply Current
IAVDD1
Full
238
260
256
275
mA
IDRVDD1 (NSR Disabled)
Full
154
215
180
215
mA
IDRVDD1 (NSR Enabled—22% Mode)
Full
172
206
mA
IDRVDD1 (NSR Enabled—33% Mode)
Full
186
218
mA
POWER CONSUMPTION
Sine Wave Input1 (DRVDD = 1.8 V,
NSR Disabled)
Full
706
855
785
873
mW
Sine Wave Input1 (DRVDD = 1.8 V,
NSR Enabled—22% Mode)
Full
738
832
mW
Sine Wave Input1 (DRVDD = 1.8 V,
NSR Enabled—33% Mode)
Full
765
853
mW
Standby Power4
Full
90
90
mW
Power-Down Power
Full
10
10
mW
1
Measured using a 10 MHz, 0 dBFS sine wave, and 100 Ω termination on each LVDS output pair.
2
Input capacitance refers to the effective capacitance between one differential input pin and its complement.
3
Input resistance refers to the effective resistance between one differential input pin and its complement.
4
Standby power is measured using a dc input and the CLK± pins inactive (set to AVDD or AGND).


Numéro de pièce similaire - AD6643BCPZRL7-200

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD6643BCPZRL7-200 AD-AD6643BCPZRL7-200 Datasheet
1Mb / 36P
   Dual IF Receiver 1.8 V supply voltages Internal ADC voltage reference
REV. 0
AD6643BCPZRL7-200 AD-AD6643BCPZRL7-200 Datasheet
1Mb / 41P
   Dual IF Receiver
More results

Description similaire - AD6643BCPZRL7-200

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD6642 AD-AD6642_17 Datasheet
1Mb / 33P
   Dual IF Receiver
AD6643 AD-AD6643_17 Datasheet
1Mb / 41P
   Dual IF Receiver
AD6642 AD-AD6642 Datasheet
1Mb / 32P
   Dual IF Receiver
REV. 0
AD6659 AD-AD6659 Datasheet
1Mb / 40P
   Dual IF Receiver
REV. A
logo
Texas Instruments
ADS58C28 TI1-ADS58C28 Datasheet
2Mb / 67P
[Old version datasheet]   Dual Channel IF Receiver with SNRBoost3G
ADS58C28 TI-ADS58C28 Datasheet
2Mb / 67P
[Old version datasheet]   Dual Channel IF Receiver with SNRBoost3G
ADS58C28 TI1-ADS58C28_14 Datasheet
2Mb / 68P
[Old version datasheet]   Dual Channel IF Receiver with SNRBoost3G
logo
Analog Devices
AD6673 AD-AD6673_17 Datasheet
1Mb / 46P
   80 MHz Bandwidth, Dual IF Receiver
logo
Texas Instruments
ADS58C28IRGCR TI1-ADS58C28IRGCR Datasheet
2Mb / 67P
[Old version datasheet]   Dual Channel IF Receiver with SNRBoost3G
logo
Analog Devices
AD6673 AD-AD6673 Datasheet
1Mb / 45P
   80 MHz Bandwidth, Dual IF Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com