Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM40W-NZ Fiches technique(PDF) 1 Page - AIMTEC

No de pièce AM40W-NZ
Description  40 Watt | DC-DC Converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AIMTEC [AIMTEC]
Site Internet  https://aimtec.com
Logo AIMTEC - AIMTEC

AM40W-NZ Fiches technique(HTML) 1 Page - AIMTEC

  AM40W-NZ Datasheet HTML 1Page - AIMTEC AM40W-NZ Datasheet HTML 2Page - AIMTEC AM40W-NZ Datasheet HTML 3Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Series AM40W-NZ
40 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R13
1 of 3
North America only
Picture coming soon
FEATURES:
• Super wide 6:1 Input range
• No minimum load required
• Extremely High Input range up to 1200VDC
High efficiency of up to 84%
• High Input to Output Isolation of 4000VDC
Under Voltage Input protection
• Over current and Over Voltage protection
Reversed connection protection
Models
Single output
Model
Input Voltage
(V)
Output
Voltage
(V)
Output
Current max
(A)
Isolation
(VDC)
Max
Capacitive
Load(uF)
Efficiency
(200VDC) (%)
AM40W-60012S-NZ
200-1200
12
3.33
4000
1200
83
AM40W-60015S-NZ
200-1200
15
2.67
4000
1000
84
AM40W-60024S-NZ
200-1200
24
1.67
4000
680
84
NOTE: All specifications in this datasheet are measured at an ambient temperature of 25°C, humidity<75%, nominal input voltage and at
rated output load unless otherwise specified.
Input Specifications
Parameters
Conditions
Typical
Maximum
Units
Voltage range
200-1200
VDC
Input Current
200VDC
320
mA
600VDC
100
1200VDC
55
Inrush current <2ms
600VDC
60
A
External fuse
Slow blow
3.15
A
Input Under voltage lockout
175-185
VDC
Isolation Specifications
Parameters
Conditions
Typical
Maximum
Units
Tested I/O voltage
1 min
4000
VDC
Output Specifications
Parameters
Conditions
Typical
Maximum
Units
Voltage accuracy
±1
±2
%
Line voltage regulation
LL-HL
±0.5
±1
% of Vin
Load voltage regulation
0-100% load
±0.5
±1
%
Over voltage protection
Zener diode clamp
Over current protection
110
% of Iout
Short Circuit protection
Continuous
Short circuit restart
Auto recovery
Temperature coefficient
±0.02
%/
oC
Ripple & Noise
20MHz Bandwidth
100
200
mV p-p
Hold up time
600VDC
5
ms
General Specifications
Parameters
Conditions
Typical
Maximum
Units
Switching frequency
100% load
65
KHz
Operating temperature
Derating above 50°C
-25 to 70
°C
Storage temperature
-25 to 85
°C
Maximum case temperature
95
°C
Cooling
Natural convection
Humidity
95
% RH
Case material
Black plastic (UL94-V0)
Weight
210
g


Numéro de pièce similaire - AM40W-NZ

FabricantNo de pièceFiches techniqueDescription
logo
Allied Components Inter...
AM40 ALLIED-AM40 Datasheet
261Kb / 1P
   Axial Molded Inductors
logo
Tyco Electronics
AM40-0023 MACOM-AM40-0023 Datasheet
207Kb / 2P
   Ultra Low Noise pHEMT Dual Channel Amplifier, 1.710-1.910 GHz
AM40-0023 MACOM-AM40-0023 Datasheet
139Kb / 2P
   Ultra Low Noise pHEMT Dual Channel Amplifier, 1.710-1.910 GHz
logo
M/A-COM Technology Solu...
AM40-0023 MA-COM-AM40-0023 Datasheet
74Kb / 2P
   Ultra Low Noise pHEMT Dual Channel Amplifier, 1.710-1.910 GHz
logo
Tyco Electronics
AM40-0023PIN MACOM-AM40-0023PIN Datasheet
139Kb / 2P
   Ultra Low Noise pHEMT Dual Channel Amplifier, 1.710-1.910 GHz
More results

Description similaire - AM40W-NZ

FabricantNo de pièceFiches techniqueDescription
logo
AIMTEC
AM40U-AZ AIMTEC-AM40U-AZ Datasheet
305Kb / 3P
   40 Watt | DC-DC Converter
AM40E-Z AIMTEC-AM40E-Z_16 Datasheet
533Kb / 7P
   40 Watt | DC-DC Converter
AM40U-AZ AIMTEC-AM40U-AZ_16 Datasheet
205Kb / 4P
   40 Watt | DC-DC Converter
AM40U-AZ AIMTEC-AM40U-AZ_12 Datasheet
407Kb / 3P
   40 Watt | DC-DC Converter
AM40UW-Z AIMTEC-AM40UW-Z Datasheet
497Kb / 5P
   40 Watt | DC-DC Converter
AM40UW-Z AIMTEC-AM40UW-Z_16 Datasheet
485Kb / 5P
   40 Watt | DC-DC Converter
AM40U-AZ AIMTEC-AM40U-AZ_13 Datasheet
294Kb / 3P
   40 Watt | DC-DC Converter
AM40UW-Z AIMTEC-AM40UW-Z_13 Datasheet
481Kb / 5P
   40 Watt | DC-DC Converter
AM40E-Z AIMTEC-AM40E-Z Datasheet
506Kb / 7P
   40 Watt | DC-DC Converter
AM40E-Z AIMTEC-AM40E-Z_13 Datasheet
443Kb / 7P
   40 Watt | DC-DC Converter
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com