Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM36923 Fiches technique(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No de pièce LM36923
Description  Highly Efficient Triple-String White LED Driver
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LM36923 Fiches technique(HTML) 7 Page - Texas Instruments

Back Button LM36923 Datasheet HTML 3Page - Texas Instruments LM36923 Datasheet HTML 4Page - Texas Instruments LM36923 Datasheet HTML 5Page - Texas Instruments LM36923 Datasheet HTML 6Page - Texas Instruments LM36923 Datasheet HTML 7Page - Texas Instruments LM36923 Datasheet HTML 8Page - Texas Instruments LM36923 Datasheet HTML 9Page - Texas Instruments LM36923 Datasheet HTML 10Page - Texas Instruments LM36923 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 47 page
background image
37.2
37.4
37.6
37.8
38.0
38.2
38.4
38.6
VIN (V)
MAX -40 degC
MIN -40 degC
MAX 30 degC
MIN 30 degC
MAX 85 degC
MIN 85 degC
MAX 125 degC
MIN 125 degC
C001
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
VIN (V)
125 degC
85 degC
30 degC
-40 degC
C001
23.3
23.4
23.5
23.6
23.7
23.8
23.9
24.0
24.1
24.2
24.3
VIN (V)
MAX -40 degC
MIN -40 degC
MAX 30 degC
MIN 30 degC
MAX 85 degC
MIN 85 degC
MAX 125 degC
MIN 125 degC
C001
30.3
30.5
30.7
30.9
31.1
31.3
VIN (V)
MAX -40 degC
MIN -40 degC
MAX 30 degC
MIN 30 degC
MAX 85 degC
MIN 85 degC
MAX 125 degC
MIN 125 degC
C001
0.505
0.51
0.515
0.52
0.525
0.53
VIN (V)
-40 degC
30 degC
85 degC
125 degC
C001
16.3
16.4
16.5
16.6
16.7
16.8
16.9
17.0
17.1
17.2
17.3
VIN (V)
MAX -40 degC
MIN -40 degC
MAX 30 degC
MIN 30 degC
MAX 85 degC
MIN 85 degC
MAX 125 degC
MIN 125 degC
C001
7
LM36923H
www.ti.com
SNVSAF3A – FEBRUARY 2016 – REVISED FEBRUARY 2016
Product Folder Links: LM36923H
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
6.7 Typical Characteristics
Figure 2. OVP Hysteresis
Figure 3. 17-V OVP Threshold
Figure 4. 24-V OVP Threshold
Figure 5. 31-V OVP Threshold
Figure 6. 38-V OVP Threshold
Figure 7. RDSON


Numéro de pièce similaire - LM36923

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM36922 TI1-LM36922 Datasheet
1Mb / 46P
[Old version datasheet]   Highly Efficient Dual-String White LED Driver
LM36922H TI1-LM36922H Datasheet
1Mb / 46P
[Old version datasheet]   Highly Efficient Dual-String White LED Driver
LM36922HYFFR TI1-LM36922HYFFR Datasheet
1Mb / 46P
[Old version datasheet]   Highly Efficient Dual-String White LED Driver
LM36922YFFR TI1-LM36922YFFR Datasheet
1Mb / 46P
[Old version datasheet]   Highly Efficient Dual-String White LED Driver
More results

Description similaire - LM36923

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM36922H TI1-LM36922H Datasheet
1Mb / 46P
[Old version datasheet]   Highly Efficient Dual-String White LED Driver
logo
Eutech Microelectronics...
EUP2990 EUTECH-EUP2990 Datasheet
681Kb / 1P
   6 String White LED Driver
logo
Analog Devices
ADD5207 AD-ADD5207 Datasheet
428Kb / 16P
   Four-String, White LED Driver
REV. A
ADD5205 AD-ADD5205 Datasheet
441Kb / 16P
   Four-String White LED Driver
REV. 0
logo
Alpha & Omega Semicondu...
AOZ1960 AOSMD-AOZ1960 Datasheet
911Kb / 20P
   Multi-String Boost White LED Driver
logo
Eutech Microelectronics...
EUP2592 EUTECH-EUP2592 Datasheet
53Kb / 1P
   8-String White LED Driver for LCD 8-String White LED Driver for LCD
logo
Monolithic Power System...
MP3384L MPS-MP3384L Datasheet
312Kb / 12P
   50V, 4-String, White LED Driver
MP3386 MPS-MP3386 Datasheet
315Kb / 14P
   50V, 6 String White LED Driver
MP3384 MPS-MP3384 Datasheet
323Kb / 13P
   50V, 4-String White LED Driver
MP3388 MPS-MP3388 Datasheet
342Kb / 14P
   50V, 8-String White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com