Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM36273 Fiches technique(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No de pièce LM36273
Description  Integrated Backlight Driver With Integrated LCD Bias
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LM36273 Fiches technique(HTML) 1 Page - Texas Instruments

  LM36273 Datasheet HTML 1Page - Texas Instruments LM36273 Datasheet HTML 2Page - Texas Instruments LM36273 Datasheet HTML 3Page - Texas Instruments LM36273 Datasheet HTML 4Page - Texas Instruments LM36273 Datasheet HTML 5Page - Texas Instruments LM36273 Datasheet HTML 6Page - Texas Instruments LM36273 Datasheet HTML 7Page - Texas Instruments LM36273 Datasheet HTML 8Page - Texas Instruments LM36273 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
IN
HWEN
LM36273
SCL
SDA
C+
C-
VNEG
VPOS
LED1
LED2
BL_OUT
LED3
LCM_OUT
LCM_SW
PWM
LCM_EN1
LCM_EN2
CFLY
LBL
VBATT
Up to 8 LEDs / String
CBL_OUT
CLCM
CVPOS
CVNEG
LLCM
DSCH
Load (mA)
0
10
20
30
40
50
60
70
80
90
50
55
60
65
70
75
80
85
90
95
D052
VIN = 2.7 V
VIN = 3.7 V
VIN = 5 V
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
LM36273
SNVSA80A – FEBRUARY 2016 – REVISED FEBRUARY 2016
LM36273 Integrated Backlight Driver With Integrated LCD Bias
1
1 Features
1
Drives up to Three Parallel White LED Strings
(29-V Maximum VOUT)
11-Bit Exponential and Linear Dimming Control
PWM and I2C Brightness Control
Backlight Operation With 4.7-µH to 15-µH Inductor
Backlight and LCD Bias Efficiency up to 92%
Programmable LCD Bias Voltages (±4 V to ±6.5 V
With 50-mV resolution) With Up to 80-mA per
Output
0.2% Matched LED Current From 60 µA to 30 mA
1% Accurate LED Current From 60 µA to 30 mA
2.7-V to 5-V Input Voltage Range
2 Applications
LCD Panels With up to 24 LEDs
Smart Phones
Tablets and Gaming Tablets
Home Automation Panels
space
space
Simplified Schematic
3 Description
The LM36273 is an integrated three-channel WLED
driver and LCD bias supply. The ultra-compact size,
high
efficiency,
high
level
of
integration,
and
programmability allow the LM36273 to address a
variety of applications without the need for hardware
changes while minimizing the overall solution area.
The backlight boost provides the power to bias three
parallel LED strings with up to 29-V total output
voltage. The 11-bit LED current is programmable via
the I2C bus and/or controlled via a logic level PWM
input from 60 µA to 30 mA. Each LED string can be
independently enabled or disabled to provide zone
dimming capabilities. The backlight boost can be
operated efficiently with an inductance range from
4.7 µH to 15 µH, allowing for efficiency and solution
size optimization.
The LCD bias boost provides the power to both a
positive LDO and an inverting charge pump. Both
positive
and
negative
bias
supplies
have
programmable output voltages of ±4 V to ±6.5 V with
50-mV steps and up to ±80 mA of current capability.
An auto-sequencing feature provides a programmed
delay from positive to negative bias activation, with
additional programmable voltage slew rate control.
Two wake-up modes allow both bias outputs to be
controlled with a single external signal and stay active
while consuming very low quiescent current.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (MAX)
LM36273
DSBGA (24)
2.44 mm × 1.67 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Backlight Efficiency, 3P7S


Numéro de pièce similaire - LM36273

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM36272 TI1-LM36272 Datasheet
695Kb / 9P
[Old version datasheet]   Integrated Backlight Driver With Integrated LCD Bias
LM36272YFFR TI1-LM36272YFFR Datasheet
695Kb / 9P
[Old version datasheet]   Integrated Backlight Driver With Integrated LCD Bias
LM36274 TI1-LM36274 Datasheet
696Kb / 9P
[Old version datasheet]   Integrated Backlight Driver With Integrated LCD Bias
LM36274YFFR TI1-LM36274YFFR Datasheet
696Kb / 9P
[Old version datasheet]   Integrated Backlight Driver With Integrated LCD Bias
More results

Description similaire - LM36273

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM36274 TI1-LM36274 Datasheet
696Kb / 9P
[Old version datasheet]   Integrated Backlight Driver With Integrated LCD Bias
LM36272 TI1-LM36272 Datasheet
695Kb / 9P
[Old version datasheet]   Integrated Backlight Driver With Integrated LCD Bias
TPS65142 TI1-TPS65142 Datasheet
2Mb / 32P
[Old version datasheet]   LCD Bias Power Integrated with WLED Backlight Drivers
TPS65154 TI1-TPS65154 Datasheet
2Mb / 87P
[Old version datasheet]   LCD Bias IC with Integrated WLED Driver
logo
Micrel Semiconductor
SY88422L MICREL-SY88422L_10 Datasheet
397Kb / 10P
   4.25Gbps Laser Driver with Integrated Bias
logo
Texas Instruments
TPS65163 TI1-TPS65163 Datasheet
1Mb / 43P
[Old version datasheet]   LCD Bias Supply With Integrated Level Shifters
logo
Micrel Semiconductor
SY88422L MICREL-SY88422L Datasheet
426Kb / 10P
   4.25Gbps Laser Driver with Integrated Bias
logo
Global Mixed-mode Techn...
G2523 GMT-G2523 Datasheet
197Kb / 2P
   Integrated LCD Bias Power Supply
logo
Fairchild Semiconductor
FAN7310 FAIRCHILD-FAN7310_07 Datasheet
99Kb / 3P
   LCD Backlight Inverter Drive Integrated Circuit
logo
Maxim Integrated Produc...
MAX3940 MAXIM-MAX3940 Datasheet
355Kb / 13P
   10Gbps EAM Driver with Integrated Bias Network
Rev 0; 1/03
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com