Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM285-2.5 Fiches technique(PDF) 10 Page - Texas Instruments

No de pièce LM285-2.5
Description  Micropower Voltage References
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LM285-2.5 Fiches technique(HTML) 10 Page - Texas Instruments

Back Button LM285-2.5_16 Datasheet HTML 6Page - Texas Instruments LM285-2.5_16 Datasheet HTML 7Page - Texas Instruments LM285-2.5_16 Datasheet HTML 8Page - Texas Instruments LM285-2.5_16 Datasheet HTML 9Page - Texas Instruments LM285-2.5_16 Datasheet HTML 10Page - Texas Instruments LM285-2.5_16 Datasheet HTML 11Page - Texas Instruments LM285-2.5_16 Datasheet HTML 12Page - Texas Instruments LM285-2.5_16 Datasheet HTML 13Page - Texas Instruments LM285-2.5_16 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
3.7 V ≤ V+ ≤ 30 V
R
V−
V+
2.74 k
2.5 V
LM385-2.5
LM334
+
412 Ω†
±1%
† Adjust for 12.17 mV at 25°C across 412 Ω
2.00 kΩ 1%
±
IO ≈ 60 µA
+
3.3 kΩ
R
LM334
V−
V+
200 kΩ 1%
±
20 kΩ
953 Ω
±1%
Meter
Type K
LM385-2.5
500 Ω
cw
cw
Two Mercury
Cells
2.6 V
10
LM285-2.5, LM385-2.5, LM385B-2.5
SLVS023K – JANUARY 1989 – REVISED MARCH 2016
www.ti.com
Product Folder Links: LM285-2.5 LM385-2.5 LM385B-2.5
Submit Documentation Feedback
Copyright © 1989–2016, Texas Instruments Incorporated
8.3 System Examples
8.3.1 Thermocouple Cold-Junction Compensator
Figure 10 shows how to use the LM385-2.5 in a circuit for thermocouple cold-junction compensation.
Figure 10. Thermocouple Cold-Junction Compensator
8.3.2 Generating Reference Voltage with a Constant Current Source
The LM334 device can be used to set the cathode current of the LM385-2.5 device over a wide range of input
voltages to ensure proper voltage regulation by the LM385-2.5 device.
Figure 11. Generating Reference Voltage With a Constant Current Source Device


Numéro de pièce similaire - LM285-2.5_16

FabricantNo de pièceFiches techniqueDescription
logo
Linear Technology
LM285-2.5 LINER-LM285-2.5_15 Datasheet
157Kb / 8P
   Micropower Voltage Reference
More results

Description similaire - LM285-2.5_16

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM285-2-5 TI-LM285-2-5 Datasheet
669Kb / 18P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM285-1.2 TI1-LM285-1.2_16 Datasheet
1Mb / 25P
[Old version datasheet]   Micropower Voltage References
LM385-1.2-MIL TI1-LM385-1.2-MIL Datasheet
402Kb / 16P
[Old version datasheet]   Micropower Voltage References
LM385LPE3-2-5 TI1-LM385LPE3-2-5 Datasheet
651Kb / 18P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM285 TI-LM285 Datasheet
307Kb / 15P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM385B-2.5 TI-LM385B-2.5 Datasheet
263Kb / 14P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM285-2.5 TI-LM285-2.5 Datasheet
263Kb / 14P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM385-2-5 TI-LM385-2-5 Datasheet
670Kb / 18P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM285-1.2 TI1-LM285-1.2 Datasheet
1Mb / 25P
[Old version datasheet]   Micropower Voltage References
LT1004-12 TI-LT1004-12 Datasheet
353Kb / 20P
[Old version datasheet]   MICROPOWER INTEGRATED VOLTAGE REFERENCES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com