Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC5710S Fiches technique(PDF) 11 Page - Sanken electric

No de pièce LC5710S
Description  Operation Types: The following converter types are applicable by the external circuit configuration
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANKEN [Sanken electric]
Site Internet  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

LC5710S Fiches technique(HTML) 11 Page - Sanken electric

Back Button LC5710S Datasheet HTML 7Page - Sanken electric LC5710S Datasheet HTML 8Page - Sanken electric LC5710S Datasheet HTML 9Page - Sanken electric LC5710S Datasheet HTML 10Page - Sanken electric LC5710S Datasheet HTML 11Page - Sanken electric LC5710S Datasheet HTML 12Page - Sanken electric LC5710S Datasheet HTML 13Page - Sanken electric LC5710S Datasheet HTML 14Page - Sanken electric LC5710S Datasheet HTML 15Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
LC5710S DATA SHEET
Rev.1.9
Copy Right: SANKEN ELECTRIC CO., LTD.
Page.11
LED string current is detected by the current detection resistor, RCS.
The voltage of RCS is detected by both CSP and CSN pins. This IC compares this voltage with the Current Detection
Voltage, VCS, and makes a target value for current control.
The constant current is controlled so that the detection voltage of peak current of internal power MOSFET is close to
the target value, and thus the LED string current is constant.
The constant current of LED string, IOUT, is calculated by the following with RCS as the current detection resistor and
ROVP as the resistor for overvoltage protection in the case that LED string is open.
CS
OVP
CS
CSN
CS
OUT
R
)
R
R
(
I
V
I
・・・(2)
where;
ICSN : the CSN Pin Sink Current, 9.5μA.
VCS : the Current Detection Voltage, 100mV.
Also, IOUT can be expressed by the following, if ICSN×(RCS+ROVP) is negligibly small against VCS.
CS
CS
OUT
R
V
I
・・・(3)
ROVP value should be chosen so that IOUT is within the acceptable accuracy range referring to the calculation in “8.5
Overvoltage Protection Function (OVP)”.
8.3 LED Dimming
8.3.1 Analog dimming
The dimming of LC5710S copes with both of Analog (the input of a DC voltage) and PWM-digital-Dimming.
Though it is Analog-dimming first, there are relations of the fig.8(A),(B) in the input DC voltage of the DIM pin and
the dimming-ratio. Moreover,Dimming by the Pull-down resistor RDIM is possible by using a internal current-source
of the IC, too. The relations of the DIM pin voltage and RDIM are shown by the figure 8 (B). Dimming ratio is 100%
when the DIM pin voltage is more than DC 2V.
fig.8(A) DIM Pin voltage vs. LED Current
fig.8(B) Pull-down resistor RDIM vs. DIM pin voltage
fig.8I The connection of RDIM and remote ON/OFF application
From the port of the microcomputer of the use and so on, and if the DIM pin of LC5710S is held continuously to
the “Low” level,LC5710S continues suspension of a movement. The “Low level” voltage must be lower voltage
than VDIM (OFF). For reverse logic, put one small signal Transistor as the fig8I.
Though LC5710S doesn't have an exclusive
"Remote ON/OFF pin",
But,"Remote ON/OFF function" is as well as
possible by using a DIM pin.


Numéro de pièce similaire - LC5710S

FabricantNo de pièceFiches techniqueDescription
logo
Seoul Semiconductor
LC571 SEOUL-LC571 Datasheet
376Kb / 14P
   INFRARED LAMP LED
LC571 SEOUL-LC571 Datasheet
360Kb / 13P
   CYAN LAMP LED
LC571 SEOUL-LC571 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
LC571 SEOUL-LC571 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
LC571 SEOUL-LC571 Datasheet
378Kb / 14P
   RED LAMP LED
More results

Description similaire - LC5710S

FabricantNo de pièceFiches techniqueDescription
logo
Integrated Device Techn...
8312I IDT-8312I Datasheet
234Kb / 18P
   CLK input supports the following input types
logo
Xilinx, Inc
DS484 XILINX-DS484 Datasheet
189Kb / 5P
   The Split Operation has the following features:
logo
Rohm
BD5243FVE-TR ROHM-BD5243FVE-TR Datasheet
400Kb / 16P
   Delay Time Controlled by external Capacitor, Two output types
logo
Xilinx, Inc
DS804 XILINX-DS804 Datasheet
225Kb / 7P
   The following tables list the external slave signals and master
logo
ATMEL Corporation
T48C893 ATMEL-T48C893 Datasheet
638Kb / 82P
   The multiple times programmable (MTP) version for the MARC4 ROM types
logo
RMT Ltd.
1MC10031 RMT-1MC10031 Datasheet
260Kb / 3P
   The MC10 is powered sub-series of large MC series of TE micro-modules. It consists of the following TEC types
logo
Gamewell-FCI by Honeywe...
FPT-XSTAND GAMEWELL-FCI-FPT-XSTAND Datasheet
72Kb / 2P
   Provides the following
logo
RMT Ltd.
1MC10071 RMT-1MC10071 Datasheet
257Kb / 3P
   The MC10 is powered sub-series of large MC series of TE micro-modules. It consists of the following TEC types
1MC10049 RMT-1MC10049 Datasheet
263Kb / 3P
   The MC10 is powered sub-series of large MC series of TE micro-modules. It consists of the following TEC types
logo
Ohmite Mfg. Co.
SINK-S OHMITE-SINK-S Datasheet
353Kb / 2P
   The heat sink has two types of surface finish
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com