Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


S3C4530A Datasheet(Fiches technique) 24 Page - Samsung semiconductor

Numéro de pièce S3C4530A
Description  16/32-bit RISC microcontroller is a cost-effective, high-performance microcontroller
Télécharger  432 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  SAMSUNG [Samsung semiconductor]
Site Internet  http://www.samsung.com/Products/Semiconductor
Logo 

 24 page
background image
PRODUCT OVERVIEW
S3C4530A
1-24
Table 1-5. S3C4530A Special Registers (Continued)
Group
Registers
Offset
R/W
Description
Reset/Value
Ethernet
STADATA
0xA018
R/W
Station management data
0x00000000
(MAC)
STACON
0xA01C
R/W
Station management control and address
0x00006000
CAMEN
0xA028
R/W
CAM enable register
0x00000000
EMISSCNT
0xA03C
R/W
Missed error count register
0x00000000
EPZCNT
0xA040
R
Pause count register
0x00000000
ERMPZCNT
0xA044
R
Remote pause count register
0x00000000
ETXSTAT
0x9040
R
Transmit control frame status
0x00000000
HDLC
HMODE
0x7000
R/W
HDLC mode register
0x00000000
Channel A HCON
0x7004
R/W
HDLC control register
0x00000000
HSTAT
0x7008
R/W
HDLC status register
0x00010400
HINTEN
0x700C
R/W
HDLC interrupt enable register
0x00000000
HTXFIFOC
0x7010
W
TxFIFO frame continue register
-
HTXFIFOT
0x7014
W
TxFIFO frame terminate register
-
HRXFIFO
0x7018
R
HDLC RxFIFO entry register
0x00000000
HBRGTC
0x701C
R/W
HDLC baud rate generate time constant
0x00000000
HPRMB
0x7020
R/W
HDLC preamble constant
0x00000000
HSAR0
0x7024
R/W
HDLC station address 0
0x00000000
HSAR1
0x7028
R/W
HDLC station address 1
0x00000000
HSAR2
0x702C
R/W
HDLC station address 2
0x00000000
HSAR3
0x7030
R/W
HDLC station address 3
0x00000000
HMASK
0x7034
R/W
HDLC mask register
0x00000000
HDMATxPTR
0x7038
R/W
DMA Tx buffer descriptor pointer
0x00000000
HDMARxPTR
0x703C
R/W
DMA Rx buffer descriptor pointer
0x00000000
HMFLR
0x7040
R/W
Maximum frame length register
0x00000000
HRBSR
0x7040
R/W
DMA receive buffer size register
0x00000000
HSYNC
0x7048
R/W
HDLC Sync Register
0x7E
TCON
0x704C
R/W
Transparent Control Register
0x00000000
HDLC
HMODE
0x8000
R/W
HDLC mode register
0x00000000
Channel B HCON
0x8004
R/W
HDLC control register
0x00000000
HSTAT
0x8008
R/W
HDLC status register
0x00010400
HINTEN
0x800C
R/W
HDLC interrupt enable register
0x00000000
HTXFIFOC
0x8010
W
TxFIFO frame continue register
0x00000000
HTXFIFOT
0x8014
W
TxFIFO frame terminate register
0x00000000
HRXFIFO
0x8018
R
HDLC RxFIFO entry register
0x00000000
HBRGTC
0x801C
R/W
HDLC baud rate generate time constant
0x00000000
HPRMB
0x8020
R/W
HDLC preamble constant
0x00000000




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
S3C380DSamsung S3C380D 16/32-bit RISC microcontroller is a cost-effective and high-performance microcontroller solution for TV applications. 1 2 3 4 5 MoreSamsung semiconductor
S3C4510BSamsungs S3C4510B 16/32-bit RISC microcontroller is a cost-effective high-performance microcontroller solution for Ethernet-based systems. 1 2 3 4 5 MoreSamsung semiconductor
S3C2510A16/32-bit RISC micro-controller is a cost-effective high-performance micro-controller solution for Ethernet-based systems for example 1 2 3 4 5 MoreSamsung semiconductor
KS57C5404The KS57C5404 single-chip CMOS microcontroller is designed for high-performance using Samsungs newest 4-bit CPU core SAM47 Samsung Arrangeable Micro 1 2 3 4 5 MoreSamsung semiconductor
8XC251SAHIGH-PERFORMANCE CHMOS MICROCONTROLLER 1 2 3 4 5 MoreIntel Corporation
TMS470R1B1M16/32-Bit RISC Flash Microcontroller 1 2 3 4 5 MoreTexas Instruments
KS57C5532The KS57C5532/P5532 single-chip CMOS microcontroller has been designed for high-performance using Samsungs newest 4-bit CPU core SAM47 Samsung Arran 1 2 3 4 5 MoreSamsung semiconductor
8XC251TAHIGH-PERFORMANCE CHMOS MICROCONTROLLER 1 2 3 4 5 MoreIntel Corporation
HD6413002High-performance single-chip microcontroller 1 2 3 4 5 MoreRenesas Technology Corp

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl