Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


S3C4530A Datasheet(Fiches technique) 14 Page - Samsung semiconductor

Numéro de pièce S3C4530A
Description  16/32-bit RISC microcontroller is a cost-effective, high-performance microcontroller
Télécharger  432 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  SAMSUNG [Samsung semiconductor]
Site Internet  http://www.samsung.com/Products/Semiconductor
Logo 

 14 page
background image
PRODUCT OVERVIEW
S3C4530A
1-14
Table 1-2. S3C4530A Pin List and PAD Type
Group
Pin Name
Pin Counts
I/O Type
Pad Type
Description
System
XCLK
1
I
ptic
S3C4530A system source clock.
Configuration MCLKO
1
O
pob4
System clock out.
(8)
CLKSEL
1
I
ptic
Clock select.
nRESET
1
I
ptis
Not reset.
CLKOEN
1
I
ptic
Clock out enable/disable.
TMODE
1
I
ptic
Test mode.
LITTLE
1
I
pticd
Little endian mode select pin
FILTER
1
I
pia_bb
PLL filter pin
TAP Control
TCK
1
I
ptic
JTAG test clock.
(5)
TMS
1
I
pticu
JTAG test mode select.
TDI
1
I
pticu
JTAG test data in.
TDO
1
O
ptot2
JTAG test data out.
nTRST
1
I
pticu
JTAG not reset.
Memory
ADDR[21:0]
22
O
ptot6
Address bus.
Interface
XDATA[31:0]
32
I/O
ptbsut6
External, bi-directional, 32-bit data bus.
(83)
nRAS[3:0]
4
O
ptot4
Not row address strobe for DRAM.
nCAS[3:0]
4
O
ptot4
Not column address strobe for DRAM.
nDWE
1
O
ptot4
Not write enable for DRAM.
nECS[3:0]
4
O
ptot4
Not external I/O chip select.
nEWAIT
1
I
ptic
Not external wait signal.
nRCS[5:0]
6
O
ptot4
Not ROM/SRAM/flash chip select.
B0SIZE[1:0]
2
I
ptic
Bank 0 data bus access size.
nOE
1
O
ptot4
Not output enable.
nWBE[3:0]
4
O
ptot4
Not write byte enable.
ExtMREQ
1
I
ptic
External master bus request.
ExtMACK
1
O
pob1
External bus acknowledge.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
S3C380DSamsung S3C380D 16/32-bit RISC microcontroller is a cost-effective and high-performance microcontroller solution for TV applications. 1 2 3 4 5 MoreSamsung semiconductor
S3C4510BSamsungs S3C4510B 16/32-bit RISC microcontroller is a cost-effective high-performance microcontroller solution for Ethernet-based systems. 1 2 3 4 5 MoreSamsung semiconductor
S3C2510A16/32-bit RISC micro-controller is a cost-effective high-performance micro-controller solution for Ethernet-based systems for example 1 2 3 4 5 MoreSamsung semiconductor
KS57C5404The KS57C5404 single-chip CMOS microcontroller is designed for high-performance using Samsungs newest 4-bit CPU core SAM47 Samsung Arrangeable Micro 1 2 3 4 5 MoreSamsung semiconductor
8XC251SAHIGH-PERFORMANCE CHMOS MICROCONTROLLER 1 2 3 4 5 MoreIntel Corporation
TMS470R1B1M16/32-Bit RISC Flash Microcontroller 1 2 3 4 5 MoreTexas Instruments
KS57C5532The KS57C5532/P5532 single-chip CMOS microcontroller has been designed for high-performance using Samsungs newest 4-bit CPU core SAM47 Samsung Arran 1 2 3 4 5 MoreSamsung semiconductor
8XC251TAHIGH-PERFORMANCE CHMOS MICROCONTROLLER 1 2 3 4 5 MoreIntel Corporation
HD6413002High-performance single-chip microcontroller 1 2 3 4 5 MoreRenesas Technology Corp

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl