Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


PI90LV179 Datasheet(Fiches technique) 6 Page - Pericom Semiconductor Corporation

Numéro de pièce PI90LV179
Description  3.3V LVDS High-Speed Differential Line Drivers and Receivers
Télécharger  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  PERICOM [Pericom Semiconductor Corporation]
Site Internet  http://www.pericom.com
Logo 

 6 page
background image
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
6
PS8539
05/01/01
PI90LV179/PI90LV180/
PI90LV050/PI90LV051
3.3V LVDS High-Speed Differential Line Drivers and Receivers
Parameter Measurement Information
Driver (continued)
2 V
1.4V
0.8V
100%
80%
20%
0%
0V
VOD(H)
VOD(L)
Output
VOD
100
±1%
CL = 10pF
(2 Places)
tPHL
tPLH
tf
tr
DEN
DOUT+
DOUT–
DIN
DIN
DEN
DOUT+
DOUT–
DIN
NOTE A: All input pulses are supplied by a generator having the following characteristics: tr or tf ≤ 1 ns, pulse repetition rate (PRR) = 50 Mpps,
pulse width = 10
± 0.2ns. CL includes instrumentation and fixture capacitance within 0.06 mm of the D.U.T.
VOC
CL = 10pF
(2 Places)
3 V
0 V
VOC(PP)
VOC(SS)
VOC
49.9
Ω, ±1% (2 Places)
NOTE A: All input pulses are supplied by a generator having the following characteristics: tr or tf ≤ 1 ns, pulse repetition rate (PRR) = 50 Mpps,
pulse width = 10
±0.2ns.CLincludesinstrumentationandfixturecapacitancewithin0.06mm of the D.U.T. ThemeasurementofVOC(PP)
is made on test equipment with a –3 dB bandwidth of at least 300 MHz.
Figure 2. Test Circuit, Timing, and Voltage Definitions for the Differential Output Signal
Figure 3. Test Circuit and Definitions for the Driver Common-Mode Output Voltage




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
PI90LVB1793.3V Boost LVDS High-Speed Differential Line Drivers and Receivers 1 2 3 4 5 MorePericom Semiconductor Corporation
SN65LVDM179HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS 1 2 3 4 5 MoreTexas Instruments
SN65LVDS1050HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS 1 2 3 4 5 MoreTexas Instruments
SN65LVDS179HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS 1 2 3 4 5 MoreTexas Instruments
SN65LVDM050-Q1HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS 1 2 3 4 5 MoreTexas Instruments
SN65LVDS049DUAL LVDS DIFFERENTIAL DRIVERS AND RECEIVERS 1 Texas Instruments
PI90LV031A3V LVDS High-Speed Differential Line Drivers 1 2 3 4 5 MorePericom Semiconductor Corporation
THS6007DUAL DIFFERENTIAL LINE DRIVERS AND LOW-POWER RECEIVERS 1 2 3 4 5 MoreTexas Instruments
STLVDS050HIGH SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS 1 2 3 4 5 MoreSTMicroelectronics
STLVDS051HIGH SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS 1 2 3 4 5 MoreSTMicroelectronics

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl