Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MAX232E Fiches technique(PDF) 10 Page - Maxim Integrated Products

No de pièce MAX232E
Description  짹15kV ESD-Protected,5V RS-232 Transceivers
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MAXIM [Maxim Integrated Products]
Site Internet  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX232E Fiches technique(HTML) 10 Page - Maxim Integrated Products

Back Button MAX232E Datasheet HTML 6Page - Maxim Integrated Products MAX232E Datasheet HTML 7Page - Maxim Integrated Products MAX232E Datasheet HTML 8Page - Maxim Integrated Products MAX232E Datasheet HTML 9Page - Maxim Integrated Products MAX232E Datasheet HTML 10Page - Maxim Integrated Products MAX232E Datasheet HTML 11Page - Maxim Integrated Products MAX232E Datasheet HTML 12Page - Maxim Integrated Products MAX232E Datasheet HTML 13Page - Maxim Integrated Products MAX232E Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
Maxim Integrated | 10
www.maximintegrated.com
MAX202E–MAX213E,
MAX232E/MAX241E
±15kV ESD-Protected,
5V RS-232 Transceivers
When in low-power shutdown mode, the MAX205E/
MAX206E/MAX211E/MAX213E/MAX241E driver outputs
are turned off and draw only leakage currents—even if
they are back-driven with voltages between 0V and
12V. Below -0.5V in shutdown, the transmitter output is
diode-clamped to ground with a 1kΩ series imped-
ance.
RS-232 Receivers
The receivers convert the RS-232 signals to CMOS-logic
output levels. The guaranteed 0.8V and 2.4V receiver
input thresholds are significantly tighter than the ±3V
thresholds required by the EIA/TIA-232E specification.
This allows the receiver inputs to respond to TTL/CMOS-
logic levels, as well as RS-232 levels.
The guaranteed 0.8V input low threshold ensures that
receivers shorted to ground have a logic 1 output. The
5kΩ input resistance to ground ensures that a receiver
with its input left open will also have a logic 1 output.
Receiver inputs have approximately 0.5V hysteresis.
This provides clean output transitions, even with slow
rise/fall-time signals with moderate amounts of noise
and ringing.
In shutdown, the MAX213E’s R4 and R5 receivers have
no hysteresis.
Shutdown and Enable Control
(MAX205E/MAX206E/MAX211E/
MAX213E/MAX241E)
In shutdown mode, the charge pumps are turned off,
V+ is pulled down to VCC, V- is pulled to ground, and
the transmitter outputs are disabled. This reduces sup-
ply current typically to 1µA (15µA for the MAX213E).
The time required to exit shutdown is under 1ms, as
shown in Figure 5.
Receivers
All MAX213E receivers, except R4 and R5, are put into
a high-impedance state in shutdown mode (see Tables
1a and 1b). The MAX213E’s R4 and R5 receivers still
function in shutdown mode. These two awake-in-shut-
down receivers can monitor external activity while main-
taining minimal power consumption.
The enable control is used to put the receiver outputs into
a high-impedance state, to allow wire-OR connection of
two EIA/TIA-232E ports (or ports of different types) at the
UART. It has no effect on the RS-232 drivers or the
charge pumps.
Note: The enable control pin is active low for the
MAX211E/MAX241E (
EN), but is active high for the
MAX213E (EN). The shutdown control pin is active high
C1-
IL-
RL-
V+
S1
V -
fCLK
S2
S5
S6
C1
C3
C2
IL +
RL +
S3
S4
S7
S8
C4
C1+
GND
GND
VCC
VCC
C2-
C2+
PART
fCLK
(kHz)
MAX202E
MAX211E/213E
MAX232E
MAX203E
230
MAX205E–208E
200
200
140
MAX241E
30
230
Figure 4. Charge-Pump Diagram


Numéro de pièce similaire - MAX232E

FabricantNo de pièceFiches techniqueDescription
logo
Maxim Integrated Produc...
MAX232E MAXIM-MAX232E Datasheet
507Kb / 25P
   15kV ESD-Protected, 5V RS-232 Transceivers
Rev 5; 10/03
logo
Texas Instruments
MAX232E TI-MAX232E Datasheet
353Kb / 16P
[Old version datasheet]   DUAL RS-232 DRIVER/RECEIVER WITH IEC61000-4-2 PROTECTION
APRIL 2006
logo
Maxim Integrated Produc...
MAX232E MAXIM-MAX232E Datasheet
1Mb / 25P
   15kV ESD-Protected, 5V RS-232 Transceivers
Rev 6; 3/05
logo
Texas Instruments
MAX232E TI-MAX232E Datasheet
437Kb / 16P
[Old version datasheet]   DUAL RS-232 DRIVER/RECEIVER WITH IEC61000-4-2 PROTECTION
MAX232E TI-MAX232E Datasheet
405Kb / 16P
[Old version datasheet]   DUAL RS-232 DRIVER/RECEIVER WITH IEC61000-4-2 PROTECTION
More results

Description similaire - MAX232E

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL81387 INTERSIL-ISL81387_07 Datasheet
998Kb / 27P
   짹15kV ESD Protected, 5V, Dual Protocol (RS-232/RS-485) Transceivers
logo
Renesas Technology Corp
ISL81387 RENESAS-ISL81387 Datasheet
1Mb / 27P
   짹15kV ESD Protected, 5V, Dual Protocol (RS-232/RS-485) Transceivers
logo
Maxim Integrated Produc...
MAX3228E MAXIM-MAX3228E Datasheet
251Kb / 15P
   짹15kV ESD-Protected @.5V to %.5V RS-232 Transceivers in UCSP
19-2139; Rev 0; 8/01
logo
Analog Devices
MAX202E AD-MAX202E Datasheet
1Mb / 26P
   ±15kV ESD-Protected, 5V RS-232 Transceivers
Rev 8; 1/21
logo
Maxim Integrated Produc...
MAX202E MAXIM-MAX202E Datasheet
507Kb / 25P
   15kV ESD-Protected, 5V RS-232 Transceivers
Rev 5; 10/03
MAX202E MAXIM-MAX202E_05 Datasheet
1Mb / 25P
   15kV ESD-Protected, 5V RS-232 Transceivers
Rev 6; 3/05
logo
Renesas Technology Corp
ISL33354E RENESAS-ISL33354E Datasheet
1Mb / 23P
   5V, 짹15kV ESD Protected, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
logo
Intersil Corporation
ISL81387 INTERSIL-ISL81387 Datasheet
1Mb / 27P
   짹15kV ESD Protected, Dual Protocol (RS-232/RS-485) Transceivers
ISL81334 INTERSIL-ISL81334_07 Datasheet
1,006Kb / 28P
   짹15kV ESD Protected, 5V, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
HIN202E INTERSIL-HIN202E Datasheet
645Kb / 22P
   짹15kV, ESD-Protected, 5V Powered, RS-232 Transmitters/Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com