Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADC-101R Fiches technique(PDF) 4 Page - Faraday Technology

No de pièce ADC-101R
Description  VIDEO FRONT-END MODULES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FARADAY [Faraday Technology]
Site Internet  http://www.faradaytech.com/
Logo FARADAY - Faraday Technology

ADC-101R Fiches technique(HTML) 4 Page - Faraday Technology

  ADC-101R Datasheet HTML 1Page - Faraday Technology ADC-101R Datasheet HTML 2Page - Faraday Technology ADC-101R Datasheet HTML 3Page - Faraday Technology ADC-101R Datasheet HTML 4Page - Faraday Technology ADC-101R Datasheet HTML 5Page - Faraday Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Fara064d.doc
Page 4 of 5
Apr-01(E)
Module Details
Order Code
Gain
Black
Level
Comments
Application
MMC
Equivalent
ADC-100R
1.6
230
10-bit
FE-100H10-1
ADC-100B
1.6
230
12-bit
Composite,
Luminance (S-video),
digital
video decoder front end. High performance
applications. fs = 27 MHz
FE-100H12-1
ADC-101R
1.6
512
10-bit
FE-100H10-2
ADC-101B
1.6
512
12-bit
Chrominance , digital video decoder front end.
High performance applications. fs = 27 MHz
FE-100H12-2
ADC-110R
1.6
230
10-bit
relaxed filter
Composite,
Luminance (S-video),
digital
video decoder front end. fs = 27 MHz
FE-100M-1
ADC-111R
1.6
230
10-bit
relaxed filter
Chrominance , digital video decoder front end
fs = 27 MHz
FE-100M-2
ADC-120R
2.475
64
10-bit
CCIR-601-2 levels
Y input (Component Video) , Expanded active
video range. fs = 27 MHz
not available
ADC-121R
2.475
512
10-bit
CCIR-601-2 levels
2.75 MHz Filter
Pb,Pr input (Component video), Expanded
active video range. fs =13.5 MHz
not available
ADC-122R
2.475
64
10-bit
CCIR-601-2 levels
Double delay
Y input (Component Video) , Expanded active
video range. fs = 27 MHz
Matched digital filter delay.
Note: PROVISIONAL DATA
not available
The modules are fitted with a high performance 10-bit analogue to digital converter as standard (R-
suffix) but they are also available with a 12-bit analogue converter (B suffix)
Devices are normally supplied with a Fairchild half band filter. The units can be optionally supplied
with other compatible half band filters, or with no digital filter at the customers request.
Application Notes
The ADC modules incorporate a clamp circuit which must be fed with a back porch signal derived
on the users pcb. This can easily be generated using standard sync separators.
The user has control over digital filter inputs DEC_N, OE_N and SYNC appropriately. These inputs
allow the user to synchronise the decimation of pixel data and multiplex the outputs from modules.
For further details the user should consult the Fairchild datasheet TMC2242.
The insertion delay difference between the component modules ADC122R and ADC121R can be
eliminated by latching the Luminance data for 1 clock cycle within the application.
Note: This product is Aqueous Washable.


Numéro de pièce similaire - ADC-101R

FabricantNo de pièceFiches techniqueDescription
logo
Mini-Circuits
ADC-10-1R MINI-ADC-10-1R Datasheet
254Kb / 1P
   Directional Coupler 50廓 5 to 900 MHz
ADC-10-1R++ MINI-ADC-10-1R+ Datasheet
254Kb / 1P
   Directional Coupler 50廓 5 to 900 MHz
ADC-10-4 MINI-ADC-10-4 Datasheet
261Kb / 1P
   Directional Coupler 50廓 5 to 1000 MHz
ADC-10-4++ MINI-ADC-10-4+ Datasheet
261Kb / 1P
   Directional Coupler 50廓 5 to 1000 MHz
ADC-10-4-75 MINI-ADC-10-4-75 Datasheet
260Kb / 1P
   Directional Coupler 75廓 5 to 1000 MHz
More results

Description similaire - ADC-101R

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
EL4501 INTERSIL-EL4501 Datasheet
477Kb / 19P
   Video Front End
logo
Elantec Semiconductor
EL4501C ELANTEC-EL4501C Datasheet
183Kb / 10P
   Video Front End
logo
Intersil Corporation
EL4501 INTERSIL-EL4501_06 Datasheet
365Kb / 19P
   Video Front End
logo
Renesas Technology Corp
EL4501 RENESAS-EL4501 Datasheet
924Kb / 20P
   Video Front End
logo
Intersil Corporation
EL4501 INTERSIL-EL4501_10 Datasheet
469Kb / 19P
   Video Front End (VFE)
logo
List of Unclassifed Man...
MI-AIM ETC-MI-AIM Datasheet
210Kb / 2P
   Military Component Front End Modules
logo
Vicor Corporation
MI-AI VICOR-MI-AI Datasheet
210Kb / 2P
   Military Component Front End Modules
logo
XP Power Limited
CPH500USC3 XPPOWER-CPH500USC3 Datasheet
86Kb / 2P
   Component Power AC Front End Modules
logo
Vicor Corporation
MI-AIM-I1 VICOR-MI-AIM-I1 Datasheet
103Kb / 2P
   Military COTS Component Front-end Modules
logo
NXP Semiconductors
PNX3000 PHILIPS-PNX3000 Datasheet
285Kb / 51P
   Analog front end for digital video processors
2004 Oct 04
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com