Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM2476 Fiches technique(PDF) 11 Page - Texas Instruments

No de pièce LM2476
Description  Monolithic Triple Channel 6.5 ns High Gain CRT Driver and Bias Clamp
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LM2476 Fiches technique(HTML) 11 Page - Texas Instruments

Back Button LM2476 Datasheet HTML 7Page - Texas Instruments LM2476 Datasheet HTML 8Page - Texas Instruments LM2476 Datasheet HTML 9Page - Texas Instruments LM2476 Datasheet HTML 10Page - Texas Instruments LM2476 Datasheet HTML 11Page - Texas Instruments LM2476 Datasheet HTML 12Page - Texas Instruments LM2476 Datasheet HTML 13Page - Texas Instruments LM2476 Datasheet HTML 14Page - Texas Instruments LM2476 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
OBSOLETE
LM2476
www.ti.com
SNOSAH7B – JANUARY 2004 – REVISED APRIL 2013
PC BOARD LAYOUT CONSIDERATIONS
For optimum performance, use single-point grounds systems with adequate ground planes, isolate between
channels, apply good supply bypassing, and minimize unwanted feedback and parasitic capacitance. Also, the
length of the video signal traces from the preamplifier to the LM2476 and from the LM2476 to the CRT cathodes
should be as short as possible. The following references are recommended:
Ott, Henry W., “Noise Reduction Techniques in Electronic Systems”, John Wiley & Sons, New York, 1976.
“Video Amplifier Design for Computer Monitors”, TI Application Note 1013.
Pease, Robert A., “Troubleshooting Analog Circuits”, Butterworth-Heinemann, 1991.
Because of its high small signal bandwidth, the part may oscillate in a monitor if feedback occurs around the
video channel through the chassis wiring. To prevent this, leads to the video amplifier input circuit should be
shielded, and input circuit wiring should be spaced as far as possible from output circuit wiring.
TI DEMONSTRATION BOARD
Figure 13 is the schematic for the TI LM1276/3X/4X_2476 Demonstration PCB that can be used to evaluate the
LM1276, LM123X, or LM124X preamp with the LM2476 in a monitor. Figure 14 shows the routing and
component placement on the TI Demonstration PCB. This board provides a good example of a layout that can
be used as a guide for future layouts. Note the location of the following components:
C26—VCC bypass capacitor, located very close to Pin 14 and GND Pins
C27—VBB bypass capacitors, located close to Pin 2 and GND Pins
C28, C30, C33—VCC bypass capacitors, near LM2476 and VCC clamp diodes. These are very important for
arc protection.
The routing of the LM2476 driver outputs to the CRT is very critical to achieving optimum performance. Figure 15
shows the routing and component placement from Pin 17 of the LM2476 to the Red cathode. Note that the
components are placed so that they almost line up from the output pin of the LM2476 to the Red cathode pin of
the CRT connector. This is done to minimize the length of the video path between these two components for
optimal performance and to minimize EMI. Note also that L4, D9, D13 and R23, R19, D10 are placed to minimize
the size of the video nodes that they are attached to. This minimizes parasitic capacitance in the video path and
also enhances the effectiveness of the protection diodes. The anode of protection diode D13 is connected
directly to a section of the ground trace that has a short and direct path to CRT ground to shunt arcover current
away from the LM2476. The cathode of D9 is connected to VCC very close to decoupling capacitor C30 (see
Figure 15) which is connected to the same section of the ground trace as D13. The diode placement and routing
is very important for minimizing the voltage stress on the LM2476 during an arcover event. R37 and C29 are
placed very close to the clamp output on Pin 11. These components will help limit the current and voltage stress
to the clamp output. Lastly, notice that S2 is placed very close to the Red cathode and is connected directly to
CRT ground.
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM2476


Numéro de pièce similaire - LM2476

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM2476 NSC-LM2476 Datasheet
1Mb / 12P
   Monolithic Triple Channel 6.5 ns High Gain CRT Driver and Bias Clamp
More results

Description similaire - LM2476

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM2476 NSC-LM2476 Datasheet
1Mb / 12P
   Monolithic Triple Channel 6.5 ns High Gain CRT Driver and Bias Clamp
LM2465 NSC-LM2465 Datasheet
425Kb / 12P
   Monolithic Triple 5.5 ns High Gain CRT Driver
LM2470 NSC-LM2470 Datasheet
841Kb / 14P
   Monolithic Triple 7.0 ns CRT Driver
LM2405 NSC-LM2405 Datasheet
191Kb / 7P
   Monolithic Triple 7 ns CRT Driver
LM2415 NSC-LM2415 Datasheet
459Kb / 10P
   Monolithic Triple 5.5 ns CRT Driver
LM2439 NSC-LM2439 Datasheet
527Kb / 9P
   Monolithic Triple 9.5 ns CRT Driver
LM2402 NSC-LM2402 Datasheet
816Kb / 11P
   Monolithic Triple 3 ns CRT Driver
LM2412 NSC-LM2412 Datasheet
815Kb / 11P
   Monolithic Triple 2.8 ns CRT Driver
logo
Texas Instruments
LM2445 TI1-LM2445 Datasheet
1Mb / 15P
[Old version datasheet]   Monolithic Triple 7.5 ns CRT Driver
logo
National Semiconductor ...
LM2412A NSC-LM2412A Datasheet
818Kb / 11P
   Monolithic Triple 2.8 ns CRT Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com