Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM2422TE Fiches technique(PDF) 2 Page - Texas Instruments

No de pièce LM2422TE
Description  Monolithic Triple Channel 30 MHz CRT DTV Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LM2422TE Fiches technique(HTML) 2 Page - Texas Instruments

  LM2422TE Datasheet HTML 1Page - Texas Instruments LM2422TE Datasheet HTML 2Page - Texas Instruments LM2422TE Datasheet HTML 3Page - Texas Instruments LM2422TE Datasheet HTML 4Page - Texas Instruments LM2422TE Datasheet HTML 5Page - Texas Instruments LM2422TE Datasheet HTML 6Page - Texas Instruments LM2422TE Datasheet HTML 7Page - Texas Instruments LM2422TE Datasheet HTML 8Page - Texas Instruments LM2422TE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
OBSOLETE
LM2422TE
SNOSAL1D – JANUARY 2005 – REVISED APRIL 2013
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1) (2) (3)
Supply Voltage (VCC)
+250V
Bias Voltage (VBB)
+16V
Input Voltage (VIN)
−0.5V to VBB +0.5V
Storage Temperature Range (TSTG)
−65°C to +150°C
Lead Temperature (Soldering, <10 sec.)
300°C
ESD Tolerance,
Human Body Model
2 kV
Machine Model
200V
Junction Temperature
150°C
θJC (typ)
1.8°C/W
(1)
All voltages are measured with respect to GND, unless otherwise specified.
(2)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur.
(3)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/ Distributors for availability and specifications.
OPERATING RATINGS
(1)
VCC
+100V to +230V
VBB
+7V to +13V
VIN
+0V to +5V
VOUT
+40V to +215V
Case Temperature (22W max power)
110°C
Do not operate the part without a heat sink. Heat sink must have a thermal resistance under 2.3°C/W.(2)
(1)
Operating ratings indicate conditions for which the device is functional, but do not ensure specific performance limits. For ensured
specifications and test conditions, see the Electrical Characteristics. Datasheet min/max specification limits are specified by design, test,
or statistical analysis. The ensured specifications apply only for the test conditions listed. Some performance characteristics may change
when the device is not operated under the listed test conditions.
(2)
Running the 1 MHz to 30 MHz test pattern at 1080i this part will dissipate approximately 22 W. This is the commonly accepted test
pattern that is representative of the worst case high frequency content for normal television viewing. This is the pattern used to estimate
the worst case power dissipation of the LM2422 in its normal application. It is recommended to use a heat sink with a thermal resistance
of 2.3°C/W or better.
ELECTRICAL CHARACTERISTICS
(See Figure 3 for Test Circuit).
Unless otherwise noted: VCC = +220V, VBB = +12V, CL = 10 pF, TC = 60°C.
DC Tests: VIN = +2.7VDC.
AC Tests: Output = 110VPP (80V – 190V) at 1 MHz.
LM2422
Symbol
Parameter
Conditions
Units
Min
Typ
Max
ICC
Supply Current
No Input Signal, No Video Input, No Output Load
36
45
54
mA
IBB
Bias Current
18
27
36
mA
VOUT, 1
DC Output Voltage
No AC Input Signal, VIN = 2.7VDC
124
129
134
VDC
VOUT, 2
DC Output Voltage
No AC Input Signal, VIN = 1.2VDC
200
205
210
VDC
AV
DC Voltage Gain
No AC Input Signal
−49
−52
−55
V/V
ΔAV
Gain Matching
No AC Input Signal(1)
1.0
dB
LE
Linearity Error
No AC Input Signal(1)(2)
8
%
tr
Rise Time, 80V to 190V
10% to 90%(3)
12
ns
+OS
Overshoot
12
%
tf
Fall Time, 80V to 190V
90% to 10%(3)
12
ns
−OS
Overshoot
See(3)
4
%
IkERROR
Current Output Error
Output Current = 0 µA to 200 µA
−52
0
52
μA
ΔIkERROR Current Output Difference
Output Current = 0 µA to 200 µA
0
NA
32
μA
Between Channels
(1)
Calculated value from Voltage Gain test on each channel.
(2)
Linearity Error is the variation in DC gain from VIN = 1.15V to VIN = 4.35V.
(3)
Input from signal generator: tr, tf < 1 ns.
2
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LM2422TE


Numéro de pièce similaire - LM2422TE

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM2422TE NSC-LM2422TE Datasheet
1Mb / 13P
   220V Monolithic Triple Channel 30 MHz CRT DTV Driver
More results

Description similaire - LM2422TE

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM2422 NSC-LM2422 Datasheet
603Kb / 8P
   220V Monolithic Triple Channel 30 MHz CRT DTV Driver
LM2422TE NSC-LM2422TE Datasheet
1Mb / 13P
   220V Monolithic Triple Channel 30 MHz CRT DTV Driver
LM2422_0505 NSC-LM2422_0505 Datasheet
602Kb / 8P
   220V Monolithic Triple Channel 30 MHz CRT DTV Driver
LM2425 NSC-LM2425 Datasheet
1Mb / 11P
   220V Monolithic Triple Channel 10 MHz CRT DTV Driver
LM2426TE NSC-LM2426TE Datasheet
808Kb / 12P
   Monolithic Triple Channel 30 MHz DTV Driver
LM2423 NSC-LM2423_06 Datasheet
1Mb / 11P
   220V Monolithic Triple Channel 15 MHz CRT DTV Driver
LM2423 NSC-LM2423 Datasheet
733Kb / 11P
   220V Monolithic Triple Channel 15 MHz CRT DTV Driver
logo
Texas Instruments
LM2450 TI1-LM2450 Datasheet
3Mb / 14P
[Old version datasheet]   Monolithic Triple Channel 7 MHz DC Coupled CRT DTV Driver
LM2451 TI1-LM2451 Datasheet
3Mb / 14P
[Old version datasheet]   Monolithic Triple Channel 12 MHz DC Coupled CRT DTV Driver
logo
National Semiconductor ...
LM2450 NSC-LM2450 Datasheet
1Mb / 12P
   220V Monolithic Triple Channel 7 MHz DC Coupled CRT DTV Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com