Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDK5110 Fiches technique(PDF) 5 Page - Infineon Technologies AG

No de pièce TDK5110
Description  ASK/FSK Transmitter 868/433 MHz
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INFINEON [Infineon Technologies AG]
Site Internet  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TDK5110 Fiches technique(HTML) 5 Page - Infineon Technologies AG

  TDK5110 Datasheet HTML 1Page - Infineon Technologies AG TDK5110 Datasheet HTML 2Page - Infineon Technologies AG TDK5110 Datasheet HTML 3Page - Infineon Technologies AG TDK5110 Datasheet HTML 4Page - Infineon Technologies AG TDK5110 Datasheet HTML 5Page - Infineon Technologies AG TDK5110 Datasheet HTML 6Page - Infineon Technologies AG TDK5110 Datasheet HTML 7Page - Infineon Technologies AG TDK5110 Datasheet HTML 8Page - Infineon Technologies AG TDK5110 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 41 page
background image
Product Description
2 - 2
TDK 5110
Wireless Components
Specification, October 2002
2.1 Overview
The TDA5110 is a single chip ASK/FSK transmitter for the frequency bands
868-870 MHz and 433-435 MHz. The IC offers a high level of integration and
needs only a few external components. The device contains a fully integrated
PLL synthesizer and a high efficiency power amplifier to drive a loop antenna.
A special circuit design and an unique power amplifier design are used to save
current consumption and therefore to save battery life. Additional features like
a power down mode, a low power detect, a selectable crystal oscillator fre-
quency and a divided clock output are implemented. The IC can be used for
both ASK and FSK modulation.
2.2 Applications
s
Keyless entry systems
s
Remote control systems
s
Alarm systems
s
Communication systems
2.3 Features
s
fully integrated frequency synthesizer
s
VCO without external components
s
high efficiency power amplifier typ. 10 dBm @ 3 V
s
switchable frequency range 868-870/433-435 MHz
s
ASK/FSK modulation
s
low supply current typ. 13 mA @ 3 V
s
voltage supply range 2.1 - 4 V
s
power down mode
s
low voltage sensor
s
selectable crystal oscillator 6.78 MHz/13.56 MHz
s
programmable divided clock output for µC
s
low external component count


Numéro de pièce similaire - TDK5110

FabricantNo de pièceFiches techniqueDescription
logo
Infineon Technologies A...
TDK5110F INFINEON-TDK5110F Datasheet
756Kb / 36P
   434 MHz ASK/FSK Transmitter in 10-pin Package
V 1.1, July 2006
More results

Description similaire - TDK5110

FabricantNo de pièceFiches techniqueDescription
logo
Infineon Technologies A...
TDA7110 INFINEON-TDA7110 Datasheet
619Kb / 39P
   ASK/FSK Transmitter 868/433 MHz
Version 1.0 December 2008
TDK5100 INFINEON-TDK5100 Datasheet
629Kb / 40P
   ASK/FSK Transmitter 868/433 MHz
Version 1.0 October 2002
logo
ams AG
AS3901 AMSCO-AS3901 Datasheet
618Kb / 18P
   ISM 433/315 MHz FSK/ASK Transmitter
logo
Melexis Microelectronic...
TH72035 MELEXIS-TH72035_17 Datasheet
1Mb / 21P
   868/915MHz FSK/ASK Transmitter
TH72036 MELEXIS-TH72036_17 Datasheet
952Kb / 16P
   868/915MHz FSK/ASK Transmitter
TH72036 MELEXIS-TH72036 Datasheet
342Kb / 16P
   868/915MHz FSK/ASK Transmitter
logo
ams AG
ASCELL3911 AMSCO-ASCELL3911 Datasheet
104Kb / 13P
   ISM 868 MHz, 433 MHz and 315 MHz FSK Transmitter
ASCELL3912 AMSCO-ASCELL3912 Datasheet
122Kb / 14P
   ISM 868 MHz, 433 MHz and 315 MHz FSK Transmitter
logo
Melexis Microelectronic...
TH72035 MELEXIS-TH72035 Datasheet
547Kb / 20P
   868/915MHz FSK/ASK Transmitter
logo
RF Micro Devices
RF2945 RFMD-RF2945 Datasheet
742Kb / 24P
   433/868/915MHZ FSK/ASK/OOK TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com