Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FSBB30CH60CT Fiches technique(PDF) 5 Page - Fairchild Semiconductor

No de pièce FSBB30CH60CT
Description  Motion SPMR 3 Series
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSBB30CH60CT Fiches technique(HTML) 5 Page - Fairchild Semiconductor

  FSBB30CH60CT Datasheet HTML 1Page - Fairchild Semiconductor FSBB30CH60CT Datasheet HTML 2Page - Fairchild Semiconductor FSBB30CH60CT Datasheet HTML 3Page - Fairchild Semiconductor FSBB30CH60CT Datasheet HTML 4Page - Fairchild Semiconductor FSBB30CH60CT Datasheet HTML 5Page - Fairchild Semiconductor FSBB30CH60CT Datasheet HTML 6Page - Fairchild Semiconductor FSBB30CH60CT Datasheet HTML 7Page - Fairchild Semiconductor FSBB30CH60CT Datasheet HTML 8Page - Fairchild Semiconductor FSBB30CH60CT Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
©2012 Fairchild Semiconductor Corporation
5
www.fairchildsemi.com
FSBB30CH60CT Rev. C3
Absolute Maximum Ratings (T
J = 25°C, unless otherwise specified.)
Inverter Part
2nd Notes:
1. The maximum junction temperature rating of the power chips integrated within the Motion SPM® 3 product is 150
C (at T
C  125C).
Control Part
Bootstrap Diode Part
Total System
Thermal Resistance
2nd Notes:
2. For the measurement point of case temperature (TC), please refer to Figure 2.
Symbol
Parameter
Conditions
Rating
Unit
VPN
Supply Voltage
Applied between P - NU, NV, NW
450
V
VPN(Surge)
Supply Voltage (Surge)
Applied between P - NU, NV, NW
500
V
VCES
Collector - Emitter Voltage
600
V
± IC
Each IGBT Collector Current
TC = 25°C, TJ 150°C
30
A
± ICP
Each IGBT Collector Current (Peak)
TC = 25°C, TJ 150°C, Under 1 ms Pulse
Width
60
A
PC
Collector Dissipation
TC = 25°C per Chip
78
W
TJ
Operating Junction Temperature
(2nd Note 1)
- 40 ~ 150
°C
Symbol
Parameter
Conditions
Rating
Unit
VCC
Control Supply Voltage
Applied between VCC(H), VCC(L) - COM
20
V
VBS
High-Side Control Bias Voltage
Applied between VB(U) - VS(U), VB(V) - VS(V),
VB(W) - VS(W)
20
V
VIN
Input Signal Voltage
Applied between IN(UH), IN(VH), IN(WH),
IN(UL), IN(VL), IN(WL) - COM
-0.3 ~ VCC + 0.3
V
VFO
Fault Output Supply Voltage
Applied between VFO - COM
-0.3 ~ VCC + 0.3
V
IFO
Fault Output Current
Sink Current at VFO pin
5
mA
VSC
Current-Sensing Input Voltage
Applied between CSC - COM
-0.3 ~ VCC + 0.3
V
Symbol
Parameter
Conditions
Rating
Unit
VRRM
Maximum Repetitive Reverse Voltage
600
V
IF
Forward Current
TC = 25°C, TJ 150°C
0.5
A
IFP
Forward Current (Peak)
TC = 25°C, TJ 150°C Under 1 ms Pulse
Width
2.0
A
TJ
Operating Junction Temperature
-40 ~ 150
°C
Symbol
Parameter
Conditions
Rating
Unit
VPN(PROT)
Self-Protection Supply Voltage Limit
(Short-Circuit Protection Capability)
VCC = VBS = 13.5 ~ 16.5 V
TJ = 150°C, Non-Repetitive, < 2 s
400
V
TC
Module Case Operation Temperature
-40
CT
J  150C, See Figure 2
-40 ~ 125
°C
TSTG
Storage Temperature
-40 ~ 125
°C
VISO
Isolation Voltage
60 Hz, Sinusoidal, AC 1 Minute, Connect
Pins to Heat Sink Plate
2500
Vrms
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
Rth(j-c)Q
Junction to Case Thermal Resistance
Inverter IGBT Part (per 1 / 6 module)
-
-
1.60
°C / W
Rth(j-c)F
Inverter FWDi Part (per 1 / 6 module)
-
-
2.40
°C / W


Numéro de pièce similaire - FSBB30CH60CT

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
FSBB30CH60CT ONSEMI-FSBB30CH60CT Datasheet
784Kb / 17P
   Motion SPM 3 Series
January 2014 Rev. C3
More results

Description similaire - FSBB30CH60CT

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FSBB30CH60D FAIRCHILD-FSBB30CH60D Datasheet
1Mb / 15P
   Motion SPMR 3 Series
FNB33060T FAIRCHILD-FNB33060T Datasheet
1Mb / 15P
   Motion SPMR 3 Series
FSBB15CH60D FAIRCHILD-FSBB15CH60D Datasheet
717Kb / 15P
   Motion SPMR 3 Series
FSBB20CH60D FAIRCHILD-FSBB20CH60D Datasheet
718Kb / 15P
   Motion SPMR 3 Series
FNB51060T1 FAIRCHILD-FNB51060T1 Datasheet
1Mb / 14P
   Motion SPMR 55 Series
FNB51060TD1 FAIRCHILD-FNB51060TD1 Datasheet
842Kb / 15P
   Motion SPMR 55 Series
FNB51560T1 FAIRCHILD-FNB51560T1 Datasheet
1Mb / 14P
   Motion SPMR 55 Series
FNA51560T1 FAIRCHILD-FNA51560T1 Datasheet
781Kb / 15P
   Motion SPMR 55 Series
FSB50550ASE FAIRCHILD-FSB50550ASE Datasheet
611Kb / 10P
   Motion SPMR 5 Series
FNB50560T1 FAIRCHILD-FNB50560T1 Datasheet
1Mb / 14P
   Motion SPMR 55 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com