Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FSB50550ASE Fiches technique(PDF) 1 Page - Fairchild Semiconductor

No de pièce FSB50550ASE
Description  Motion SPMR 5 Series
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSB50550ASE Fiches technique(HTML) 1 Page - Fairchild Semiconductor

  FSB50550ASE Datasheet HTML 1Page - Fairchild Semiconductor FSB50550ASE Datasheet HTML 2Page - Fairchild Semiconductor FSB50550ASE Datasheet HTML 3Page - Fairchild Semiconductor FSB50550ASE Datasheet HTML 4Page - Fairchild Semiconductor FSB50550ASE Datasheet HTML 5Page - Fairchild Semiconductor FSB50550ASE Datasheet HTML 6Page - Fairchild Semiconductor FSB50550ASE Datasheet HTML 7Page - Fairchild Semiconductor FSB50550ASE Datasheet HTML 8Page - Fairchild Semiconductor FSB50550ASE Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
©2013 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
FSB50550ASE Rev. C0
January 2014
FSB50550ASE
Motion SPM® 5 Series
Features
• UL Cerfified No. E209204 (UL1557)
• 500 V RDS(on) = 1.4 Max FRFET MOSFET 3-Phase
Inverter with Gate Drivers and Protection
• Built-In Bootstrap Diodes Simplify PCB Layout
• Separate Open-Source Pins from Low-Side MOSFETs
for Three-Phase Current-Sensing
• Active-HIGH Interface, Works with 3.3 / 5 V Logic,
Schmitt-trigger Input
• Optimized for Low Electromagnetic Interference
• HVIC Temperature-Sensing Built-In for Temperature
Monitoring
• HVIC for Gate Driving and Under-Voltage Protection
• Isolation Rating: 1500 Vrms / min.
• Moisture Sensitive Level (MSL) 3
• RoHS Compliant
Applications
• 3-Phase Inverter Driver for Small Power AC Motor
Drives
Related Source
• RD-FSB50450A - Reference Design for Motion SPM 5
Series Ver.2
• AN-9082 - Motion SPM5 Series Thermal Performance
by Contact Pressure
• AN-9080 - User’s Guide for Motion SPM 5 Series V2
General Description
The FSB50550ASE is an advanced Motion SPM® 5
module providing a fully-featured, high-performance
inverter output stage for AC Induction, BLDC and PMSM
motors. These modules integrate optimized gate drive of
the built-in MOSFETs (FRFET® technology) to minimize
EMI and losses, while also providing multiple on-module
protection features including under-voltage lockouts and
thermal
monitoring.
The
built-in,
high-speed
HVIC requires translates the incoming logic-level gate
inputs to the high-voltage, high-current drive signals
required
to
properly
drive
the
module's
internal
MOSFETs. Separate open-source MOSFET terminals
are available for each phase to support the widest
variety of control algorithms.
Package Marking & Ordering Information
Device Marking
Device
Package
Reel Size
Packing Type
Quantity
FSB50550ASE
FSB50550ASE
SPM5Q-023
330mm
TAPE-REEL
450


Numéro de pièce similaire - FSB50550ASE

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
FSB50550AS ONSEMI-FSB50550AS Datasheet
718Kb / 12P
   Motion SPM 5 Series
January 2014 Rev. C4
More results

Description similaire - FSB50550ASE

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FSB50325A FAIRCHILD-FSB50325A_14 Datasheet
1Mb / 12P
   Motion SPMR 5 Series
FSB50825A FAIRCHILD-FSB50825A Datasheet
459Kb / 10P
   Motion SPMR 5 Series
FSB50760SFS FAIRCHILD-FSB50760SFS Datasheet
745Kb / 10P
   Motion SPMR 5 SuperFETR Series
FSB50760SF FAIRCHILD-FSB50760SF Datasheet
866Kb / 11P
   Motion SPMR 5 SuperFETR Series
FSB50660SF FAIRCHILD-FSB50660SF Datasheet
866Kb / 11P
   Motion SPMR 5 SuperFETR Series
FSB50660SFS FAIRCHILD-FSB50660SFS Datasheet
745Kb / 10P
   Motion SPMR 5 SuperFETR Series
FNB51060T1 FAIRCHILD-FNB51060T1 Datasheet
1Mb / 14P
   Motion SPMR 55 Series
FNB51060TD1 FAIRCHILD-FNB51060TD1 Datasheet
842Kb / 15P
   Motion SPMR 55 Series
FNB51560T1 FAIRCHILD-FNB51560T1 Datasheet
1Mb / 14P
   Motion SPMR 55 Series
FNA51560T1 FAIRCHILD-FNA51560T1 Datasheet
781Kb / 15P
   Motion SPMR 55 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com