Moteur de recherche de fiches techniques de composants électroniques |
|
74F574 Fiches technique(PDF) 5 Page - National Semiconductor (TI) |
|
|
74F574 Fiches technique(HTML) 5 Page - National Semiconductor (TI) |
5 / 8 page Ordering Information The device number is used to form part of a simplified purchasing code where the package type and temperature range are defined as follows 74F 574 S C X Temperature Range Family Special Variations 74FeCommercial QB e Military grade device with 54FeMilitary environmental and burn-in processing Device Type Temperature Range Package Code CeCommercial (0 Cto a70 C) P e Plastic DIP MeMilitary (b55 Cto a125 C) D e Ceramic DIP F e Flatpak L e Leadless Chip Carrier (LCC) S e Small Outline JEDEC SJ e Small Outline SOIC EIAJ Physical Dimensions inches (millimeters) 20-Lead Ceramic Leadless Chip Carrier (L) NS Package Number E20A 5 |
Numéro de pièce similaire - 74F574 |
|
Description similaire - 74F574 |