Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SM30KPA78CAN Fiches technique(PDF) 2 Page - Protek Devices

No de pièce SM30KPA78CAN
Description  30kW SURFACE MOUNT POWER TVS COMPONENT
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PROTEC [Protek Devices]
Site Internet  http://www.protekdevices.com
Logo PROTEC - Protek Devices

SM30KPA78CAN Fiches technique(HTML) 2 Page - Protek Devices

  SM30KPA78CAN Datasheet HTML 1Page - Protek Devices SM30KPA78CAN Datasheet HTML 2Page - Protek Devices SM30KPA78CAN Datasheet HTML 3Page - Protek Devices SM30KPA78CAN Datasheet HTML 4Page - Protek Devices SM30KPA78CAN Datasheet HTML 5Page - Protek Devices SM30KPA78CAN Datasheet HTML 6Page - Protek Devices SM30KPA78CAN Datasheet HTML 7Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05435.R10 2/16
Page 2
SM30KPA30AN - SM30KPA320CAN
TYPICAL DEVICE CHARACTERISTICS
MAXIMUM RATINGS @ 25°C Unless Otherwise Specified
PARAMETER
SYMBOL
VALUE
UNITS
Peak Pulse Power (tp = 10/1000µs) - See Figure 1
P
PP
30,000
Watts
Forward Surge Rating
I
F
200
Amps
Steady State Power Dissipation
P
P
1.0
Watts
Storage Temperature
T
STG
-55 to 150
°C
Operating Temperature
T
L
-55 to 150
°C
ELECTRICAL CHARACTERISTICS PER LINE @ 25°C Unless Otherwise Specified
UNIDIRECTIONAL
PART
NUMBER
(Notes 1 - 2)
MARKING
CODE
RATED
STAND-OFF
VOLTAGE
V
WM
VOLTS
MINIMUM
BREAKDOWN
VOLTAGE
MAXIMUM
LEAKAGE
CURRENT
@V
WM
I
D
µA
MAXIMUM
CLAMPING
VOLTAGE
(Fig. 2)
@ 10/1000µS
V
C @ IPP
TEMPERATURE
COEFFICIENT
OF V
(BR)
qV
(BR)
mV/°C
MIN
V
(BR)
VOLTS
@I
T
mA
SM30KPA28AN
28A
28.0
31.3
50
20
50.0V @ 606.0A
31
SM30KPA30AN
30A
30.0
33.3
50
20
55.2V @ 543.0A
34
SM30KPA33AN
33A
33.0
36.7
50
10
58.6V @ 572.0A
39
SM30KPA36AN
36A
36.0
40.0
50
10
61.8V @ 485.0A
41
SM30KPA42AN
42A
42.0
46.9
50
10
72.0V @ 420.8A
49
SM30KPA43AN
43A
43.0
47.8
50
10
73.0V @ 410.0A
50
SM30KPA45AN
45A
45.0
50.3
5
10
77.4V @ 391.5A
53
SM30KPA48AN
48A
48.0
53.3
5
10
81.6V @ 371.3A
56
SM30KPA58AN
58A
58.0
64.4
5
10
92.4V @ 325.0A
68
SM30KPA64AN
64A
64.0
71.1
5
10
104.0V @ 294.0A
76
SM30KPA75AN
75A
75.0
83.3
5
10
119.4V @ 251.0A
89
NOTES
1. Devices shown are preferred voltages. Consult factory for additional voltages.
2. V
F(MAX) = 15 Volts @ 200A, 8.3ms (1/2 Sine Wave) - unidirectional configuration only.
RTCA DO-160G COMPLIANT PRODUCT


Numéro de pièce similaire - SM30KPA78CAN

FabricantNo de pièceFiches techniqueDescription
logo
Protek Devices
SM30KPA75A PROTEC-SM30KPA75A Datasheet
347Kb / 6P
   30kW SURFACE MOUNT POWER TVS COMPONENT
More results

Description similaire - SM30KPA78CAN

FabricantNo de pièceFiches techniqueDescription
logo
Protek Devices
SM30KPA30A PROTEC-SM30KPA30A Datasheet
347Kb / 6P
   30kW SURFACE MOUNT POWER TVS COMPONENT
P30KP30A PROTEC-P30KP30A Datasheet
404Kb / 5P
   30kW power tvs component
P30KP30A PROTEC-P30KP30A_15 Datasheet
298Kb / 6P
   30kW POWER TVS COMPONENT
30KPA30A PROTEC-30KPA30A_12 Datasheet
489Kb / 5P
   30kW power tvs component
30KPA30A PROTEC-30KPA30A_11 Datasheet
400Kb / 5P
   30kW power tvs component
P30KP260A PROTEC-P30KP260A Datasheet
405Kb / 5P
   30kW POWER TVS COMPONENT
SM15KPA17A PROTEC-SM15KPA17A_15 Datasheet
370Kb / 6P
   15kW SURFACE MOUNT POWER TVS COMPONENT
SM15KPA17AN PROTEC-SM15KPA17AN Datasheet
412Kb / 7P
   15kW SURFACE MOUNT POWER TVS COMPONENT
SM15KPA17A PROTEC-SM15KPA17A Datasheet
450Kb / 6P
   15kW SURFACE MOUNT POWER TVS COMPONENT
15KP PROTEC-15KP Datasheet
88Kb / 5P
   POWER TVS COMPONENT
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com